Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDA7429T13TR Arkusz danych(PDF) 7 Page - STMicroelectronics

Numer części TDA7429T13TR
Szczegółowy opis  DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SURROUND SOUND MATRIX
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7429T13TR Arkusz danych(HTML) 7 Page - STMicroelectronics

Back Button TDA7429T13TR Datasheet HTML 3Page - STMicroelectronics TDA7429T13TR Datasheet HTML 4Page - STMicroelectronics TDA7429T13TR Datasheet HTML 5Page - STMicroelectronics TDA7429T13TR Datasheet HTML 6Page - STMicroelectronics TDA7429T13TR Datasheet HTML 7Page - STMicroelectronics TDA7429T13TR Datasheet HTML 8Page - STMicroelectronics TDA7429T13TR Datasheet HTML 9Page - STMicroelectronics TDA7429T13TR Datasheet HTML 10Page - STMicroelectronics TDA7429T13TR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
7/22
TDA7429
SURROUND SOUND MATRIX
TEST CONDITION (Phase Resistor Selection D0=0, D1=1, D2=0. D3=1, D4=0, D5=1, D6=0, D7=1
RPS21
Phase Shifter 2: D3 = 0, D2 = 1
4.8
6.8
8.7
K
RPS22
Phase Shifter 2: D3 = 1, D2 = 0
6
8.4
10.9
K
RPS23
Phase Shifter 2: D3 = 1, D2 = 1
12.9
18.3
23.7
K
RPS30
Phase Shifter 3: D5 = 0, D4 = 0
8.5
12.1
15.6
K
RPS31
Phase Shifter 3: D5 = 0, D4 = 1
10.2
14.5
18.7
K
RPS32
Phase Shifter 3: D5 = 1, D4 = 0
12.7
18.1
23.3
K
RPS33
Phase Shifter 3: D5 = 1, D4 = 1
27.4
39.1
50.75
K
RPS40
Phase Shifter 4: D7 = 0, D6 = 0
8.5
12.1
15.6
K
RPS41
Phase Shifter 4: D7 = 0, D6 = 1
10.2
14.5
18.7
K
RPS42
Phase Shifter 4: D7 = 1, D6 = 0
12.7
18.1
23.3
K
RPS43
Phase Shifter 4: D7 = 1, D6 = 1
27.4
39.1
50.75
K
GOFF
In-phase Gain (OFF)
Mode OFF, Input signal of 1kHz,
1.4 Vp-p, Rin → Rout , Lin → Lout
-1
0
1
dB
DGOFF
LR In-phase Gain Difference
(OFF)
Mode OFF, Input signal of 1kHz,
1.4 Vp-p, Rin → Rout , Lin → Lout
-1
0
1
dB
GMOV
In-phase Gain (Movie)
Movie mode, Effect Ctrl = -6dB
1kHz, 1.4 Vp-p,
Rin → Rout , Lin → Lout
8dB
DGMOV
LR In-phase Gain Difference
(Movie)
Movie mode, Effect Ctrl = -6dB
Input signal of 1kHz, 1.4 Vp-p
(Rin → Rout) - (Lin → Lout)
0dB
GMUS
In-phase Gain (Music)
Music mode, Effect Ctrl = -6dB
Input signal of 1kHz, 1.4 Vp-p
(Rin → Rout) , (Lin → Lout)
7dB
DGMUS
LR In-phase Gain Difference
(Music)
Music mode, Effect Ctrl = -6dB
Input signal of 1kHz, 1.4 Vp-p
(Rin → Rout) , (Lin → Lout)
0dB
LMON1
Simulated L Output 1
Simulated Mode, Effect Ctrl = -6dB
Input signal of 250Hz,
1.4 Vp-p, Rin and Lin
Lout
4.5
dB
LMON2
Simulated L Output 2
Simulated Mode, Effect Ctrl = -6dB
Input signal of 1kHz,
1.4 Vp-p, Rin and Lin
L
out
–4.0
dB
LMON3
Simulated L Output 3
Simulated Mode, Effect Ctrl = -6dB
Input signal of 3.6kHz,
1.4 Vp-p, Rin and Lin
L
out
7.0
dB
RMON1
Simulated R Output 1
Simulated Mode, Effect Ctrl = -6dB
Input signal of 250Hz,
1.4 Vp-p, Rin and Lin
R
out
– 4.5
dB
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit


Podobny numer części - TDA7429T13TR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
TDA7429T STMICROELECTRONICS-TDA7429T Datasheet
160Kb / 20P
   DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SURROUND SOUND MATRIX
July 1999
More results

Podobny opis - TDA7429T13TR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
TDA7429S STMICROELECTRONICS-TDA7429S Datasheet
160Kb / 20P
   DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SURROUND SOUND MATRIX
July 1999
TDA7345 STMICROELECTRONICS-TDA7345 Datasheet
122Kb / 18P
   DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SURROUND SOUND MATRIX
November 1999
TDA7430 STMICROELECTRONICS-TDA7430 Datasheet
168Kb / 21P
   DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SURROUND SOUND MATRIX AND VOICE CANCELLER
September 1999
TDA7430 STMICROELECTRONICS-TDA7430_04 Datasheet
231Kb / 23P
   DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SURROUND SOUND MATRIX AND VOICE CANCELLER
TDA7344 STMICROELECTRONICS-TDA7344 Datasheet
201Kb / 20P
   DIGITAL CONTROLLED AUDIO PROCESSOR WITH SURROUND SOUND MATRIX
logo
NEC
UPC1892 NEC-UPC1892 Datasheet
299Kb / 42P
   MATRIX SURROUND SOUND PROCESSOR WITH SOUND PROCESSOR
logo
STMicroelectronics
TDA7466 STMICROELECTRONICS-TDA7466_03 Datasheet
345Kb / 21P
   DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SRS SURROUND SOUND AND VOICE CANCELLER
September 2003
TDA7464 STMICROELECTRONICS-TDA7464 Datasheet
174Kb / 21P
   DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SRS SURROUND SOUND AND VOICE CANCELLER
TDA7465 STMICROELECTRONICS-TDA7465 Datasheet
179Kb / 20P
   DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SRS SURROUND SOUND AND VOICE CANCELLER
TDA7466 STMICROELECTRONICS-TDA7466 Datasheet
183Kb / 21P
   DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SRS SURROUND SOUND AND VOICE CANCELLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com