Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SA1202 Arkusz danych(PDF) 3 Page - Toshiba Semiconductor

Numer części 2SA1202
Szczegółowy opis  Power Amplifier Applications Voltage Amplifier Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SA1202 Arkusz danych(HTML) 3 Page - Toshiba Semiconductor

  2SA1202_09 Datasheet HTML 1Page - Toshiba Semiconductor 2SA1202_09 Datasheet HTML 2Page - Toshiba Semiconductor 2SA1202_09 Datasheet HTML 3Page - Toshiba Semiconductor 2SA1202_09 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SA1202
2009-12-21
3
Collector-emitter voltage VCE (V)
Collector current IC (mA)
Collector-emitter voltage VCE (V)
IC – VCE
Base-emitter voltage VBE (V)
IC – VBE
Safe Operating Area
hFE – IC
Collector current IC (mA)
VCE (sat) – IC
Ambient temperature Ta (°C)
PC – Ta
0
−8
−4
−2
0
−200
−400
Common emitter
Ta
= 25°C
−300
−6
−100
−10
IB = −0.5 mA
0
−5
−3
−2
−1
−12
Common emitter
VCE = −2 V
−1
300
−10
−300
−3
50
10
−30
−100
100
500
Ta
= 100°C
25
−25
30
−1
−0.5
−10
−300
−3
−0.1
−0.01
−30
−100
−0.3
−1
Ta
= 100°C
25
−25
−0.03
Common emitter
IC/IB = 10
−0.05
0
−0.8
−0.4
−0.2
0
−200
−400
Common emitter
VCE = −2 V
−300
−0.6
−100
−1.0
−1.2
Ta
= 100°C
25
−25
0
0
0.6
0.2
0.8
0.4
1.2
1.0
120
80
100
40
60
20
140
160
(1) Mounted on a ceramic
substrate (250 mm
2
× 0.8 t)
(2) No heat sink
(1)
(2)
*: Single nonrepetitive pulse
Ta
= 25°C
Curves must be derated linearly
with increase in temperature.
Tested without a substrate.
−0.5
−1
−10
−1
−100
−300
−3
−30
−10
−100
−5
−50
IC max (pulse)*
IC max (continuous)
100 ms*
1 ms*
10 ms*
VCEO max
−30
−3
−300
−2000
−1000
−500
DC
operation
Ta
= 25°C


Podobny numer części - 2SA1202_09

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
2SA1202 TOSHIBA-2SA1202_07 Datasheet
130Kb / 4P
   Power Amplifier Applications Voltage Amplifier Applications
More results

Podobny opis - 2SA1202_09

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Unisonic Technologies
2SC2881 UTC-2SC2881_15 Datasheet
175Kb / 4P
   VOLTAGE AMPLIFIER APPLICATIONS POWER AMPLIFIER APPLICATIONS
logo
Toshiba Semiconductor
2SC2881 TOSHIBA-2SC2881_04 Datasheet
146Kb / 4P
   Voltage Amplifier Applications Power Amplifier Applications
2SC2882 TOSHIBA-2SC2882_04 Datasheet
125Kb / 4P
   Power Amplifier Applications Voltage Amplifier Applications
2SA1201 TOSHIBA-2SA1201_07 Datasheet
146Kb / 4P
   Voltage Amplifier Applications Power Amplifier Applications
logo
Unisonic Technologies
2SC2881 UTC-2SC2881 Datasheet
115Kb / 3P
   VOLTAGE AMPLIFIER APPLICATIONS POWER AMPLIFIER APPLICATIONS
logo
Toshiba Semiconductor
2SA1201 TOSHIBA-2SA1201_09 Datasheet
158Kb / 4P
   Voltage Amplifier Applications Power Amplifier Applications
2SA1202 TOSHIBA-2SA1202_07 Datasheet
130Kb / 4P
   Power Amplifier Applications Voltage Amplifier Applications
2SA817A TOSHIBA-2SA817A_07 Datasheet
122Kb / 4P
   Driver-Stage Amplifier Applications Voltage Amplifier Applications
logo
Guangdong Kexin Industr...
2SA1201 KEXIN-2SA1201 Datasheet
366Kb / 2P
   Voltage Amplifier Applications
logo
SHIKUES Electronics
2SC2881 SKTECHNOLGY-2SC2881 Datasheet
381Kb / 2P
   Voltage Amplifier Applications
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com