Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LVC1G00_1012 Arkusz danych(PDF) 1 Page - Diodes Incorporated

Numer części 74LVC1G00_1012
Szczegółowy opis  SINGLE 2 INPUT POSITIVE NAND GATE
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DIODES [Diodes Incorporated]
Strona internetowa  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC1G00_1012 Arkusz danych(HTML) 1 Page - Diodes Incorporated

  74LVC1G00_1012 Datasheet HTML 1Page - Diodes Incorporated 74LVC1G00_1012 Datasheet HTML 2Page - Diodes Incorporated 74LVC1G00_1012 Datasheet HTML 3Page - Diodes Incorporated 74LVC1G00_1012 Datasheet HTML 4Page - Diodes Incorporated 74LVC1G00_1012 Datasheet HTML 5Page - Diodes Incorporated 74LVC1G00_1012 Datasheet HTML 6Page - Diodes Incorporated 74LVC1G00_1012 Datasheet HTML 7Page - Diodes Incorporated 74LVC1G00_1012 Datasheet HTML 8Page - Diodes Incorporated 74LVC1G00_1012 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
74LVC1G00
SINGLE 2 INPUT POSITIVE NAND GATE
74LVC1G00
Document number: DS32196 Rev. 2 - 2
1 of 14
www.diodes.com
December 2010
© Diodes Incorporated
Description
The 74LVC1G00 is a single 2-input positive NAND gate with
a standard totem pole output. The device is designed for
operation with a power supply range of 1.65V to 5.5V. The
inputs are tolerant to 5.5V allowing this device to be used in a
mixed voltage environment. The device is fully specified for
partial power down applications using IOFF. The IOFF circuitry
disables the output preventing damaging current backflow
when the device is powered down.
The gate performs the positive Boolean function:
B
A
Y
=
or
B
A
Y
+
=
Features
Wide Supply Voltage Range from 1.65 to 5.5V
± 24mA Output Drive at 3.3V
CMOS low power consumption
IOFF Supports Partial-Power-Down Mode Operation
Inputs accept up to 5.5V
ESD Protection Tested per JESD 22
Exceeds 200-V Machine Model (A115-A)
Exceeds 2000-V Human Body Model (A114-A)
Latch-Up Exceeds 100mA per JESD 78, Class II
Range of Package Options
Direct Interface with TTL Levels
SOT25, SOT353, and DFN1410: Assembled with “Green”
Molding Compound (no Br, Sb)
Lead Free Finish/ RoHS Compliant (Note 1)
Pin Assignments
SOT25 / SOT353
A
GND
Y
Vcc
(Top View)
5
4
3
2
1
B
2
3
(Top View)
DFN1410 (Note 2)
A
B
GND
Y
Vcc
NC
4
6
5
1
Applications
Voltage Level Shifting
General Purpose Logic
Power Down Signal Isolation
Wide array of products such as.
o
PCs, networking, notebooks, netbooks, PDAs
o
Computer peripherals, hard drives, CD/DVD ROM
o
TV, DVD, DVR, set top box
o
Cell Phones, Personal Navigation / GPS
o
MP3 players ,Cameras, Video Recorders
Notes:
1. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied. Please visit our website at
http://www.diodes.com/products/lead_free.html.
2. Pin 2 and pin 5 of the DFN1410 package are internally connected.


Podobny numer części - 74LVC1G00_1012

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74LVC1G00 NXP-74LVC1G00_10 Datasheet
425Kb / 17P
   Single 2-input NAND gate
Rev. 8-20 October 2010
More results

Podobny opis - 74LVC1G00_1012

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74LVC1G00 TI-SN74LVC1G00_10 Datasheet
668Kb / 16P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NAND GATE
SN74LVC1G00_101 TI-SN74LVC1G00_101 Datasheet
667Kb / 16P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NAND GATE
logo
Diodes Incorporated
74LVCE1G00SE-7 DIODES-74LVCE1G00SE-7 Datasheet
275Kb / 14P
   SINGLE 2 INPUT POSITIVE NAND GATE
74AUP1G00 DIODES-74AUP1G00 Datasheet
206Kb / 11P
   SINGLE 2 INPUT POSITIVE NAND GATE
logo
Texas Instruments
SN74AHCT1G00 TI1-SN74AHCT1G00_18 Datasheet
1Mb / 25P
[Old version datasheet]   Single 2-Input Positive-NAND Gate
logo
Diodes Incorporated
74LVC1G00Q DIODES-74LVC1G00Q Datasheet
528Kb / 9P
   SINGLE 2 INPUT POSITIVE NAND GATE
June 2020 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G00 TI-SN74LVC1G00 Datasheet
443Kb / 17P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NAND GATE
SN74AHC1G00-Q1 TI-SN74AHC1G00-Q1 Datasheet
117Kb / 6P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NAND GATE
SN74AHCT1G00 TI1-SN74AHCT1G00_15 Datasheet
1,001Kb / 20P
[Old version datasheet]   Single 2-Input Positive-NAND Gate
logo
Diodes Incorporated
74AHC1G00Q DIODES-74AHC1G00Q Datasheet
523Kb / 9P
   SINGLE 2-INPUT POSITIVE NAND GATE
August 2020 Rev. 1 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com