Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LVC1G10FW4 Arkusz danych(PDF) 9 Page - Diodes Incorporated

Numer części 74LVC1G10FW4
Szczegółowy opis  SINGLE 3 INPUT POSITIVE NAND GATE
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DIODES [Diodes Incorporated]
Strona internetowa  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC1G10FW4 Arkusz danych(HTML) 9 Page - Diodes Incorporated

Back Button 74LVC1G10FW4 Datasheet HTML 5Page - Diodes Incorporated 74LVC1G10FW4 Datasheet HTML 6Page - Diodes Incorporated 74LVC1G10FW4 Datasheet HTML 7Page - Diodes Incorporated 74LVC1G10FW4 Datasheet HTML 8Page - Diodes Incorporated 74LVC1G10FW4 Datasheet HTML 9Page - Diodes Incorporated 74LVC1G10FW4 Datasheet HTML 10Page - Diodes Incorporated 74LVC1G10FW4 Datasheet HTML 11Page - Diodes Incorporated 74LVC1G10FW4 Datasheet HTML 12Page - Diodes Incorporated 74LVC1G10FW4 Datasheet HTML 13Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
74LVC1G10
SINGLE 3 INPUT POSITIVE NAND GATE
74LVC1G10
Document number: DS35121 Rev. 1 - 2
9 of 14
www.diodes.com
December 2010
© Diodes Incorporated
Ordering Information
74LVC1G 10 XXX -7
W6 : SOT26
Function
Package
7 : Tape & Reel
Packing
DW : SOT363
Logic Device
74 : Logic Prefix
LVC : 1.65 to 5.5V
Family
1G : One gate
10 : 3-Input
NAND-Gate
FW4 : DFN1010
Device
Package
Code
Packaging
(Note 7)
7” Tape and Reel
Quantity
Part Number Suffix
74LVC1G10W6-7
W6
SOT26
3000/Tape & Reel
-7
74LVC1G10DW-7
DW
SOT363
3000/Tape & Reel
-7
74LVC1G10FW4-7
FW4
DFN1010
5000/Tape & Reel
-7
Notes:
7. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.


Podobny numer części - 74LVC1G10FW4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Diodes Incorporated
74LVC1G10FW4-7 DIODES-74LVC1G10FW4-7 Datasheet
314Kb / 13P
   SINGLE 3 INPUT POSITIVE NAND GATE
More results

Podobny opis - 74LVC1G10FW4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74LVC1G10 TI-SN74LVC1G10_10 Datasheet
675Kb / 15P
[Old version datasheet]   SINGLE 3-INPUT POSITIVE-NAND GATE
SN74LVC1G10 TI1-SN74LVC1G10_15 Datasheet
1Mb / 25P
[Old version datasheet]   Single 3-Input Positive-NAND Gate
logo
Diodes Incorporated
74LVC1G10_1107 DIODES-74LVC1G10_1107 Datasheet
314Kb / 13P
   SINGLE 3 INPUT POSITIVE NAND GATE
logo
Unisonic Technologies
U74LVC1G10 UTC-U74LVC1G10 Datasheet
187Kb / 6P
   SINGLE 3-INPUT POSITIVE-NAND GATE
logo
Texas Instruments
SN74LVC1G10 TI-SN74LVC1G10 Datasheet
252Kb / 11P
[Old version datasheet]   SINGLE 3 INPUT POSITIVE NAND GATE
SN74LVC10A TI-SN74LVC10A Datasheet
345Kb / 12P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NAND GATE
SN54LV10A TI-SN54LV10A_07 Datasheet
474Kb / 15P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NAND GATE
SN74HC10-EP TI1-SN74HC10-EP Datasheet
540Kb / 11P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NAND GATE
SN54LV10A TI-SN54LV10A Datasheet
332Kb / 13P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NAND GATE
SN74ALVC10 TI-SN74ALVC10 Datasheet
110Kb / 7P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NAND GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com