Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADC1410S105 Arkusz danych(PDF) 7 Page - NXP Semiconductors

Numer części ADC1410S105
Szczegółowy opis  Single 14-bit ADC 65, 80, 105 or 125 Msps CMOS or LVDS DDR digital outputs
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

ADC1410S105 Arkusz danych(HTML) 7 Page - NXP Semiconductors

Back Button ADC1410S105 Datasheet HTML 3Page - NXP Semiconductors ADC1410S105 Datasheet HTML 4Page - NXP Semiconductors ADC1410S105 Datasheet HTML 5Page - NXP Semiconductors ADC1410S105 Datasheet HTML 6Page - NXP Semiconductors ADC1410S105 Datasheet HTML 7Page - NXP Semiconductors ADC1410S105 Datasheet HTML 8Page - NXP Semiconductors ADC1410S105 Datasheet HTML 9Page - NXP Semiconductors ADC1410S105 Datasheet HTML 10Page - NXP Semiconductors ADC1410S105 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
ADC1410S065_080_105_125_2
© NXP B.V. 2009. All rights reserved.
Objective data sheet
Rev. 02 — 4 June 2009
7 of 35
NXP Semiconductors
ADC1410S065/080/105/125
Single 14-bit ADC 65, 80, 105 or 125 Msps
9.
Static characteristics
Table 6.
Static characteristics
Typical values measured at VDDA =3V, VDDO = 1.8 V, Tamb =25 °C and CL = 5 pF; min and max values are across the full
temperature range Tamb = −40 °C to +85 °C at VDDA = 3 V, VDDO = 1.8 V; VINP − VINM = −1 dBFS; internal reference mode;
applied to CMOS and LVDS interface; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Supplies
VDDA
analog supply voltage
2.85
3.0
3.4
V
VDDO
output supply voltage
CMOS mode
1.65
1.8
3.6
V
LVDS DDR mode
2.85
3.0
3.6
V
IDDA
analog supply current
fclk = 125 Msps; fi =70 MHz
-
185
-
mA
IDDO
output supply current
CMOS mode;
fclk = 125 Msps; fi =70 MHz
-20
-
mA
LVDS DDR mode:
fclk = 125 Msps; fi =70 MHz
-35
-
mA
P
power dissipation
ADC1410S125
-
557
-
mW
ADC1410S105
-
488
-
mW
ADC1410S080
-
387
-
mW
ADC1410S065
-
336
-
mW
Power-down mode
-
2
-
mW
Sleep mode
-
40
-
mW
Clock inputs: pins CLKP and CLKM
AC coupled; LVPECL, LVDS and sine wave
Vi(clk)dif
differential clock input voltage
peak-to-peak
0.2
0.8
<tbd>
V
LVCMOS
VI
input voltage
0.3VDDA
-
0.7VDDA V
Logic Inputs: pins PWD and OE
VIL
LOW-level input voltage
0
-
0.8
V
VIH
HIGH-level input voltage
2
-
VDDA
V
IIL
LOW-level input current
<tbd>
-
<tbd>
µA
IIH
HIGH-level input current
−10
-
+10
µA
Serial Peripheral Interface: pins CS, SDIO/ODS, SCLK/DFS
VIL
LOW-level input voltage
0
-
0.3VDDA V
VIH
HIGH-level input voltage
0.7VDDA
-VDDA
V
IIL
LOW-level input current
−10
-
+10
µA
IIH
HIGH-level input current
−50
-
+50
µA
CI
input capacitance
-
4
-
pF
Digital Outputs: CMOS mode - pins D13 to D0, OTR, DAV
Output levels, VDDO = 3 V
VOL
LOW-level output voltage
IOL = <tbd>
OGND
-
0.2VDDO V
VOH
HIGH-level output voltage
IOH = <tbd>
0.8VDDO
-VDDO
V
IOL
LOW-level output current
3-state; output level = 0 V
-
<tbd>
-
µA
IOH
HIGH-level output current
3-state; output level = VDDA
-
<tbd>
-
µA


Podobny numer części - ADC1410S105

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Integrated Device Techn...
ADC1410S105HN-C1 IDT-ADC1410S105HN-C1 Datasheet
539Kb / 38P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
logo
NXP Semiconductors
ADC1410S105HN/C1 NXP-ADC1410S105HN/C1 Datasheet
290Kb / 37P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 03-12 April 2010
More results

Podobny opis - ADC1410S105

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
ADC1410S NXP-ADC1410S Datasheet
290Kb / 37P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 03-12 April 2010
logo
Integrated Device Techn...
ADC1410S IDT-ADC1410S Datasheet
539Kb / 38P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
logo
Renesas Technology Corp
ADC1410S RENESAS-ADC1410S Datasheet
543Kb / 38P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
2 July 2012
logo
NXP Semiconductors
ADC1412D065 NXP-ADC1412D065 Datasheet
295Kb / 37P
   Dual 14-bit ADC 65, 80, 105 or 125 Msps CMOS or LVDS DDR digital outputs
Rev. 02-4 June 2009
logo
Integrated Device Techn...
ADC1412D IDT-ADC1412D Datasheet
605Kb / 41P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
logo
Renesas Technology Corp
ADC1412D RENESAS-ADC1412D Datasheet
609Kb / 41P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
2 July 2012
logo
NXP Semiconductors
ADC1412D NXP-ADC1412D Datasheet
1Mb / 40P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 03-6 August 2010
ADC1210S NXP-ADC1210S Datasheet
288Kb / 36P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 01-9 April 2010
logo
Renesas Technology Corp
ADC1210S RENESAS-ADC1210S Datasheet
390Kb / 37P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
2 July 2012
logo
Integrated Device Techn...
ADC1210S IDT-ADC1210S Datasheet
386Kb / 37P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com