Zakładka z wyszukiwarką danych komponentów |
|
74AUP1G97 Arkusz danych(PDF) 7 Page - NXP Semiconductors |
|
74AUP1G97 Arkusz danych(HTML) 7 Page - NXP Semiconductors |
7 / 22 page 74AUP1G97 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2011. All rights reserved. Product data sheet Rev. 6 — 10 January 2011 7 of 22 NXP Semiconductors 74AUP1G97 Low-power configurable multiple function gate VOL LOW-level output voltage VI = VT+ or VT− IO = 20 μA; VCC = 0.8 V to 3.6 V - - 0.1 V IO = 1.1 mA; VCC = 1.1 V - - 0.3VCC V IO = 1.7 mA; VCC = 1.4 V - - 0.37 V IO = 1.9 mA; VCC = 1.65 V - - 0.35 V IO = 2.3 mA; VCC = 2.3 V - - 0.33 V IO = 3.1 mA; VCC = 2.3 V - - 0.45 V IO = 2.7 mA; VCC = 3.0 V - - 0.33 V IO = 4.0 mA; VCC = 3.0 V - - 0.45 V II input leakage current VI = GND to 3.6 V; VCC = 0 V to 3.6 V - - ±0.5 μA IOFF power-off leakage current VI or VO = 0 V to 3.6 V; VCC = 0 V - - ±0.5 μA ΔI OFF additional power-off leakage current VI or VO = 0 V to 3.6 V; VCC =0Vto0.2 V -- ±0.6 μA ICC supply current VI = GND or VCC; IO = 0 A; VCC = 0.8 V to 3.6 V -- 0.9 μA ΔI CC additional supply current VI = VCC − 0.6 V; IO = 0 A; VCC =3.3 V [1] -- 50 μA Tamb = −40 °C to +125 °C VOH HIGH-level output voltage VI = VT+ or VT− IO = −20 μA; VCC = 0.8 V to 3.6 V VCC − 0.11 - - V IO = −1.1 mA; VCC = 1.1 V 0.6VCC -- V IO = −1.7 mA; VCC = 1.4 V 0.93 - - V IO = −1.9 mA; VCC = 1.65 V 1.17 - - V IO = −2.3 mA; VCC = 2.3 V 1.77 - - V IO = −3.1 mA; VCC = 2.3 V 1.67 - - V IO = −2.7 mA; VCC = 3.0 V 2.40 - - V IO = −4.0 mA; VCC = 3.0 V 2.30 - - V VOL LOW-level output voltage VI = VT+ or VT− IO = 20 μA; VCC = 0.8 V to 3.6 V - - 0.11 V IO = 1.1 mA; VCC = 1.1 V - - 0.33VCC V IO = 1.7 mA; VCC = 1.4 V - - 0.41 V IO = 1.9 mA; VCC = 1.65 V - - 0.39 V IO = 2.3 mA; VCC = 2.3 V - - 0.36 V IO = 3.1 mA; VCC = 2.3 V - - 0.50 V IO = 2.7 mA; VCC = 3.0 V - - 0.36 V IO = 4.0 mA; VCC = 3.0 V - - 0.50 V II input leakage current VI = GND to 3.6 V; VCC = 0 V to 3.6 V - - ±0.75 μA IOFF power-off leakage current VI or VO = 0 V to 3.6 V; VCC = 0 V - - ±0.75 μA Table 8. Static characteristics …continued At recommended operating conditions; voltages are referenced to GND (ground = 0 V). Symbol Parameter Conditions Min Typ Max Unit |
Podobny numer części - 74AUP1G97_11 |
|
Podobny opis - 74AUP1G97_11 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |