Zakładka z wyszukiwarką danych komponentów |
|
2SC3265 Arkusz danych(PDF) 1 Page - Toshiba Semiconductor |
|
2SC3265 Arkusz danych(HTML) 1 Page - Toshiba Semiconductor |
1 / 3 page 2SC3265 2003-03-25 1 TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT process) 2SC3265 Low Frequency Power Amplifier Applications Power Switching Applications · High DC current gain: hFE (1) = 100~320 · Low saturation voltage: VCE (sat) = 0.4 V (max) (IC = 500 mA, IB = 20 mA) · Complementary to 2SA1298 Maximum Ratings (Ta ==== 25°C) Characteristics Symbol Rating Unit Collector-base voltage VCBO 30 V Collector-emitter voltage VCEO 25 V Emitter-base voltage VEBO 5 V Collector current IC 800 mA Base current IB 160 mA Collector power dissipation PC 200 mW Junction temperature Tj 150 °C Storage temperature range Tstg -55~150 °C Electrical Characteristics (Ta ==== 25°C) Characteristics Symbol Test Condition Min Typ. Max Unit Collector cut-off current ICBO VCB = 30 V, IE = 0 ¾ ¾ 0.1 mA Emitter cut-off current IEBO VEB = 5 V, IC = 0 ¾ ¾ 0.1 mA Collector-emitter breakdown voltage V (BR) CEO IC = 10 mA, IB = 0 25 ¾ ¾ V Emitter-base breakdown voltage V (BR) EBO IE = 0.1 mA, IC = 0 5 ¾ ¾ V hFE (1) (Note) VCE = 1 V, IC = 100 mA 100 ¾ 320 DC current gain hFE (2) VCE = 1 V, IC = 800 mA 40 ¾ ¾ Collector-emitter saturation voltage VCE (sat) IC = 500 mA, IB = 20 mA ¾ ¾ 0.4 V Base-emitter voltage VBE VCE = 1 V, IC = 10 mA 0.5 ¾ 0.8 V Transition frequency fT VCE = 5 V, IC = 10 mA ¾ 120 ¾ MHz Collector output capacitance Cob VCB = 10 V, IE = 0, f = 1 MHz ¾ 13 ¾ pF Note: hFE (1) classification O: 100~200, Y: 160~320 Marking Unit: mm JEDEC TO-236MOD JEITA SC-59 TOSHIBA 2-3F1A Weight: 0.012 g (typ.) |
Podobny numer części - 2SC3265_03 |
|
Podobny opis - 2SC3265_03 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |