Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SC3303 Arkusz danych(PDF) 1 Page - Toshiba Semiconductor

Numer części 2SC3303
Szczegółowy opis  High Current Switching Applications DC-DC Converter Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC3303 Arkusz danych(HTML) 1 Page - Toshiba Semiconductor

  2SC3303_05 Datasheet HTML 1Page - Toshiba Semiconductor 2SC3303_05 Datasheet HTML 2Page - Toshiba Semiconductor 2SC3303_05 Datasheet HTML 3Page - Toshiba Semiconductor 2SC3303_05 Datasheet HTML 4Page - Toshiba Semiconductor 2SC3303_05 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2SC3303
2005-02-01
1
TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT process)
2SC3303
High Current Switching Applications
DC-DC Converter Applications
• Low collector saturation voltage: VCE (sat) = 0.4 V (max) (IC = 3 A)
• High speed switching time: tstg = 1.0 µs (typ.)
Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Collector-base voltage
VCBO
100
V
Collector-emitter voltage
VCEO
80
V
Emitter-base voltage
VEBO
7
V
DC
IC
5
Collector current
Pulse
ICP
8
A
Base current
IB
1
A
Ta = 25°C
1.0
Collector power
dissipation
Tc = 25°C
PC
20
W
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Industrial Applications
Unit: mm
JEDEC
JEITA
TOSHIBA
2-7B1A
Weight: 0.36 g (typ.)
JEDEC
JEITA
TOSHIBA
2-7J1A
Weight: 0.36 g (typ.)


Podobny numer części - 2SC3303_05

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Inchange Semiconductor ...
2SC3303-252 ISC-2SC3303-252 Datasheet
262Kb / 2P
   Silicon NPN Power Transistor
logo
SeCoS Halbleitertechnol...
2SC3303-O SECOS-2SC3303-O Datasheet
83Kb / 1P
   5A , 100V NPN Epitaxial Planar Silicon Transistor
logo
Micro Commercial Compon...
2SC3303-O MCC-2SC3303-O Datasheet
438Kb / 3P
   NPN Plastic-Encapsulate Transistors
logo
SeCoS Halbleitertechnol...
2SC3303-Y SECOS-2SC3303-Y Datasheet
83Kb / 1P
   5A , 100V NPN Epitaxial Planar Silicon Transistor
logo
Micro Commercial Compon...
2SC3303-Y MCC-2SC3303-Y Datasheet
438Kb / 3P
   NPN Plastic-Encapsulate Transistors
More results

Podobny opis - 2SC3303_05

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
2SA1934 TOSHIBA-2SA1934 Datasheet
160Kb / 5P
   High-Current Switching Applications DC-DC Converter Applications
2SC6000 TOSHIBA-2SC6000 Datasheet
181Kb / 5P
   High Speed Switching Applications DC-DC Converter Applications
2SA2069 TOSHIBA-2SA2069_06 Datasheet
154Kb / 5P
   High-Speed Switching Applications DC-DC Converter Applications
2SA2066 TOSHIBA-2SA2066_09 Datasheet
162Kb / 5P
   High-Speed Switching Applications DC-DC Converter Applications
2SA2069 TOSHIBA-2SA2069 Datasheet
196Kb / 5P
   High-Speed Switching Applications DC-DC Converter Applications
2SA2070 TOSHIBA-2SA2070_10 Datasheet
162Kb / 5P
   High-Speed Switching Applications DC-DC Converter Applications
2SC6133 TOSHIBA-2SC6133 Datasheet
146Kb / 4P
   High-Speed Switching Applications DC-DC Converter Applications
TPCS8007-H TOSHIBA-TPCS8007-H Datasheet
235Kb / 7P
   High-Speed Switching Applications Switching Regulator Applications DC/DC Converter Applications
TPCS8009-H TOSHIBA-TPCS8009-H Datasheet
235Kb / 7P
   High-Speed Switching Applications Switching Regulator Applications DC/DC Converter Applications
TPCS8008-H TOSHIBA-TPCS8008-H_09 Datasheet
228Kb / 7P
   High-Speed Switching Applications Switching Regulator Applications DC-DC Converter Applications
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com