Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LA7577N Arkusz danych(PDF) 10 Page - Sanyo Semicon Device

Numer części LA7577N
Szczegółowy opis  Super-split PLL-II VIF and SIF IF Signal Processor for TV/VTRs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA7577N Arkusz danych(HTML) 10 Page - Sanyo Semicon Device

Back Button LA7577N Datasheet HTML 6Page - Sanyo Semicon Device LA7577N Datasheet HTML 7Page - Sanyo Semicon Device LA7577N Datasheet HTML 8Page - Sanyo Semicon Device LA7577N Datasheet HTML 9Page - Sanyo Semicon Device LA7577N Datasheet HTML 10Page - Sanyo Semicon Device LA7577N Datasheet HTML 11Page - Sanyo Semicon Device LA7577N Datasheet HTML 12Page - Sanyo Semicon Device LA7577N Datasheet HTML 13Page - Sanyo Semicon Device LA7577N Datasheet HTML 14Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
LA7577N
No. 4037—10/16
RF AGC Variable Resistor (Pin 4)
The operating point of the RF AGC can be adjusted using
a variable resistor connected to pin 4 as shown in Figure
11. When pin 4 is pulled to 0.5V or lower, both the FM
and video outputs are muted.
VIF Input (Pins 5 and 6)
The VIF amplifier inputs on pins 5 and 6 should be capac-
itively coupled to block DC. The input signal is the aver-
age of the signals on these inputs. The input resistance is
approximately 1.5k
Ω and the input capacitance is approxi-
mately 3pF.
1st SIF Input (Pin 8)
The 1st SIF amplifier input on pin 8, shown in Figure 13,
should be capacitively coupled to block DC. If a SAW fil-
ter is used, an inductor should also be connected as shown
in Figure 14. This matches the SAW filter output capaci-
tance to the LA7577N input capacitance and increases the
sensitivity. The inductor typically would be 0.62
µH (for
Japan), 1.0
µH (for the USA) or 1.3µH (for PAL countries).
Figure 11. RF AGC adjustment
Figure 12. VIF stage
RF AGC Output (Pin 10)
The RF AGC output on pin 10 is an emitter follower with a
200
Ω series protection resistor as shown in Figure 15. The
value of the bleeder resistor connected between pin 10 and
the tuner, shown in Figure 16, should be chosen based on
the tuner maximum gain.
Figure 13. 1st SIF stage
Figure 14. SAW filter matching
Figure 15. RF AGC output
Figure 16. Bleeder resistor connection


Podobny numer części - LA7577N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LA7570 SANYO-LA7570 Datasheet
274Kb / 11P
   TV,VTR IF Signal Processor (Super Split PLL VIFSIF)
LA75710VA SANYO-LA75710VA Datasheet
276Kb / 10P
   Monolithic Linear IC NTSC Support TV and VCR VIF/SIF Signal Processing IC
LA7575 SANYO-LA7575 Datasheet
372Kb / 16P
   Super-split, PLL-II Video and Sound IF Signal Processor
LA7578N SANYO-LA7578N Datasheet
253Kb / 18P
   IF Signal Processing (Super PLL-II VIF SIF) Circuit for TVs and VCRs
More results

Podobny opis - LA7577N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LA7570 SANYO-LA7570 Datasheet
274Kb / 11P
   TV,VTR IF Signal Processor (Super Split PLL VIFSIF)
LA75676VA SANYO-LA75676VA Datasheet
99Kb / 10P
   IF Signal Processor (VIFSIF) for TV and VCR Products
LA7545 SANYO-LA7545 Datasheet
253Kb / 11P
   VTR/TV IF Signal Processor (VIFSIF)
LA75676M SANYO-LA75676M Datasheet
98Kb / 9P
   For TV and VCR Products IF Signal Processor (VIFSIF)
LA75676V SANYO-LA75676V_07 Datasheet
103Kb / 9P
   For TV and VCR Products IF Signal Processor (VIFSIF)
LA7578N SANYO-LA7578N Datasheet
253Kb / 18P
   IF Signal Processing (Super PLL-II VIF SIF) Circuit for TVs and VCRs
logo
List of Unclassifed Man...
GL3120 ETC-GL3120 Datasheet
283Kb / 4P
   VIF SIF CIRCUIT FOR TV SETS VTRS
logo
Sanyo Semicon Device
LA7575 SANYO-LA7575 Datasheet
372Kb / 16P
   Super-split, PLL-II Video and Sound IF Signal Processor
logo
Mitsubishi Electric Sem...
M51366SP MITSUBISHI-M51366SP Datasheet
665Kb / 10P
   PLL-SPLIT VIF/SIF
logo
Renesas Technology Corp
M52767FP RENESAS-M52767FP Datasheet
6Mb / 21P
   PLL-SPLIT VIF/SIF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com