Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LA7577 Arkusz danych(PDF) 3 Page - Sanyo Semicon Device

Numer części LA7577
Szczegółowy opis  Super-split PLL-II VIF and SIF IF Signal Processor for TV/VTRs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA7577 Arkusz danych(HTML) 3 Page - Sanyo Semicon Device

  LA7577 Datasheet HTML 1Page - Sanyo Semicon Device LA7577 Datasheet HTML 2Page - Sanyo Semicon Device LA7577 Datasheet HTML 3Page - Sanyo Semicon Device LA7577 Datasheet HTML 4Page - Sanyo Semicon Device LA7577 Datasheet HTML 5Page - Sanyo Semicon Device LA7577 Datasheet HTML 6Page - Sanyo Semicon Device LA7577 Datasheet HTML 7Page - Sanyo Semicon Device LA7577 Datasheet HTML 8Page - Sanyo Semicon Device LA7577 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LA7577N
No. 4037—3/16
Electrical Characteristics at Ta = 25
°C, V
CC = 9V
VCO control sensitivity
β
V18 = 4.6 to 5V
1.5
3.1
6.2
kHz/mV
[1st SIF]
4.5MHz conversion gain
VG
21
26
31
dB
4.5MHz output level
VSIF1
Vi = 10mVrms
50
75
110
mVrms
1st SIF stage maximum input
VSIF max
+2.2dB,
−1dB
60
70
-
mVrms
1st SIF stage input resistance
Ri (SIF1)
f = 54.25MHz
1.2
2
2.7
k
1st SIF stage input capacitance
Ci (SIF1)
f = 54.25MHz
3
6
pF
[SIF]
SIF limiting sensitivity
Vi (lim)
V13 = 5V
33
39
dB/
µV
FM detector output voltage
Vo
V13 = 5V
400
600
790
mVrms
AM rejection
AMR
V13 = 5V
40
49
dB
Total harmonic distortion
THD
V13 = 5V
0.5
1.0
%
SIF signal-to-noise ratio
S/N (SIF)
V13 = 5V
60
78
dB
[Mute, Defeat]
AFT defeat start voltage
VD11
0.5
2.3
V
AV mute threshold
V4TH
0.5
1.9
V
FM mute threshold
V2TH
0.5
2.0
V
AFT defeat voltage
VD14
5.4
6
6.6
V
Parameter
Symbol
Conditions
min
typ
max
Unit
[VIF]
Circuit current
I9
V13 = 5V
39
48
59
mA
Quiescent video output voltage
V21
V13 = 5V
5.0
5.4
5.8
V
Maximum RF AGC voltage
V10H
V13 = 7V
7.6
8
8.4
V
Minimum RF AGC voltage
V10L
V13 = 7V
0
0.5
V
Quiescent AFT voltage
V14
V13 = 5V
2.6
4.5
6.0
V
Input sensitivity
Vi
37
43
49
dB/
µV
Video output amplitude
Vo (video)
1.5
1.75
2.0
Vp-p
Sync signal tip voltage
V21 (tip)
Vi = 10mV
3.25
3.55
3.85
V
Maximum AFT voltage
V14H
8
8.5
9.0
V
Minimum AFT voltage
V14L
0.3
1.0
V
White-noise threshold voltage
VWTH
6.8
7.2
7.6
V
White-noise clamp voltage
VWCL
4.0
4.4
4.8
V
Black-noise threshold voltage
VBTH
2.5
2.8
3.1
V
Black-noise clamp voltage
VBCL
2.5
4.1
4.5
V
AFT detector sensitivity
Sf
28
39
55
mV/kHz
[SIF]
FM detector output voltage
Vo
V13 = 5V
400
600
790
mVrms
[Mute, Defeat]
AFT defeat start voltage
VD11
0.5
1.6
V
AV mute threshold
V4TH
0.5
1.1
V
FM mute threshold
V2TH
0.5
1.9
V
AFT defeat voltage
VD14
3.9
4.5
5.1
V
Parameter
Symbol
Conditions
min
typ
max
Unit


Podobny numer części - LA7577

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LA7570 SANYO-LA7570 Datasheet
274Kb / 11P
   TV,VTR IF Signal Processor (Super Split PLL VIFSIF)
LA75710VA SANYO-LA75710VA Datasheet
276Kb / 10P
   Monolithic Linear IC NTSC Support TV and VCR VIF/SIF Signal Processing IC
LA7575 SANYO-LA7575 Datasheet
372Kb / 16P
   Super-split, PLL-II Video and Sound IF Signal Processor
LA7578N SANYO-LA7578N Datasheet
253Kb / 18P
   IF Signal Processing (Super PLL-II VIF SIF) Circuit for TVs and VCRs
More results

Podobny opis - LA7577

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LA7570 SANYO-LA7570 Datasheet
274Kb / 11P
   TV,VTR IF Signal Processor (Super Split PLL VIFSIF)
LA75676VA SANYO-LA75676VA Datasheet
99Kb / 10P
   IF Signal Processor (VIFSIF) for TV and VCR Products
LA7545 SANYO-LA7545 Datasheet
253Kb / 11P
   VTR/TV IF Signal Processor (VIFSIF)
LA75676M SANYO-LA75676M Datasheet
98Kb / 9P
   For TV and VCR Products IF Signal Processor (VIFSIF)
LA75676V SANYO-LA75676V_07 Datasheet
103Kb / 9P
   For TV and VCR Products IF Signal Processor (VIFSIF)
LA7578N SANYO-LA7578N Datasheet
253Kb / 18P
   IF Signal Processing (Super PLL-II VIF SIF) Circuit for TVs and VCRs
logo
List of Unclassifed Man...
GL3120 ETC-GL3120 Datasheet
283Kb / 4P
   VIF SIF CIRCUIT FOR TV SETS VTRS
logo
Sanyo Semicon Device
LA7575 SANYO-LA7575 Datasheet
372Kb / 16P
   Super-split, PLL-II Video and Sound IF Signal Processor
logo
Mitsubishi Electric Sem...
M51366SP MITSUBISHI-M51366SP Datasheet
665Kb / 10P
   PLL-SPLIT VIF/SIF
logo
Renesas Technology Corp
M52767FP RENESAS-M52767FP Datasheet
6Mb / 21P
   PLL-SPLIT VIF/SIF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com