Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LA76070 Arkusz danych(PDF) 9 Page - Sanyo Semicon Device

Numer części LA76070
Szczegółowy opis  NTSC Color Television IC
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA76070 Arkusz danych(HTML) 9 Page - Sanyo Semicon Device

Back Button LA76070 Datasheet HTML 5Page - Sanyo Semicon Device LA76070 Datasheet HTML 6Page - Sanyo Semicon Device LA76070 Datasheet HTML 7Page - Sanyo Semicon Device LA76070 Datasheet HTML 8Page - Sanyo Semicon Device LA76070 Datasheet HTML 9Page - Sanyo Semicon Device LA76070 Datasheet HTML 10Page - Sanyo Semicon Device LA76070 Datasheet HTML 11Page - Sanyo Semicon Device LA76070 Datasheet HTML 12Page - Sanyo Semicon Device LA76070 Datasheet HTML 13Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
Measurement Conditions at Ta = 25°C, VCC = V4 = V26 = 7.6 V, ICC = I21 = 19 mA
No. 5844-9/27
LA76070
Parameter
Symbol
Measurement
Input signal
Measurement method
Bus conditions
point
[Circuit Voltages and Currents]
Horizontal power supply voltage
HVCC
Apply a 19mA current to pin 21 and
Initial conditions
measure the pin 21 voltage at that time
I4
Apply a voltage of 7.6 V to pin 4 and
IF power supply current (pin 4)
(IFICC)
No signal
measure (in mA) the DC current that flows into the IC.
Initial conditions
(Apply 5 V to the IF AGC.)
Video/vertical power supply current
I26
Apply a voltage of 7.6 V to pin 26 and
Initial conditions
(pin 26)
(DEFICC)
measure (in mA) the DC current that flows into the IC
21
4
26


Podobny numer części - LA76070

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LA76075 SANYO-LA76075 Datasheet
712Kb / 35P
   NTSC Color Television Sets
More results

Podobny opis - LA76070

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Samsung semiconductor
KA2161 SAMSUNG-KA2161 Datasheet
310Kb / 21P
   pal/ntsc 1 chip ic for color television
logo
Sanyo Semicon Device
LA76075 SANYO-LA76075 Datasheet
712Kb / 35P
   NTSC Color Television Sets
logo
Motorola, Inc
MC1377 MOTOROLA-MC1377 Datasheet
647Kb / 18P
   COLOR TELEVISION RGB to PAL/NTSC ENCODER
logo
Sanyo Semicon Device
LA76810A SANYO-LA76810A Datasheet
429Kb / 40P
   For PAL/NTSC Color Television Sets VIF/SIF/Y/Deflection 1chip IC
LA7685J SANYO-LA7685J Datasheet
271Kb / 10P
   PAL/NTSC Single-chip Color Television Signal Processing Circuit
logo
Toshiba Semiconductor
32HFX71 TOSHIBA-32HFX71 Datasheet
2Mb / 54P
   COLOR TELEVISION
Jul. 2001
TA8759BN TOSHIBA-TA8759BN Datasheet
2Mb / 58P
   VIDEO CHROMA AND SYNC. SIGNAL PROCESSING IC FOR PAL/NTSC/SECAM SYSTEM COLOR TELEVISION
29CZ8URB TOSHIBA-29CZ8URB Datasheet
4Mb / 70P
   Color Television
2005
34HF84 TOSHIBA-34HF84 Datasheet
1Mb / 35P
   Color Television
2004
36HF72 TOSHIBA-36HF72 Datasheet
2Mb / 44P
   COLOR TELEVISION
Jun. 2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com