Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LA7688 Arkusz danych(PDF) 2 Page - Sanyo Semicon Device

Numer części LA7688
Szczegółowy opis  Single-Chip CTV Signal-Processing Circuit for PAL and NTSC Formats
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA7688 Arkusz danych(HTML) 2 Page - Sanyo Semicon Device

  LA7688 Datasheet HTML 1Page - Sanyo Semicon Device LA7688 Datasheet HTML 2Page - Sanyo Semicon Device LA7688 Datasheet HTML 3Page - Sanyo Semicon Device LA7688 Datasheet HTML 4Page - Sanyo Semicon Device LA7688 Datasheet HTML 5Page - Sanyo Semicon Device LA7688 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
No. 5635-2/6
LA7688
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
[Circuit Voltages and Currents]
Horizontal power-supply voltage
VCCH
Deflection system (V24)
6.4
6.9
7.4
V
Current drain
I40
78
90
100
mA
I45
34
40
48
mA
[VIF Block]
RF AGC maximum voltage
V50H
7.5
7.8
7.8
V
RF AGC minimum voltage
V50L
0.2
0.6
V
Input sensitivity
Vi
39
45
dBµ
AGC range
GR
56
60
dB
Maximum allowable input
VIN max
95
100
dBµ
Quiescent video output voltage
V8
4.1
4.4
4.7
V
Synchronizing signal tip voltage
V8tip
1.7
2.0
2.3
V
Video output amplitude
VO
1.7
2.0
2.3
Vp-p
Black noise threshold voltage
VBTH
1.0
1.3
1.7
V
Black noise clamp voltage
VBCL
2.7
3.0
3.3
V
Output signal-to-noise ratio
S/N
48
52
dB
1.07 MHz beat level
C/S
40
44
dB
Frequency characteristics
fC
6
9
MHz
Differential gain
DG
5
10
%
Differential phase
DP
6
10
deg
Quiescent AFT voltage
V7
3.6
3.9
4.2
V
Maximum AFT voltage
V7H
7.3
7.6
7.8
V
Minimum AFT voltage
V7L
0
0.3
0.7
V
AFT detection sensitivity
Sf
10
15
20
mV/kHz
VIF input resistance
Ri
f = 38.9 MHz
1.0
1.3
1.6
k
VIF input capacitance
Ci
f = 38.9 MHz
2
3
5
pF
APC pull-in range (U)
fPU
0.8
2.0
MHz
APC pull-in range (L)
fPL
–2
–0.8
MHz
VCO1 maximum variation range
fU1
0.8
2.0
MHz
fL1
–2.0
–0.8
MHz
SIF signal level
SOUT
110
140
170
mVrms
VCO1 control sensitivity
ß
2.4
4.8
9.6
kHz
[SIF Block]
SIF limiting sensitivity
Vi (lim)
40
46
52
dBµ
FM detector output voltage
VO (FM)
390
500
710
mVrms
AMR
AMR
40
60
dB
Total harmonic distortion
THD
0.3
1.0
%
SIF S/N
S/N (SIF)
55
62
dB
FM detector range (L)
WFML
2.5
4.0
MHz
FM detector range (H)
WFMH
7.0
8.0
MHz
FM detector output variability
∆VO
0
2.0
3.0
dB
[INT/EXT Switching Block]
AFT EXT gain
GAF
–0.7
–0.2
+0.3
dB
AFT EXT distortion
THD AF
0.03
0.5
%
System switch I-SE
V1TH1
Notes:
0
1.2
V
System switch I-P/N
V1TH2
I = INT, E = EXT
1.7
2.6
V
System switch E-P/N
V1TH3
P/N = PAL/NTSC
2.9
3.8
V
System switch E-SE
V1TH4
SE = SECAM
4.1
5
V
[Video Switching Block]
Video signal input 1 DC voltage
V10DC
3.2
3.5
3.8
V
Video signal input 1 AC voltage
V10AC
1.0
Vp-p
Video signal input 2 DC voltage
V14DC
3.2
3.5
3.8
V
Video signal input 2 AC voltage
V14AC
1.0
Vp-p
SVO pin DC voltage
V16DC
2.5
2.8
3.1
V
SVO pin AC voltage
V16AC
1.7
2.0
2.3
Vp-p
Operating Characteristics at Ta = 25°C, VCC40, 45 = 7.8 V, I24 = 12 mA
Continued on next page.


Podobny numer części - LA7688

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LA7680 SANYO-LA7680 Datasheet
213Kb / 10P
   Single-Chip Signal Processor for Color TV Use
LA7681 SANYO-LA7681 Datasheet
213Kb / 10P
   Single-Chip Signal Processor for Color TV Use
LA76810A SANYO-LA76810A Datasheet
429Kb / 40P
   For PAL/NTSC Color Television Sets VIF/SIF/Y/Deflection 1chip IC
LA76818A SANYO-LA76818A Datasheet
522Kb / 3P
   The LA76818A is I2C bus controller ICs that support the different TV broadcast formats used worldwide and aim for rationalization of color TV set desi
LA76828N SANYO-LA76828N Datasheet
526Kb / 3P
   I2C Bus Control IC
More results

Podobny opis - LA7688

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LA7685J SANYO-LA7685J Datasheet
271Kb / 10P
   PAL/NTSC Single-chip Color Television Signal Processing Circuit
logo
Toshiba Semiconductor
TA1298AN TOSHIBA-TA1298AN Datasheet
3Mb / 89P
   PAL/NTSC VIDEO CHROMA AND DEFLECTION IC FOR CTV
TA1276AFG TOSHIBA-TA1276AFG Datasheet
1Mb / 83P
   PAL/NTSC Video Chroma And Deflection IC For CTV
TA8690AN TOSHIBA-TA8690AN Datasheet
1Mb / 48P
   PAL/NTSC DUAL MODE COLOR TV SINGLE CHIP SIGNAL PROCESSING IC
logo
Panasonic Semiconductor
AN5601K PANASONIC-AN5601K Datasheet
314Kb / 10P
   COLOR SIGNAL, VIDEO SIGNAL AND SYNCHRONOUS SIGNAL PROCESSING IC FOR PAL/NTSC TV
AN5625N PANASONIC-AN5625N Datasheet
180Kb / 3P
   TV PAL/NTSC/M-NTSC CHROMINANCE-SIGNAL PROCESSING IC
logo
NTE Electronics
NTE7150 NTE-NTE7150 Datasheet
59Kb / 8P
   Integrated Circuit Video, Chroma, and Sync. Signal Processing Circuit for PAL/NTSC/SECAM System Color Televisions
logo
Panasonic Semiconductor
AN5367FB PANASONIC-AN5367FB Datasheet
249Kb / 22P
   NTSC video, chroma, and deflection signal processing circuit
logo
Toshiba Semiconductor
TA8867AN TOSHIBA-TA8867AN Datasheet
1Mb / 32P
   VIDEO, CHROMA, AND SYNC. SIGNAL PROCESSING IC FOR PAL/NTSC-SYSTEM COLOR TELEVISIONS
TA8867BN TOSHIBA-TA8867BN Datasheet
1Mb / 32P
   VIDEO, CHROMA, AND SYNC. SIGNAL PROCESSING IC FOR PAL/NTSC-SYSTEM COLOR TELEVISIONS
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com