Zakładka z wyszukiwarką danych komponentów |
|
SD103CW-13-F Arkusz danych(PDF) 1 Page - Diodes Incorporated |
|
SD103CW-13-F Arkusz danych(HTML) 1 Page - Diodes Incorporated |
1 / 3 page SD103AW - SD103CW SCHOTTKY BARRIER DIODE Features • Low Forward Voltage Drop • Guard Ring Construction for Transient Protection • Lead, Halogen and Antimony Free, RoHS Compliant "Green" Device (Notes 3 and 4) Mechanical Data • Case: SOD-123 • Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0 • Moisture Sensitivity: Level 1 per J-STD-020D • Leads: Solderable per MIL-STD-202, Method 208 • Lead Free Plating (Matte Tin Finish annealed over Alloy 42 leadframe) • Polarity: Cathode Band • Marking Information: See Page 3 • Ordering Information: See Page 2 • Weight: 0.01 grams (approximate) Top View Maximum Ratings @TA = 25°C unless otherwise specified Characteristic Symbol SD103AW SD103BW SD103CW Unit Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage VRRM VRWM VR 40 30 20 V RMS Reverse Voltage VR(RMS) 28 21 14 V Forward Continuous Current (Note 1) IFM 350 mA Non-Repetitive Peak Forward Surge Current @ t ≤ 1.0s IFSM 1.5 A Thermal Characteristics Characteristic Symbol Value Unit Power Dissipation (Note 1) PD 400 mW Thermal Resistance, Junction to Ambient Air (Note 1) RθJA 300 °C/W Operating and Storage Temperature Range TJ, TSTG -65 to +125 °C Electrical Characteristics @TA = 25°C unless otherwise specified Characteristic Symbol Min Typ Max Unit Test Condition Reverse Breakdown Voltage (Note 2) SD103AW SD103BW SD103CW V(BR)R 40 30 20 ⎯ ⎯ V IR = 100μA Forward Voltage Drop VFM ⎯ ⎯ 0.37 0.60 V IF = 20mA IF = 200mA Peak Reverse Current (Note 2) SD103AW SD103BW SD103CW IRM ⎯ ⎯ 5.0 μA VR = 30V VR = 20V VR = 10V Total Capacitance CT ⎯ 28 ⎯ pF VR = 0V, f = 1.0MHz Reverse Recovery Time trr ⎯ 10 ⎯ ns IF = IR = 200mA, Irr = 0.1 x IR, RL = 100Ω Notes: 1. Part mounted on FR-4 board with recommended pad layout, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf. 2. Short duration test pulse used to minimize self-heating effect. 3. No purposefully added lead. Halogen and Antimony Free. 4. Product manufactured with Data Code V9 (week 33, 2008) and newer are built with Green Molding Compound. Product manufactured prior to Date Code V9 are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants. SD103AW - SD103CW Document number: DS11013 Rev. 24 - 2 1 of 3 www.diodes.com July 2008 © Diodes Incorporated Please click here to visit our online spice models database. |
Podobny numer części - SD103CW-13-F |
|
Podobny opis - SD103CW-13-F |