Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI-3000KWM Arkusz danych(PDF) 2 Page - Sanken electric

Numer części SI-3000KWM
Szczegółowy opis  2-Output, Surface-Mount, Low Dropout Voltage Linear Regulator ICs
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANKEN [Sanken electric]
Strona internetowa  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SI-3000KWM Arkusz danych(HTML) 2 Page - Sanken electric

  SI-3000KWM_10 Datasheet HTML 1Page - Sanken electric SI-3000KWM_10 Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
97
ICs
SI-3000KWM Series
■External Dimensions (TO252-5)
(Unit : mm)
6.60
±0.20
5.34
±0.20
0.50
±0.10
2.30
±0.20
0.50
±0.10
(1.00)
12345
1.27 TYP
1.27 TYP
SEATING PLANE
0.00 to 0.127
0 to
6.60
±0.20
5.34
±0.20
(5.04)
(1.50)
0.50
±0.10
2.30
±0.20
0.1
Pin Assignment
q VC
w VO1
e GND
r VIN
t VO2
■Block Diagram
VC
1
3
2
5
VIN
VC
CIN
ON/
OFF
REF
TSD
OCP
Drive
+
4
+
+
+
COUT2
COUT1
AMP2
VOUT2
VOUT1
GND
+
+
OCP
Drive
AMP2
+
Plastic Mold Package Type
Flammability: UL 94V-0
Product Mass: Approx. 1.48 g


Podobny numer części - SI-3000KWM_10

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanken electric
SI-3000KWM SANKEN-SI-3000KWM Datasheet
433Kb / 2P
   2-Output Surface-Mount Low Dropout Voltage Linear Regulator ICs
More results

Podobny opis - SI-3000KWM_10

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanken electric
SI-3002KWM SANKEN-SI-3002KWM Datasheet
433Kb / 2P
   2-Output Surface-Mount Low Dropout Voltage Linear Regulator ICs
SI-3000ZD SANKEN-SI-3000ZD Datasheet
60Kb / 2P
   Surface-Mount Low Dropout Voltage Linear Regulator ICs
logo
Allegro MicroSystems
SI-3011ZD ALLEGRO-SI-3011ZD Datasheet
60Kb / 2P
   Surface-Mount, Low Dropout Voltage Linear Regulator ICs
SI-3012KD ALLEGRO-SI-3012KD Datasheet
69Kb / 3P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Linear Regulator ICs
logo
Sanken electric
SI-3000LLSL SANKEN-SI-3000LLSL Datasheet
44Kb / 2P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Linear Regulator ICs
SI-3000KM SANKEN-SI-3000KM_10 Datasheet
60Kb / 3P
   Surface Mount, Low Current Consumption, Low Dropout Voltage Linear Regulator ICs
SI-3010KM SANKEN-SI-3010KM Datasheet
149Kb / 12P
   Surface Mount Low Current Consumption Low Dropout Voltage Linear Regulator ICs
SI-3000LSA SANKEN-SI-3000LSA Datasheet
75Kb / 2P
   Surface-Mount Low Current Consumption Low Dropout Voltage Linear Regulator ICs
SI-3000KS SANKEN-SI-3000KS Datasheet
97Kb / 6P
   Surface-Mount Low Current Consumption Low Dropout Voltage Linear Regulator ICs
SI-3000KS SANKEN-SI-3000KS_10 Datasheet
48Kb / 2P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Linear Regulator ICs
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com