Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI-8000HFE Arkusz danych(PDF) 2 Page - Sanken electric

Numer części SI-8000HFE
Szczegółowy opis  Full-Mold, Separate Excitation Step-down Switching Mode Regulator ICs
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANKEN [Sanken electric]
Strona internetowa  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SI-8000HFE Arkusz danych(HTML) 2 Page - Sanken electric

  SI-8000HFE_10 Datasheet HTML 1Page - Sanken electric SI-8000HFE_10 Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
69
ICs
SI-8000HFE Series
■External Dimensions (TO220F-5)
■Block Diagram
4
3
GND
2
IN
ON/OFF
SW
ADJ
1
5
PReg.
Overcurrent
Protection
Reset
OSC
+
Comp.
Error Amp.
Latch &
Drive
Thermal
Protection
ON/OFF
Soft Start
SI-8008HFE
Reference
Voltage
Pin Assignment
q VIN
w SW
e GND
r ADJ (VOS for SI-8050HFE)
t SS
Plastic Mold Package Type
Flammability: UL94V-0
Product Mass: Approx. 2.3g
(Unit : mm)
4
3
GND
2
IN
ON/OFF
SW
Vos
1
5
PReg.
Reset
OSC
+
ON/OFF
Soft Start
+
+
SI-8050HFE
Overcurrent
Protection
Comp.
Error Amp.
Thermal
Protection
Reference
Voltage
Latch &
Drive
■Typical Connection Diagram
4
3
GND
C3
C1
C4
+
2
IN
VIN
ON/OFF
SW
ADJ
+
L
Di
C2
1
5
PReg.
+
+
VOUT
4
3
GND
C3
2
IN
VIN
ON/OFF
SW
ADJ
+
L
Di
C2
1
5
PReg.
+
+
+
VOUT
C1
C4
+
SI-8008HFE
SI-8050HFE
R1
R2
C1 : 1500
µF
C2 : 1000
µF
C3 :1
µF (Only when using soft-start function)
C4 :4.7
µF (RPER11H475K5 (Murata Manufacturing) recommended)
L1 :100
µH
Di : FMB-G16L (Sanken)
10.0
±0.2
4.2
±0.2
0.95
±0.15
8.2±0.7
2.6±0.1
3.9±0.7
(4.3)
0.85
+0.2
–0.1
0.45
+0.2
–0.1
12 3 4 5
P1.7±0.7
×4=6.8±0.7
2.8
±0.2


Podobny numer części - SI-8000HFE_10

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanken electric
SI-8000HFE SANKEN-SI-8000HFE_11 Datasheet
85Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
More results

Podobny opis - SI-8000HFE_10

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanken electric
SI-8000TFE SANKEN-SI-8000TFE Datasheet
443Kb / 2P
   Full-Mold Separate Excitation Step-down Switching Mode Regulator ICs
NR887D SANKEN-NR887D Datasheet
59Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode Regulator ICs
SI-8000JF SANKEN-SI-8000JF_10 Datasheet
48Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode Regulator ICs
SI-8000S SANKEN-SI-8000S_10 Datasheet
43Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode Regulator ICs
SI-8000HFE SANKEN-SI-8000HFE Datasheet
449Kb / 2P
   Full-Mold Separate Excitation Step-down Switching Mode Regulator ICs
SI-8000Y SANKEN-SI-8000Y_11 Datasheet
92Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode Regulator ICs
SI-8000E SANKEN-SI-8000E_10 Datasheet
40Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode Regulator ICs
SI-8010Y SANKEN-SI-8010Y Datasheet
69Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode Regulator
SI-8015JF SANKEN-SI-8015JF Datasheet
83Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
SI-8050JF SANKEN-SI-8050JF Datasheet
83Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com