Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SLA6820M Arkusz danych(PDF) 5 Page - Sanken electric

Numer części SLA6820M
Szczegółowy opis  High Voltage 3-Phase Motor Drivers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANKEN [Sanken electric]
Strona internetowa  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SLA6820M Arkusz danych(HTML) 5 Page - Sanken electric

  SLA6820M Datasheet HTML 1Page - Sanken electric SLA6820M Datasheet HTML 2Page - Sanken electric SLA6820M Datasheet HTML 3Page - Sanken electric SLA6820M Datasheet HTML 4Page - Sanken electric SLA6820M Datasheet HTML 5Page - Sanken electric SLA6820M Datasheet HTML 6Page - Sanken electric SLA6820M Datasheet HTML 7Page - Sanken electric SLA6820M Datasheet HTML 8Page - Sanken electric SLA6820M Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
High Voltage 3-Phase Motor Drivers
5
SLA6820M
Series
SLA6826M SWITCHING CHARACTERISTICS, valid at TA=25°C, unless otherwise noted
Characteristics
Symbol
Conditions
Min
Typ
Max
Units
Switching Time, High Side
tdH(on)
VBB = 140 V, VCC = 15 V, ID = 1 A, 0 V ≤ VIN ≤ 5 V
650
ns
trH
100
ns
tdH(off)
370
ns
tfH
–10–
ns
Switching Time, Low Side
tdL(on)
VBB = 140 V, VCC = 15 V, ID = 1 A, 0 V ≤ VIN ≤ 5 V
600
ns
trL
100
ns
tdL(off)
300
ns
tfL
–10–
ns
SLA6827M SWITCHING CHARACTERISTICS, valid at TA=25°C, unless otherwise noted
Characteristics
Symbol
Conditions
Min
Typ
Max
Units
Switching Time, High Side
tdH(on)
VBB = 300 V, VCC = 15 V, ID = 1.5 A, 0 V ≤ VIN ≤ 5 V
550
ns
trH
100
ns
tdH(off)
420
ns
tfH
–30–
ns
Switching Time, Low Side
tdL(on)
VBB = 300 V, VCC = 15 V, ID = 1.5 A, 0 V ≤ VIN ≤ 5 V
570
ns
trL
100
ns
tdL(off)
450
ns
tfL
–30–
ns
SLA6828M SWITCHING CHARACTERISTICS, valid at TA=25°C, unless otherwise noted
Characteristics
Symbol
Conditions
Min
Typ
Max
Units
Switching Time, High Side
tdH(on)
VBB = 300 V, VCC = 15 V, ID = 2.5 A, 0 V ≤ VIN ≤ 5 V
650
ns
trH
130
ns
tdH(off)
540
ns
tfH
–50–
ns
Switching Time, Low Side
tdL(on)
VBB = 300 V, VCC = 15 V, ID = 2.5 A, 0 V ≤ VIN ≤ 5 V
690
ns
trL
150
ns
tdL(off)
590
ns
tfL
–50–
ns
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com


Podobny numer części - SLA6820M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanken electric
SLA6820MH SANKEN-SLA6820MH Datasheet
751Kb / 18P
   250 V to 600 V, 1.5 A to 2.5 A High Voltage 3-phase Motor Driver ICs
More results

Podobny opis - SLA6820M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanken electric
SMA6820MH SANKEN-SMA6820MH Datasheet
185Kb / 11P
   High Voltage 3-Phase Motor Drivers
logo
Allegro MicroSystems
SMA6820MP ALLEGRO-SMA6820MP Datasheet
301Kb / 13P
   High Voltage 3-Phase Motor Drivers
logo
Sanken electric
SMA6850M SANKEN-SMA6850M Datasheet
334Kb / 15P
   High Voltage 3-Phase Motor Drivers
SMA6860M SANKEN-SMA6860M Datasheet
350Kb / 17P
   High Voltage 3-Phase Motor Drivers
logo
Allegro MicroSystems
SLA6860M ALLEGRO-SLA6860M Datasheet
334Kb / 17P
   High Voltage 3-Phase Motor Drivers
logo
Sanken electric
SMA6860MZ SANKEN-SMA6860MZ Datasheet
249Kb / 19P
   High Voltage 3-Phase Motor Drivers
SLA6868MZ SANKEN-SLA6868MZ Datasheet
262Kb / 18P
   High Voltage 3-Phase Motor Drivers
logo
Allegro MicroSystems
SX68000M ALLEGRO-SX68000M Datasheet
515Kb / 15P
   High Voltage 3-Phase Motor Drivers
SLA6870MZ ALLEGRO-SLA6870MZ Datasheet
371Kb / 19P
   High Voltage 3-Phase Motor Drivers
logo
Sanken electric
SX68000MH SANKEN-SX68000MH Datasheet
333Kb / 13P
   High Voltage 3-Phase Motor Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com