Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FAN5702UC20X Arkusz danych(PDF) 8 Page - Fairchild Semiconductor

Numer części FAN5702UC20X
Szczegółowy opis  Configurable 180mA 6-LED Driver with I2C Control
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5702UC20X Arkusz danych(HTML) 8 Page - Fairchild Semiconductor

Back Button FAN5702UC20X Datasheet HTML 4Page - Fairchild Semiconductor FAN5702UC20X Datasheet HTML 5Page - Fairchild Semiconductor FAN5702UC20X Datasheet HTML 6Page - Fairchild Semiconductor FAN5702UC20X Datasheet HTML 7Page - Fairchild Semiconductor FAN5702UC20X Datasheet HTML 8Page - Fairchild Semiconductor FAN5702UC20X Datasheet HTML 9Page - Fairchild Semiconductor FAN5702UC20X Datasheet HTML 10Page - Fairchild Semiconductor FAN5702UC20X Datasheet HTML 11Page - Fairchild Semiconductor FAN5702UC20X Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN5702 • Rev. 1.0.3
8
Typical Characteristics
VIN = 3.6V, TA = 25°C, ILED = 20mA, and LED cathode terminals = 0.4V.
Figure 9. Mode Transition from 1x to 1.5x Mode Using
PWM Control (VCATHODE Ramp Up) at 2% Duty Cycle
Figure 10. Mode Transition from 1.5x to 1x Mode Using
PWM Control (VCATHODE Ramp Down) at 2% Duty Cycle
Figure 11. Line Transient Response in 1x Mode,
VIN=3.6V – 4.2V, ILEDx=20mA
Figure 12. Line Transient Response in 1.5x Mode,
VIN=2.7V – 3.3V, ILED=20mA
Figure 13. Line Transient from 1x to 1.5x Mode,
VIN=3.2V – 4.1V, ILEDx=20mA
Figure 14. Soft-Start with SDA and SCL


Podobny numer części - FAN5702UC20X

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FAN5701 FAIRCHILD-FAN5701 Datasheet
1Mb / 12P
   Compact 6-LED Driver for Mobile Platforms
FAN5701UC08X FAIRCHILD-FAN5701UC08X Datasheet
1Mb / 12P
   Compact 6-LED Driver for Mobile Platforms
FAN5701UC15X FAIRCHILD-FAN5701UC15X Datasheet
1Mb / 12P
   Compact 6-LED Driver for Mobile Platforms
FAN5701UC20X FAIRCHILD-FAN5701UC20X Datasheet
1Mb / 12P
   Compact 6-LED Driver for Mobile Platforms
FAN5701UC30X FAIRCHILD-FAN5701UC30X Datasheet
1Mb / 12P
   Compact 6-LED Driver for Mobile Platforms
More results

Podobny opis - FAN5702UC20X

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Catalyst Semiconductor
CAT3626 CATALYST-CAT3626 Datasheet
807Kb / 14P
   6-Channel LED Driver with I2C Interface
logo
ON Semiconductor
CAT3626 ONSEMI-CAT3626 Datasheet
192Kb / 16P
   6-Channel LED Driver with I2C Interface
March, 2010 ??Rev. 5
logo
Catalyst Semiconductor
CAT3626 CATALYST-CAT3626_08 Datasheet
256Kb / 15P
   6-Channel LED Driver with I2C??Interface
logo
ON Semiconductor
CAT3626HV4-T2 ONSEMI-CAT3626HV4-T2 Datasheet
216Kb / 15P
   6-Channel LED Driver with I2C??Interface
Doc. No. MD-5014 Rev. E
logo
Kinetic Technologies.
KTD2064 KINETIC-KTD2064 Datasheet
190Kb / 3P
   24-Channel RGB LED Driver with I2C Control
August 2021 - Revision 04c
logo
SamHop Microelectronics...
SM6701 SAMHOP-SM6701 Datasheet
96Kb / 1P
   Linear LED Driver With Adjustable Current Up to 180mA
logo
Renesas Technology Corp
ISL97671A RENESAS-ISL97671A Datasheet
1Mb / 28P
   6-Channel SMBus/I2C or PWM Dimming LED Driver with Phase Shift Control
logo
Intersil Corporation
ISL97671 INTERSIL-ISL97671_10 Datasheet
626Kb / 28P
   6-Channel SMBus/I2C or PWM Dimming LED Driver with Phase Shift Control
ISL97671A INTERSIL-ISL97671A Datasheet
1Mb / 28P
   6-Channel SMBus/I2C or PWM Dimming LED Driver with Phase Shift Control
ISL97671AIRZ INTERSIL-ISL97671AIRZ Datasheet
922Kb / 28P
   6-Channel SMBus/I2C or PWM Dimming LED Driver with Phase Shift Control
November 30, 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com