Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

Si1142-A10-GM Arkusz danych(PDF) 1 Page - Silicon Laboratories

Numer części Si1142-A10-GM
Szczegółowy opis  PROXIMITY/AMBIENT LIGHT SENSOR IC WITH I2C INTERFACE
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SILABS [Silicon Laboratories]
Strona internetowa  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si1142-A10-GM Arkusz danych(HTML) 1 Page - Silicon Laboratories

  Si1142-A10-GM Datasheet HTML 1Page - Silicon Laboratories Si1142-A10-GM Datasheet HTML 2Page - Silicon Laboratories Si1142-A10-GM Datasheet HTML 3Page - Silicon Laboratories Si1142-A10-GM Datasheet HTML 4Page - Silicon Laboratories Si1142-A10-GM Datasheet HTML 5Page - Silicon Laboratories Si1142-A10-GM Datasheet HTML 6Page - Silicon Laboratories Si1142-A10-GM Datasheet HTML 7Page - Silicon Laboratories Si1142-A10-GM Datasheet HTML 8Page - Silicon Laboratories Si1142-A10-GM Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 66 page
background image
Preliminary Rev. 0.5 1/11
Copyright © 2011 by Silicon Laboratories
Si1141/42/43
This information applies to a product under development. Its characteristics and specifications are subject to change without notice.
Si1141/42/43
P ROXI MITY/A MBIEN T L IGHT S ENSOR IC WI T H I 2C I NTE R FACE
Features
Applications
Description
The Si1141/42/43 is a low-power, reflectance-based, infrared proximity and ambient
light sensor with I2C digital interface and programmable-event interrupt output. This
touchless sensor IC includes an analog-to-digital converter, integrated high-
sensitivity visible and infrared photodiodes, digital signal processor, and one, two, or
three integrated infrared LED drivers with fifteen selectable drive levels. The Si1141/
42/43 offers excellent performance under a wide dynamic range and a variety of light
sources including direct sunlight. The Si1141/42/43 can also work under dark glass
covers. The photodiode response and associated digital conversion circuitry provide
excellent immunity to artificial light flicker noise and natural light flutter noise. With
two or more LEDs, the Si1142/43 is capable of supporting multiple-axis proximity
motion detection. The Si1141/42/43 devices are provided in a 10-lead 2x2 mm QFN
package and are capable of operation from 1.8 to 3.6 V over the –40 to +85 °C
temperature range.
QuickSense™ integrated infrared
proximity detector

Proximity detection adjustable from
under 1 cm to over 1 m

Three independent LED drivers

15 current settings from 5.6 mA to
360 mA for each LED driver

25.6 µs LED driver pulse width

500 mm proximity range with single
pulse (<2.5 klx)

150 mm proximity range with single
pulse (>2.5 klx)

Operates at up to 128 klx (direct
sunlight)

Minimum reflectance sensitivity
< 1 µW/cm2

High EMI immunity without shielded
packaging
QuickSense™ integrated ambient
light sensor

10 mlx resolution possible, allowing
operation under dark glass

1 to 128 klx dynamic range possible
across two ADC range settings

17-bit resolution

Accurate lux measurements
possible with IR correction
algorithm

25.6 µs measurement cycle keeps
total power consumption duty cycle
low without compromising
performance or noise immunity
Industry's lowest power consumption

1.8 to 3.6 V supply voltage

9 µA average current (LED pulsed
25.6 µs every 800 ms at 180 mA
plus 3 µA Si114x supply)

< 500 nA standby current

Internal and external wake support

Built-in voltage supply monitor and
power-on reset controller
Serial communications

Up to 3.4 Mbps data rate

Slave mode hardware address
decoding
Small-outline 10-lead 2x2 mm QFN
Temperature Range

–40 to +85 °C
Handsets
E-book readers
Notebooks/Netbooks
Portable consumer electronics
Audio products
Security panels
Tamper detection circuits
Dispensers
Valve controls
Smoke detectors
Touchless switches
Touchless sliders
Occupancy sensors
Consumer electronics
Industrial automation
Display backlighting control
Photo-interrupters
Pin Assignments
LED1
VDD
SCL
GND
INT
2
3
4
9
8
7
6
QFN-10
LED3
LED2
SDA
1
DNC
10
5
NC


Podobny numer części - Si1142-A10-GM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
SI1142-A11-GMR SILABS-SI1142-A11-GMR Datasheet
1Mb / 77P
   PROXIMITY/AMBIENT LIGHT SENSOR IC WITH I 2C INTERFACE
Rev. 1.42 3/21
More results

Podobny opis - Si1142-A10-GM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
SI1153-AB9X-GMR SILABS-SI1153-AB9X-GMR Datasheet
918Kb / 61P
   Proximity/Ambient Light Sensor IC with I2C Interface
Rev. 1.3
SI115X SILABS-SI115X Datasheet
1Mb / 65P
   Proximity/Ambient Light Sensor IC with I2C Interface
Rev. 1.4
SI1153 SILABS-SI1153 Datasheet
1Mb / 58P
   Proximity/Ambient Light Sensor IC with IC Interface
SI1143-M01-GMR SILABS-SI1143-M01-GMR Datasheet
1Mb / 79P
   PROXIMITY/AMBIENT LIGHT SENSOR MODULE WITH I2C INTERFACE
Rev. 1.1 12/14
logo
Everlight Electronics C...
EAAPMST3923A3 EVERLIGHT-EAAPMST3923A3 Datasheet
726Kb / 23P
   Ambient Light Sensor and Proximity Sensor with I2C Interface
EAAPMST3923A2 EVERLIGHT-EAAPMST3923A2 Datasheet
836Kb / 20P
   Ambient Light Sensor and Proximity Sensor with I2C Interface
logo
Silicon Laboratories
SI1141-A11-GM SILABS-SI1141-A11-GM Datasheet
1Mb / 77P
   PROXIMITY/AMBIENT LIGHT SENSOR IC WITH I 2C INTERFACE
Rev. 1.42 3/21
logo
ON Semiconductor
NOA1302 ONSEMI-NOA1302 Datasheet
226Kb / 9P
   Ambient Light Sensor with I2C Interface
August, 2009 ??Rev. 1
LV0104CS ONSEMI-LV0104CS Datasheet
225Kb / 9P
   Ambient Light Sensor, I2C Interface
April 2015- Rev. 2
logo
AMIC Technology
ASR8601 AMICC-ASR8601 Datasheet
40Kb / 1P
   Ambient Light Sensor with I2C digital interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com