Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

UF1503S-B Arkusz danych(PDF) 3 Page - Diodes Incorporated

Numer części UF1503S-B
Szczegółowy opis  1.5A ULTRA-FAST RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DIODES [Diodes Incorporated]
Strona internetowa  http://www.diodes.com
Logo DIODES - Diodes Incorporated

UF1503S-B Arkusz danych(HTML) 3 Page - Diodes Incorporated

  UF1503S-B Datasheet HTML 1Page - Diodes Incorporated UF1503S-B Datasheet HTML 2Page - Diodes Incorporated UF1503S-B Datasheet HTML 3Page - Diodes Incorporated UF1503S-B Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
UF1501/S - UF1507/S
Document number: DS25006 Rev. 5 - 2
3 of 4
www.diodes.com
December 2010
© Diodes Incorporated
UF1501/S - UF1507/S
0
20
40
60
110
100
NUMBER OF CYCLES AT 60Hz
Fig. 3 Peak Forward Surge Current
1
10
100
110
100
V , DC REVERSE VOLTAGE (V)
Fig. 4 Typical Total Capacitance
R
T = 25 C
f = 1.0MHz
j
°
UF1501 - UF1504
UF1505 - UF1507
Package Outline Dimensions
Dim
DO-41
DO-15
Min
Max
Min
Max
A
25.40
25.40
B
4.06
5.21
5.50
7.62
C
0.71
0.864
0.686
0.889
D
2.00
2.72
2.60
3.60
All Dimensions in mm
“S” Suffix Designates DO-41 Package
No Suffix Designates DO-15 Package


Podobny numer części - UF1503S-B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Diodes Incorporated
UF1503S DIODES-UF1503S Datasheet
62Kb / 2P
   1.5A ULTRA-FAST RECTIFIER
DS25006 Rev. A1-2
More results

Podobny opis - UF1503S-B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Diodes Incorporated
UF1501 DIODES-UF1501 Datasheet
62Kb / 2P
   1.5A ULTRA-FAST RECTIFIER
DS25006 Rev. A1-2
UF1501S DIODES-UF1501S_15 Datasheet
130Kb / 3P
   1.5A ULTRA-FAST RECTIFIER
UF1501 DIODES-UF1501_1 Datasheet
369Kb / 3P
   1.5A ULTRA-FAST RECTIFIER
DS25006 Rev. 4 - 2
logo
TAITRON Components Inco...
TUF151 TAITRON-TUF151 Datasheet
137Kb / 4P
   1.5A Ultra Fast Recovery Rectifier
logo
Frontier Electronics.
HER151 FRONTIER-HER151 Datasheet
129Kb / 2P
   1.5A ULTRA FAST RECOVERY RECTIFIER
HER151-LFR FRONTIER-HER151-LFR Datasheet
128Kb / 2P
   1.5A ULTRA FAST RECOVERY RECTIFIER
HER151G FRONTIER-HER151G Datasheet
1,006Kb / 2P
   1.5A ULTRA FAST RECOVERY RECTIFIER
UF15-005G FRONTIER-UF15-005G Datasheet
128Kb / 2P
   1.5A GLASS PASSIVATED ULTRA FAST RECOVERY RECTIFIER
UF15-005G-LFR FRONTIER-UF15-005G-LFR Datasheet
128Kb / 2P
   1.5A GLASS PASSIVATED ULTRA FAST RECOVERY RECTIFIER
logo
TAITRON Components Inco...
UGP15A TAITRON-UGP15A Datasheet
190Kb / 4P
   1.5A Sintered Glass Passivated Ultra Fast Recovery Rectifier
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com