Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LA9251M Arkusz danych(PDF) 3 Page - Sanyo Semicon Device

Numer części LA9251M
Szczegółowy opis  CD Player Analog Signal Processor (ASP)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA9251M Arkusz danych(HTML) 3 Page - Sanyo Semicon Device

  LA9251M Datasheet HTML 1Page - Sanyo Semicon Device LA9251M Datasheet HTML 2Page - Sanyo Semicon Device LA9251M Datasheet HTML 3Page - Sanyo Semicon Device LA9251M Datasheet HTML 4Page - Sanyo Semicon Device LA9251M Datasheet HTML 5Page - Sanyo Semicon Device LA9251M Datasheet HTML 6Page - Sanyo Semicon Device LA9251M Datasheet HTML 7Page - Sanyo Semicon Device LA9251M Datasheet HTML 8Page - Sanyo Semicon Device LA9251M Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
No. 6125-3/17
LA9251M
Continued from preceding page.
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
[Spindle Amplifier]
Offset 12
SPD12ost At SPD, the difference from VR, SP8 = 0 V: 12 cm mode
–40
0
+40
mV
Offset 8
SPD8ost
At SPD, the difference from VR, SP8 = 3 V: 8 cm mode
–40
0
+40
mV
Offset off
SPDof
At SPD, the difference from VR, SP8 = 3 V: 8 cm mode
–40
0
+40
mV
Output voltage H12
SPD-H12
The difference from offset 12,
0.35
0.50
0.65
V
SP8 = 0 V, 12 cm mode, CLV = 3 V
Output voltage H8
SPD-H8
The difference from offset 8,
0.10
0.20
0.30
V
SP8 = 3 V, 8 cm mode, CLV = 3 V
[Sled Amplifier]
Offset SLD
SLDost
SLEQ = VR, the difference from VR
–80
0
+80
mV
Offset off
SLDof
SLOF = High
–40
0
+40
mV
SLC no-signal voltage
SLCo
SLC
1.0
1.5
2.0
V
Shock no-signal voltage
SCIo
SCI, the difference from VR
–40
0
+40
mV
Shock detection voltage (high)
SCIvthH
SCI, the difference from VR
90
140
190
mV
Shock detection voltage (low)
SCIvthL
SCI, the difference from VR
–190
–140
–90
mV
The difference between the LF2 voltage when DEF is
DEF detection voltage
DEFvth
detected with RF = 1.9 V and the LF2 voltage when
0.20
0.35
0.50
V
RF = 1.9 V.
DEF output voltage (high)
DEF-H
2.5
2.9
V
DEF output voltage (low)
DEF-L
0
0.5
V
APC reference voltage
LDS
The LDS voltage such that LDD = 1.5 V
120
170
220
mV
APC off voltage
LDDof
LDD
2.7
2.9
V
Pin Functions
Pin No.
Pin
Function
1
FIN2
Pickup photodiode (focus, RF) connection
2
FIN1
Pickup photodiode (focus, RF) connection
3
E
Pickup photodiode (tracking) connection
4
F
Pickup photodiode (tracking) connection
5
TB
TE signal DC component input. Pickup photodiode (tracking) connection
6TE
TE signal gain setting resistor connection. A resistor is connected between this pin and TE.
7
TE
TE signal output
8
TESI
TES comparator input. Takes the bandpass filtered TE signal as its input.
9
SCI
Shock detection input
10
TH
Tracking gain time constant setting
11
TA
TA amplifier output
12
TD
In conjunction with the TD and VR pins, used to form the tracking phase compensation circuit constant
13
TD
Tracking phase compensation setting
14
JP
Track jump signal amplitude setting
15
TO
Tracking control signal output
16
(NC)
No connection
17
FD
Focusing control signal output
18
FD
In conjunction with the FD and FA pins, used to form the focusing phase compensation circuit constant
19
FA
In conjunction with the FD- and FA- pins, used to form the focusing phase compensation circuit constant
20
FA
In conjunction with the FA and FE pins, used to form the focusing phase compensation circuit constant
21
FE
FE signal output
22
FE
FE signal gain setting resistor connection. A resistor is connected between this pin and FE.
23
SP
CLV pin input signal inverted output
24
SPG
Gain setting resistor connection (12 cm spindle mode)
Continued on next page.


Podobny numer części - LA9251M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LA9250M SANYO-LA9250M Datasheet
152Kb / 17P
   CD Player Analog Signal Processor (ASP)
More results

Podobny opis - LA9251M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LA9250M SANYO-LA9250M Datasheet
152Kb / 17P
   CD Player Analog Signal Processor (ASP)
LA9230M SANYO-LA9230M Datasheet
227Kb / 20P
   Analog Signal Processor ASP for CD players
LA9233M SANYO-LA9233M Datasheet
397Kb / 20P
   Analog Signal Processor ASP for CD players?
LA9241M SANYO-LA9241M Datasheet
279Kb / 21P
   Analog Signal Processor ASP for CD players
LA9211M SANYO-LA9211M Datasheet
97Kb / 1P
   ASP (Analog Signal Processor) for CD Players
LA9240M SANYO-LA9240M Datasheet
321Kb / 20P
   Analog Signal Processor (ASP) for CD players
LA9242M SANYO-LA9242M Datasheet
150Kb / 20P
   Analog Signal Processor ASP for CD Players
logo
Mitsubishi Electric Sem...
M50423FP MITSUBISHI-M50423FP Datasheet
638Kb / 21P
   CD Player Digital Signal Processor
M50427FP MITSUBISHI-M50427FP Datasheet
848Kb / 17P
   CD PLAYER DIGITAL SIGNAL PROCESSOR
M65821FP MITSUBISHI-M65821FP Datasheet
1Mb / 24P
   CD PLAYER DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com