Zakładka z wyszukiwarką danych komponentów |
|
LB11820M Arkusz danych(PDF) 7 Page - Sanyo Semicon Device |
|
LB11820M Arkusz danych(HTML) 7 Page - Sanyo Semicon Device |
7 / 17 page No. 7104-7/17 LB11820M Pin No. 9 10 11 12 13 14 15 16 17 18 19 20 Pin IN1+ IN1– IN2+ IN2– IN3+ IN3– VREG VCC2 LVS VCC3 12REG TOC Equivalent circuit Function Hall amplifier input. IN+ > IN– is the input high state, and the reverse is the input low state. Connect a capacitor between the sIN+ and IN– inputs if there is noise in the Hall sensor signals. Regulated-voltage output pin (5V output) Connect a capacitor (about 0.1 µF) between this pin and ground for stabilization. Voltage detection pin for low-voltage protection. To detect the supply voltage of 5 V or more, connect the zenor diode in series to set the detection voltage. Power pin (VCC3) for use during application with the supply voltage of 12 V or more. 12 V is generated at the 12 REG pin. To use the 12REG pin, connect this pin to VCC1. When not used, keep both VCC3 and 12 REG open or connect them to GND. PWM waveform comparator pin. Normally used in the open condition. By inputting the voltage directly into this pin, the output duty can be controlled without using the VCTL amp. Power pin (PWM oscillation, PWM comparator, VCTL amp). Normally connect to VREG. Continued on next page. Continued from preceding page. |
Podobny numer części - LB11820M |
|
Podobny opis - LB11820M |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |