Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BAT750-7-F Arkusz danych(PDF) 1 Page - Diodes Incorporated

Numer części BAT750-7-F
Szczegółowy opis  0.75A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DIODES [Diodes Incorporated]
Strona internetowa  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAT750-7-F Arkusz danych(HTML) 1 Page - Diodes Incorporated

  BAT750-7-F Datasheet HTML 1Page - Diodes Incorporated BAT750-7-F Datasheet HTML 2Page - Diodes Incorporated BAT750-7-F Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Issue 2 - May 2008
1
www.zetex.com
© Zetex Semiconductors plc 2008
BAT750
SOT23 Schottky barrier diode
Summary
VR = 40V
IF = 750mA
VF < 490mV @ 750mA
Description
A high current Schottky barrier diode in a small outline surface mount
package for applications where space is limited.
Features
•Low VF
High current capability
SOT23 package
Applications
DC-DC converters
Mobile telecoms
•PCMIA
Ordering information
Device marking
1G1
Device
Reel size
(inches)
Tape width
(mm)
Quantity
per reel
BAT750TA
7
8
3000
C
A
C
N/C
A
Top view


Podobny numer części - BAT750-7-F

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Diodes Incorporated
BAT750-7-F DIODES-BAT750-7-F Datasheet
391Kb / 3P
   0.75A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30216 Rev. 10 - 2
More results

Podobny opis - BAT750-7-F

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Diodes Incorporated
BAT750 DIODES-BAT750_15 Datasheet
133Kb / 3P
   0.75A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
BAT750 DIODES-BAT750_1 Datasheet
391Kb / 3P
   0.75A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30216 Rev. 10 - 2
BAT750 DIODES-BAT750 Datasheet
62Kb / 3P
   0.75A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30216 Rev. 4 - 2
logo
Shanghai Sunrise Electr...
SS12 SSE-SS12 Datasheet
16Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SX32 PANJIT-SX32_04 Datasheet
41Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Sunrise Electr...
SK12 SSE-SK12 Datasheet
17Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
   Surface Mount Schottky Barrier Rectifier
logo
Diotech Company.
SK52C DIOTECH-SK52C Datasheet
756Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com