Zakładka z wyszukiwarką danych komponentów |
|
SD103ATW Arkusz danych(PDF) 2 Page - Diodes Incorporated |
|
SD103ATW Arkusz danych(HTML) 2 Page - Diodes Incorporated |
2 / 3 page SD103ATW 0.01 0.1 1 10 100 1,000 0 510 15 35 30 25 20 V , INSTANTANEOUS REVERSE VOLTAGE (V) Fig. 2 Typical Reverse Characteristics R 40 0.01 0.1 1 0.001 0.0001 0 800 600 400 200 1,000 V , INSTANTANEOUS FORWARD VOLTAGE (mV) Fig. 1 Typical Forward Characteristics F T = 25 C A ° T = 75 C A ° T = 125 C A ° T = 0 C A ° T = -40 C A ° 0 10 5 15 25 20 30 0 10 20 30 40 V , DC REVERSE VOLTAGE (V) Fig. 3 Total Capacitance vs. Reverse Voltage R f = 1.0MHz 0 100 025 50 75 100 125 T , AMBIENT TEMPERATURE ( C) Fig. 4 Power Derating Curve A ° 200 Ordering Information (Note 7) Part Number Case Packaging SD103ATW-7-F SOT-363 3000/Tape & Reel Notes: 7. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf. Marking Information KLL KLL = Product Type Marking Code YM = Date Code Marking Y = Year (ex: N = 2002) M = Month (ex: 9 = September) Date Code Key Year 2002 2003 2004 2005 2006 2007 2008 2009 2010 2011 2012 2013 2014 2015 Code N P R S T U V W X Y Z A B C Month Jan Feb Mar Apr May Jun Jul Aug Sep Oct Nov Dec Code 1 2 3 4 5 6 7 8 9 O N D SD103ATW Document number: DS30374 Rev. 9 - 2 2 of 3 www.diodes.com July 2008 © Diodes Incorporated |
Podobny numer części - SD103ATW |
|
Podobny opis - SD103ATW |