Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LB1412M Arkusz danych(PDF) 4 Page - Sanyo Semicon Device

Numer części LB1412M
Szczegółowy opis  Level Meter for 12 LEDs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1412M Arkusz danych(HTML) 4 Page - Sanyo Semicon Device

  LB1412M Datasheet HTML 1Page - Sanyo Semicon Device LB1412M Datasheet HTML 2Page - Sanyo Semicon Device LB1412M Datasheet HTML 3Page - Sanyo Semicon Device LB1412M Datasheet HTML 4Page - Sanyo Semicon Device LB1412M Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Sample Application Circuit
For sample application circuit :
1.
The LB1412M consists of the following blocks.
.
Input amp 1: Amplification of input signal, variable with external constants
.
Input amp 2: Amplification of signal (fixed, double), detection of signal
.
Reference voltage : Reference voltage of comparator, constant-current drive of LED
.
Comparator : Comparison of input voltage
.
LED driver : LED drive, D1 to D7: Constant-current drive
.
Peak hold circuit : Hold of highest-order point of high-order 5 points (D8 to D12)
.
Oscillator for peak hold reset : Peak hold circuit reset
2.
Description of constants of each block
2-1 R3, R4 (R11, R12)
The gain of amp1 depends on R3, R4. Gain of amp 1 = R3/R4 times. The gain of amp1 must not exceed 4 times
(12 dB). R3 + R4
6 100 kΩ (C4 = 4.7 µF).
2-2 C2, C3 (C5, C6)
C3 is for coupling amp 1 with amp 2 and its value is 1 µF. C2 is for controlling the time to turn off LED.
2-3 R2 (R10)
The current of LEDs connected to D1 to D7 depends on R2. The current is stabilized to be approximately 17 mA at
R2=3k
Ω and approximately 11 mA at R2 = 4.7 kΩ.
2-4 R5 to R9 (R13 to R17)
The current of LEDs connected to D8 to D12 depends on these resistors. D8 to D12 pins are collectors of Darlington
transistors.
ID8 to D12 =
VCC –Vsat D8 to D12 –VFLED
R5 to 9
6
VCC – 3.5 V
R5 to 9
ID8 to D12 is approximately 4 mA at R5 to 9 = 2.2 kΩ.
Unit (resistance:
Ω, capacitance: F)
Note : Input signal of approximately 110 mVrms causes D8 (0 dB display) to light.
R5 2.2 k
R6 2.2 k
R8 2.2 k
R7 2.2 k
R9 2.2 k
LB1412M
No.1593-4/5


Podobny numer części - LB1412M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LB1412 SANYO-LB1412 Datasheet
71Kb / 5P
   Level Meter Driver for 12 LEDs
More results

Podobny opis - LB1412M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LB1412 SANYO-LB1412 Datasheet
71Kb / 5P
   Level Meter Driver for 12 LEDs
LB1409 SANYO-LB1409 Datasheet
57Kb / 4P
   Level Meter Driver for 9 LEDs
LB1408 SANYO-LB1408 Datasheet
65Kb / 3P
   Level Meter?
LB1405 SANYO-LB1405 Datasheet
183Kb / 8P
   Level Meter
LB1416 SANYO-LB1416 Datasheet
138Kb / 4P
   Level Meter?
LB1410 SANYO-LB1410 Datasheet
119Kb / 3P
   Level Meter?
LB1411 SANYO-LB1411 Datasheet
66Kb / 3P
   Level Meter?
logo
rfsolutions.ltd
SM1 RFSOLUTIONS-SM1 Datasheet
705Kb / 2P
   Sound level meter
logo
Extech Instruments Corp...
407703A EXTECH-407703A Datasheet
177Kb / 1P
   Analog Sound Level Meter
407706 EXTECH-407706 Datasheet
61Kb / 2P
   Analog Sound Level Meter
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com