Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LB1620 Arkusz danych(PDF) 1 Page - Sanyo Semicon Device

Numer części LB1620
Szczegółowy opis  3-Phase DD Motor Driver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1620 Arkusz danych(HTML) 1 Page - Sanyo Semicon Device

  LB1620 Datasheet HTML 1Page - Sanyo Semicon Device LB1620 Datasheet HTML 2Page - Sanyo Semicon Device LB1620 Datasheet HTML 3Page - Sanyo Semicon Device LB1620 Datasheet HTML 4Page - Sanyo Semicon Device LB1620 Datasheet HTML 5Page - Sanyo Semicon Device LB1620 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
LB1620
Ordering number : EN1210E
3-Phase DD Motor Driver
Monolithic Digital IC
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN
O2097HA (KT)/8037KI/6115KI/7153KI/0252KI No.1210-1/6
Overview
The LB1620 is a 3-phase DD motor driver IC especially
suited for use in VCR capstan motor drive, drum motor
drive, and floppy disk motor drive applications.
Functions and Features
• 3-phase motor driver.
• Capable of controlling drive current.
• On-chip 3-phase control signal generator.
• Phase/speed control pin.
• Forward/reverse rotation control pin.
• Applicable to
β/VHS, NTSC/PAL/SECAM.
Package Dimensions
unit: mm
3037A-DIP20H
[LB1620]
SANYO : DIP20H
Specifications
Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC128
V
VCC214
V
Maximum load current
IL
1.5
A
Allowable power dissipation
Pd max
Ideal heat dissipation
15
W
Without heat sink
3
W
Operating temperature
Topr
–20 to +75
°C
Storage temperature
Tstg
–55 to +150
°C
Allowable Operating Condition at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Supply voltage
VCC1
8.5 to 26.4
V
VCC2
8.5 to 14.0
V
Pin Assignment
Top view


Podobny numer części - LB1620

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nihon Kaiheiki Industry...
LB16 NKK-LB16 Datasheet
2Mb / 20P
   Standard Size Pushbuttons
logo
Taiyo Yuden (U.S.A.), I...
LB1608 TAIYO-YUDEN-LB1608 Datasheet
289Kb / 13P
   WIRE-WOUND CHIP INDUCTORS (LB SERIES)
LB1608T100M TAIYO-YUDEN-LB1608T100M Datasheet
2Mb / 47P
   WOUND CHIP INDUCTORS
LB1608T100M TAIYO-YUDEN-LB1608T100M Datasheet
651Kb / 14P
   Notice for TAIYO YUDEN products
LB1608T100M TAIYO-YUDEN-LB1608T100M Datasheet
651Kb / 14P
   WIRE-WOUND CHIP INDUCTORS (LB SERIES)
More results

Podobny opis - LB1620

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BA6200AL ROHM-BA6200AL Datasheet
1Mb / 4P
   3-PHASE DD MOTOR DRIVER
logo
Sanyo Semicon Device
LB1684 SANYO-LB1684 Datasheet
94Kb / 4P
   3-Phase DD Motor Driver???
logo
Samsung semiconductor
KA8310 SAMSUNG-KA8310 Datasheet
126Kb / 7P
   2-PHASE DD MOTOR DRIVER
logo
Rohm
BA6411 ROHM-BA6411 Datasheet
472Kb / 6P
   2-Phase DD Motor Driver
logo
Samsung semiconductor
KA8304 SAMSUNG-KA8304 Datasheet
180Kb / 9P
   2-PHASE DD MOTOR DRIVER
logo
Rohm
BA6432S ROHM-BA6432S Datasheet
209Kb / 6P
   3-Phase DD Motor Drivers
BA6458FP-Y ROHM-BA6458FP-Y Datasheet
135Kb / 8P
   3-phase motor driver
BA6840BFS ROHM-BA6840BFS Datasheet
127Kb / 9P
   3-phase motor driver
BA6871BS ROHM-BA6871BS Datasheet
201Kb / 11P
   3-phase motor driver
BA6438S ROHM-BA6438S Datasheet
121Kb / 8P
   3-phase motor driver
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com