Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LB1668M Arkusz danych(PDF) 5 Page - Sanyo Semicon Device

Numer części LB1668M
Szczegółowy opis  Two-Phase Unipolar Drive Brushless Motor Drivers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1668M Arkusz danych(HTML) 5 Page - Sanyo Semicon Device

  LB1668M Datasheet HTML 1Page - Sanyo Semicon Device LB1668M Datasheet HTML 2Page - Sanyo Semicon Device LB1668M Datasheet HTML 3Page - Sanyo Semicon Device LB1668M Datasheet HTML 4Page - Sanyo Semicon Device LB1668M Datasheet HTML 5Page - Sanyo Semicon Device LB1668M Datasheet HTML 6Page - Sanyo Semicon Device LB1668M Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Design Documentation (See the application circuit diagrams)
1. Power-supply voltage (VIN pin)
The resistor R1 (when VCC = 12 V R1 = 330 Ω, and when VCC = 24 R1 = about 1.2 kΩ) is inserted between VIN and
the power supply VCC pin. When the ICC current is set in the range 6 to 50 mA, the VIN pin will be regulated to be
6.7 V. Not only does this provide stability with respect to power-supply voltage variations and motor kickback, but it
also provides adequate strength to withstand surges.
2. Output transistors (OUT1 and OUT2 pins)
A Zener diodes with the following characteristics is inserted between the collector and base of each output transistor
to absorb kickback voltages at 57 V (typical) and provide output protection.
Sustained output voltage : VO = 65 V minimum (design guarantee)
Output current
: IO = 1.5 A maximum
Output saturation voltage : VO sat = 1.25 V/1.0 A (typical)
Safe operating range
: IO = 1.0 A, VOLM = 57 V, t = 200 µs
3. Output circuit kickback voltage protection (Z1 and Z2 pins)
These ICs support output protection that minimizes kickback noise by changing the kickback absorption voltage and
absorption method according to the output current and power-supply voltage used.
— When the Z1 and Z2 pins are shorted
The output protection voltage will be 32 V (typical) using a VCC = 12 V power supply.
— When the Z1 and Z2 pins are open
The output protection voltage will be 57 V (typical) using a VCC = 24 V power supply.
— With a Zener diode inserted between Z1 and VCC or between Z1 and ground
This technique handles 120 mm H speed applications which require large output currents and involve large
amounts of heat generated in the IC by dissipating the motor coil switching loss in external Zener diodes.
4. Output protection when the motor is lock (C, RD, and FG pins)
This circuit detects motor stopping due to, for example, overloading, and cuts the coil current. It also automatically
recovers drive and motor turning from the output stopped state when the load returns to an appropriate level. The lock
detection time is set with the value of an external capacitor.
When C = 0.47 µF
Lock detection time: about 1 second
Lock protection time (output on): about 0.5 second
(output off): about 3 seconds
The RD pin (LB1668) is an open collector output and outputs a low level during drive and a high level when stopped.
The FG pin (LB1667) is an open collector output and is switched between high and low by the drive phase. It goes to
the high level when the motor is stopped.
5. Thermal shutdown
This circuit turns the output off in response to coil shorting or IC overheating.
6. In applications that use an external transistor to turn the cooling fan power on and off, connect a capacitor of about
0.47 to 10 µF between the fan power supply VCC and ground to provide a regenerative route for the fan motor coil
current.
No. 4944-5/7
LB1668, LB1668M, LB1667, LB1667M


Podobny numer części - LB1668M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
LB1668M ONSEMI-LB1668M Datasheet
90Kb / 8P
   2-Phase Unipolar Brushless Motor Drivers
May, 2013
LB1668M ONSEMI-LB1668M Datasheet
254Kb / 10P
   2?릔hase Unipolar Brushless Motor Driver
March, 2018 ??Rev. 1
LB1668M-TLM-E ONSEMI-LB1668M-TLM-E Datasheet
254Kb / 10P
   2?릔hase Unipolar Brushless Motor Driver
March, 2018 ??Rev. 1
LB1668M-TLM-H ONSEMI-LB1668M-TLM-H Datasheet
254Kb / 10P
   2?릔hase Unipolar Brushless Motor Driver
March, 2018 ??Rev. 1
LB1668M-W-AH ONSEMI-LB1668M-W-AH Datasheet
254Kb / 10P
   2?릔hase Unipolar Brushless Motor Driver
March, 2018 ??Rev. 1
More results

Podobny opis - LB1668M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LB1668 SANYO-LB1668_09 Datasheet
212Kb / 8P
   Two-Phase Unipolar Drive Brushless Motor Drivers
logo
Ceramate Technical
CMD1668 CERAMATE-CMD1668 Datasheet
369Kb / 9P
   Two-Phase Unipolar Drive Brushless Motor Drivers
logo
Sanyo Semicon Device
LB1663 SANYO-LB1663 Datasheet
74Kb / 6P
   2-Phase Unipolar Brushless Motor Drivers
LB1663M SANYO-LB1663M Datasheet
75Kb / 5P
   2-Phase Unipolar Brushless Motor Drivers
logo
ON Semiconductor
LB1668 ONSEMI-LB1668 Datasheet
90Kb / 8P
   2-Phase Unipolar Brushless Motor Drivers
May, 2013
logo
Sanyo Semicon Device
LB1660N SANYO-LB1660N Datasheet
271Kb / 9P
   2-Phase Unipolar Brushless Motor Drivers
logo
Unisonic Technologies
UM2640 UTC-UM2640 Datasheet
202Kb / 8P
   TWO-PHASE UNIPOLAR DC BRUSHLESS MOTOR PRE-DRIVER IC
logo
New Japan Radio
NJM2640 NJRC-NJM2640 Datasheet
65Kb / 7P
   Two-phase Unipolar DC Brushless Motor Pre-Driver IC
NJM2641 NJRC-NJM2641 Datasheet
51Kb / 3P
   Two-phase Unipolar DC Brushless Motor Pre-Driver IC
logo
Unisonic Technologies
UM2640 UTC-UM2640_17 Datasheet
193Kb / 8P
   TWO-PHASE UNIPOLAR DC BRUSHLESS MOTOR PRE-DRIVER IC
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com