Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

1N4006S Arkusz danych(PDF) 1 Page - Pan Jit International Inc.

Numer części 1N4006S
Szczegółowy opis  PLASTIC SILICON RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PANJIT [Pan Jit International Inc.]
Strona internetowa  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

1N4006S Arkusz danych(HTML) 1 Page - Pan Jit International Inc.

  1N4006S Datasheet HTML 1Page - Pan Jit International Inc. 1N4006S Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PAGE . 1
July 22,2010-REV.02
1N4001S~1N4007S
FEATURES
• Low forward voltage drop
• High current capability
• High reliability
• High surge current capability
• Exceeds environmental standards of MIL-S-19500/228
• In compliance with EU RoHS 2002/95/EC directives
MECHANICAL DATA
• Case: A-405 Molded plastic
• Epoxy: UL 94V-O rate flame retardant.
• Lead: Axial leads, solderable per MIL-STD-750, Method 2026
• Polarity: Color band denotes cathode end
• Mounting Position: Any
• Weight: 0.008 ounces, 0.22 gram
PLASTIC SILICON RECTIFIERS
NOTES:
1. Measured at 1 MHz and applied reverse voltage of 4.0 VDC.
2. Thermal Resistance from Junction to Ambient and from junction to lead at 0.375”(9.5mm)lead length P.C.B.mounted.
.025(.64)
.107(2.7)
.021(.53)
.080(2.0)
A-405
Unit: inch(mm)
VOLTAGE
50 to 1000 Volts
CURRENT
1.0 Amperes
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load,derate current by 20%.
PA RA M E TE R
S YM B OL 1N4001S 1N4002S 1 N4003S 1N4004S 1N4005S 1N4006S 1N4007S UNITS
M a xi m um Re curre nt P eak Re ve rs e Vo ltage
V
RRM
50
10 0
200
400
600
800
1000
V
Ma xi mum RM S Vo lta g e
V
RMS
35
70
140
280
420
560
700
V
Ma xi mum D C B lo c k i ng Vo lta g e
V
DC
50
10 0
200
400
600
800
1000
V
M a xi m um A verage Forward C ur rent .375 " (9.5m m ) lead le ng th at
T
A =7 5
OC
I
F(AV )
1.0
A
P eak Fo rward S urge C ur rent : 8.3m s si ng le ha lf si ne -wave
superi m posed on ra te d load (J E D E C m e thod)
I
FS M
30
A
M a xi m um Forward Vo ltage at 1.0A
V
F
1.1
V
M a xi m um D C Re ve r s e C ur rent at Ra ted D C B loc ki ng
Vo ltage
T
J=2 5
OC
T
J= 100
OC
I
R
5.0
500
μA
Typi cal Junc ti on c apa c i ta nc e (Note 1)
C
J
15
pF
Typi cal Therm a l Re si s tance (Note 2)
R
θJA
R
θJC
R
θJL
50
25
17
OC /
W
Operati ng Junc ti on and S torage Te mp e rature Ra ng e
T
J ,T STG
-55 to +150
OC


Podobny numer części - 1N4006S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pan Jit International I...
1N4006S PANJIT-1N4006S Datasheet
53Kb / 2P
   PLASTIC SILICON RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
Diotec Semiconductor
1N4006S DIOTEC-1N4006S Datasheet
129Kb / 2P
   Standard Recovery Rectifier Diodes
logo
Diotech Company.
1N4006S DIOTECH-1N4006S Datasheet
666Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
logo
Taiwan Semiconductor Co...
1N4006S TSC-1N4006S Datasheet
198Kb / 4P
   Silicon Rectifiers
logo
Transys Electronics
1N4006S TRSYS-1N4006S Datasheet
148Kb / 3P
   PLASTIC SILICON RECTIFIER
More results

Podobny opis - 1N4006S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Compact Technology Corp...
CT4A01 CTC-CT4A01 Datasheet
41Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
HY ELECTRONIC CORP.
1N4001 HY-1N4001 Datasheet
35Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
SEMTECH ELECTRONICS LTD...
P600A SEMTECH_ELEC-P600A Datasheet
238Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
Pan Jit International I...
1N4001 PANJIT-1N4001_10 Datasheet
64Kb / 2P
   PLASTIC SILICON RECTIFIERS
BY127M PANJIT-BY127M_09 Datasheet
68Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
Shenzhen Luguang Electr...
6A05S LUGUANG-6A05S Datasheet
136Kb / 2P
   Plastic Silicon Rectifiers
8A05 LUGUANG-8A05 Datasheet
171Kb / 2P
   Plastic Silicon Rectifiers
EM513 LUGUANG-EM513 Datasheet
157Kb / 2P
   Plastic Silicon Rectifiers
P600A LUGUANG-P600A Datasheet
173Kb / 2P
   Plastic Silicon Rectifiers
logo
Yea Shin Technology Co....
1N4001 YEASHIN-1N4001 Datasheet
120Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
Compact Technology Corp...
1N5391 CTC-1N5391_15 Datasheet
61Kb / 2P
   PLASTIC SILICON RECTIFIERS
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com