Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPA3117D2 Arkusz danych(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Numer części TPA3117D2
Szczegółowy opis  15-W Filter-Free Stereo Class-D Audio Power Amplifier
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TPA3117D2 Arkusz danych(HTML) 4 Page - Texas Instruments

  TPA3117D2 Datasheet HTML 1Page - Texas Instruments TPA3117D2 Datasheet HTML 2Page - Texas Instruments TPA3117D2 Datasheet HTML 3Page - Texas Instruments TPA3117D2 Datasheet HTML 4Page - Texas Instruments TPA3117D2 Datasheet HTML 5Page - Texas Instruments TPA3117D2 Datasheet HTML 6Page - Texas Instruments TPA3117D2 Datasheet HTML 7Page - Texas Instruments TPA3117D2 Datasheet HTML 8Page - Texas Instruments TPA3117D2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
1
2
3
4
5
6
7
8
32
31
24
23
22
21
20
19
LINN
GAIN0
GAIN1
AVCC
AGND
REG_OUT
PLIMIT
OUTPL
PGND
OUTNL
BSNL
BSNR
OUTNR
PGND
RINN
30
29
28
27
18
17
25
26
OUTPR
Thermal
Pad
9
10
11
12
13
14
16
15
TPA3117D2
SLOS672 – OCTOBER 2010
www.ti.com
AC CHARACTERISTICS
TA = 25°C, VCC = 24 V, RL = 8 Ω (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
200mVPP ripple at 1kHz,
KSVR
Power Supply ripple rejection
–70
dB
Gain = 18.2dB, Inputs ac-coupled to AGND
PO
Continuous output power
THD+N = 10%, f = 1kHz, VCC = 16V
15
W
THD+N
Total harmonic distortion + noise
VCC = 16V, f = 1kHz, PO = 7.5W (half-power)
0.1
%
55
µV
Vn
Output integrated noise
20Hz to 22kHz, A-weighted filter, Gain = 9dB
–85
dBV
Crosstalk
VO = 1Vrms, Gain = 9dB, f = 1kHz
–100
dB
Maximum output at THD+N < 1%, f = 1kHz,
SNR
Signal-to-noise ratio
102
dB
Gain = 9dB, A-weighted
FSEL = 0.8V
290
fOSC
Oscillator frequency
kHz
FSEL = 2V
390
Thermal trip point
150
°C
Thermal hysteresis
15
°C
AC CHARACTERISTICS
TA = 25°C, VCC = 12 V, RL = 8 Ω (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
200mVPP ripple from 20Hz – 1kHz,
KSVR
Supply ripple rejection
–70
dB
Gain = 18.2dB, Inputs ac-coupled to AGND
PO
Continuous output power
THD+N = 10%, f = 1kHz; VCC = 13V
10
W
THD+N
Total harmonic distortion + noise
RL = 8Ω, f = 1kHz, PO = 5W (half-power)
0.06
%
48
µV
Vn
Output integrated noise
20Hz to 22kHz, A-weighted filter, Gain = 9dB
–86
dBV
Crosstalk
Po = 1W, Gain = 9dB, f = 1kHz
–100
dB
Maximum output at THD+N < 1%, f = 1kHz,
SNR
Signal-to-noise ratio
102
dB
Gain = 9dB, A-weighted
FSEL = 0.8V
290
fOSC
Oscillator frequency
kHz
FSEL = 2V
390
Thermal trip point
150
°C
Thermal hysteresis
15
°C
RHB (QFN) PACKAGE
(TOP VIEW)
4
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s) :TPA3117D2


Podobny numer części - TPA3117D2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA3117D2 TI1-TPA3117D2 Datasheet
1Mb / 30P
[Old version datasheet]   15-W Filter-Free Stereo Class-D Audio Power Amplifier with SpeakerGuard?
TPA3117D2RHBR TI1-TPA3117D2RHBR Datasheet
1Mb / 30P
[Old version datasheet]   15-W Filter-Free Stereo Class-D Audio Power Amplifier with SpeakerGuard?
TPA3117D2RHBT TI1-TPA3117D2RHBT Datasheet
1Mb / 30P
[Old version datasheet]   15-W Filter-Free Stereo Class-D Audio Power Amplifier with SpeakerGuard?
More results

Podobny opis - TPA3117D2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA3110D2 TI-TPA3110D2_10 Datasheet
976Kb / 34P
[Old version datasheet]   15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
TPA3117D2RHBT TI1-TPA3117D2RHBT Datasheet
1Mb / 30P
[Old version datasheet]   15-W Filter-Free Stereo Class-D Audio Power Amplifier with SpeakerGuard?
TPA3110D2_0911 TI-TPA3110D2_0911 Datasheet
1Mb / 33P
[Old version datasheet]   15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
TPA3110D2 TI-TPA3110D2 Datasheet
1Mb / 33P
[Old version datasheet]   15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
TPA3121D2 TI1-TPA3121D2_16 Datasheet
1Mb / 32P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3124D2 TI1-TPA3124D2_16 Datasheet
805Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3121D2 TI-TPA3121D2 Datasheet
875Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3122D2 TI1-TPA3122D2_14 Datasheet
492Kb / 22P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3107D2 TI1-TPA3107D2_16 Datasheet
1Mb / 33P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3122D2 TI-TPA3122D2_15 Datasheet
423Kb / 21P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com