Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BC850W Arkusz danych(PDF) 1 Page - Pan Jit International Inc.

Numer części BC850W
Szczegółowy opis  NPN GENERAL PURPOSE TRANSISTORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PANJIT [Pan Jit International Inc.]
Strona internetowa  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BC850W Arkusz danych(HTML) 1 Page - Pan Jit International Inc.

  BC850W Datasheet HTML 1Page - Pan Jit International Inc. BC850W Datasheet HTML 2Page - Pan Jit International Inc. BC850W Datasheet HTML 3Page - Pan Jit International Inc. BC850W Datasheet HTML 4Page - Pan Jit International Inc. BC850W Datasheet HTML 5Page - Pan Jit International Inc. BC850W Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PAGE . 1
December 17,2010-REV.00
BC846AW ~ BC850CW
NPN GENERAL PURPOSE TRANSISTORS
VOLTAGE
30/45/65 Volts
150 mWatts
FEATURES
• General purpose amplifier applications
• NPN epitaxial silicon, planar design
• Collector current IC = 100mA
• In compliance with EU RoHS 2002/95/EC directives
MECHANICAL DATA
• Case: SOT-323, Plastic
• Terminals: Solderable per MIL-STD-750, Method 2026
• Approx. Weight: 0.0001 ounce, 0.005 gram
CURRENT
ABSOLUTE RATINGS
PARAMETER
Symbol
Value
Units
Collector - Emitter Voltage
BC846W
BC847W, BC850W
BC848W, BC849W
VCEO
65
45
30
V
Collector - Base Voltage
BC846W
BC847W, BC850W
BC848W, BC849W
VCBO
80
50
30
V
Emitter - Base Voltage
BC846W
BC847W, BC850W
BC848W, BC849W
VEBO
6.0
6.0
5.0
V
Collector Current - Continuous
I C
100
mA
THERMAL CHARACTERISTICS
PARAMETER
Symbol
Value
Units
Max Power Dissipation (Note 1)
P
TOT
150
mW
Thermal Resistance
Rθ
JA
Rθ
JC
400
100
OC/W
Junction Temperature
T
J
-55 to 150
OC
Storage Temperature
T
STG
-55 to 150
OC
Note 1: Transistor mounted on FR-5 board 1.0 x 0.75 x 0.062 in.
Device Marking:
BC846AW=46A
BC847AW=47A
BC848AW=48A
BC846BW=46B
BC847BW=47B
BC848BW=48B
BC849BW=49B
BC850BW=50B
BC847CW=47C
BC848CW=48C
BC849CW=49C
BC850CW=50C
0.087(2.20)
0.070(1.80)
0.054(1.35)
0.045(1.15)
0.056(1.40)
0.047(1.20)
0.004(0.10)MAX.
0.006(0.15)
0.002(0.05)
0.016(0.40)
0.008(0.20)
0.044(1.10)
0.035(0.90)


Podobny numer części - BC850W

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
BC850W PHILIPS-BC850W Datasheet
48Kb / 8P
   NPN general purpose transistors
1999 Apr 12
logo
Infineon Technologies A...
BC850W INFINEON-BC850W Datasheet
229Kb / 8P
   NPN Silicon AF Transistors
Dec-11-2001
logo
Diotec Semiconductor
BC850W DIOTEC-BC850W Datasheet
185Kb / 2P
   Surface mount Si-Epitaxial PlanarTransistors
logo
SEMTECH ELECTRONICS LTD...
BC850W SEMTECH_ELEC-BC850W Datasheet
260Kb / 4P
   NPN Silicon Epitaxial Planar Transistor
logo
NXP Semiconductors
BC850W NXP-BC850W Datasheet
129Kb / 7P
   NPN general purpose transistors
1999 Apr 12
More results

Podobny opis - BC850W

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AiT Semiconductor Inc.
D882 AITSEMI-D882 Datasheet
554Kb / 5P
   GENERAL PURPOSE TRANSISTORS NPN TRANSISTORS
REV1.1
2SD1007 AITSEMI-2SD1007 Datasheet
401Kb / 4P
   GENERAL PURPOSE TRANSISTORS NPN TRANSISTORS
REV1.1
logo
NXP Semiconductors
BC109C PHILIPS-BC109C Datasheet
55Kb / 8P
   NPN general purpose transistors
1997 Sep 03
2PC4617M PHILIPS-2PC4617M Datasheet
46Kb / 6P
   NPN general purpose transistors
2003 Jul 15
PMSTA05 PHILIPS-PMSTA05 Datasheet
56Kb / 8P
   NPN general purpose transistors
1999 Apr 29
JC546 PHILIPS-JC546 Datasheet
46Kb / 8P
   NPN general purpose transistors
1999 Apr 27
BCX70 PHILIPS-BCX70 Datasheet
42Kb / 8P
   NPN general purpose transistors
1999 Apr 15
BC546 PHILIPS-BC546 Datasheet
47Kb / 8P
   NPN general purpose transistors
2004 Nov 25
logo
Weitron Technology
S8050 WEITRON-S8050 Datasheet
2Mb / 4P
   NPN General Purpose Transistors
logo
NXP Semiconductors
2PC4617M NXP-2PC4617M Datasheet
222Kb / 6P
   NPN general purpose transistors
2003 Jul 15
BCV72.215 PHILIPS-BCV72.215 Datasheet
220Kb / 6P
   NPN general purpose transistors
1999 Apr 08
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com