Zakładka z wyszukiwarką danych komponentów |
|
LB1872 Arkusz danych(PDF) 11 Page - Sanyo Semicon Device |
|
LB1872 Arkusz danych(HTML) 11 Page - Sanyo Semicon Device |
11 / 11 page PS No. 5625-11/11 LB1872 stipulate the speed error when the LD output is on, this must be determined based on the result of a speed measurement for the motor state. This IC includes a built-in circuit that masks LD output chattering (rapid switching between on and off) during phase lock pull-in. The mask time is determined as shown below by the capacitance of the capacitor inserted between the CLD pin and ground. t = 0.35 × C t: Mask time (s) C: External capacitance (µF) If LD chattering is masked, the LD output is delayed by the mask time. Therefore care is required, since the speed error when LD is on is changed by the mask time. Leave the CLD pin open if there is no need for masking. 7. Power supply stabilization Since this IC provides large output currents, it can easily cause fluctuations in the power supply line voltage. Therefore, capacitors with adequate capacitances for stabilization must be inserted between the VDD and ground pins. If diodes are inserted in the power supply lines to prevent device destruction by reverse power supply connection, the power supply line voltage becomes especially liable to fluctuations. In this case, even larger capacitors are required. 8. External protection circuits If an application will include external motor constraint protection and other external protection circuits, use an open collector transistor output to set the FC pin low to shut off the IC drive current. This catalog provides information as of January, 1998. Specifications and information herein are subject to change without notice. s No products described or contained herein are intended for use in surgical implants, life-support systems, aerospace equipment, nuclear power control systems, vehicles, disaster/crime-prevention equipment and the like, the failure of which may directly or indirectly cause injury, death or property loss. s Anyone purchasing any products described or contained herein for an above-mentioned use shall: Accept full responsibility and indemnify and defend SANYO ELECTRIC CO., LTD., its affiliates, subsidiaries and distributors and all their officers and employees, jointly and severally, against any and all claims and litigation and all damages, cost and expenses associated with such use: Not impose any responsibility for any fault or negligence which may be cited in any such claim or litigation on SANYO ELECTRIC CO., LTD., its affiliates, subsidiaries and distributors or any of their officers and employees jointly or severally. s Information (including circuit diagrams and circuit parameters) herein is for example only; it is not guaranteed for volume production. SANYO believes information herein is accurate and reliable, but no guarantees are made or implied regarding its use or any infringements of intellectual property rights or other rights of third parties. |
Podobny numer części - LB1872 |
|
Podobny opis - LB1872 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |