Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LB1876 Arkusz danych(PDF) 7 Page - Sanyo Semicon Device

Numer części LB1876
Szczegółowy opis  Three-Phase Brushless Motor Driver for Polygon Mirror Motors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1876 Arkusz danych(HTML) 7 Page - Sanyo Semicon Device

Back Button LB1876 Datasheet HTML 3Page - Sanyo Semicon Device LB1876 Datasheet HTML 4Page - Sanyo Semicon Device LB1876 Datasheet HTML 5Page - Sanyo Semicon Device LB1876 Datasheet HTML 6Page - Sanyo Semicon Device LB1876 Datasheet HTML 7Page - Sanyo Semicon Device LB1876 Datasheet HTML 8Page - Sanyo Semicon Device LB1876 Datasheet HTML 9Page - Sanyo Semicon Device LB1876 Datasheet HTML 10Page - Sanyo Semicon Device LB1876 Datasheet HTML 11Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
No. 6201-7/14
LB1876
Pin Descriptions
Pin No.
Symbol
Description
Equivalent circuit
Motor drive output.
Connect Schottky diodes between the outputs
and VCC.
2
1
36
OUT1
OUT2
OUT3
1
2
36
300
VM1
34
28
VCC
29
VM2
VREG
300
5
300
8
6
4
9
7
VREG
300
11
300
10
Continued on next page.
Output block ground
34
GND3
Output block power supply and output current
detection
Connect low-resistance resistors Rf between
these pins and VCC.
The output current is limited to the current
value set by IOUT = VREF/Rf.
28
29
VM1
VM2
Since these are not connected internally, they
can be used for wiring.
3
35
NC
NC
Hall device inputs
These inputs return a high level when IN+ >
IN- and a low level when IN– > IN+.
A Hall signal amplitude of at least 100 mV p-p
(differential) is desirable. Insert a capacitor
between IN+ and IN- if noise on the Hall signal
is a problem.
8
9
6
7
4
5
IN1+
IN1–
IN2+
IN2–
IN3+
IN3–
FG inputs
If noise on the FG signal is a problem, insert
either a capacitor or a filter consisting of a
capacitor and a resistor.
10
11
FGIN1+
FGIN1–
Control circuit block ground
12
GND1
Sub-ground
13
GND2


Podobny numer części - LB1876

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LB1876 SANYO-LB1876 Datasheet
168Kb / 12P
   For Polygon Mirror Motors 3-phase Brushless Motor Driver
logo
ON Semiconductor
LB1876 ONSEMI-LB1876 Datasheet
169Kb / 12P
   3-phase Brushless Motor Driver
May, 2013
logo
Sanyo Semicon Device
LB1876 SANYO-LB1876_09 Datasheet
168Kb / 12P
   For Polygon Mirror Motors 3-phase Brushless Motor Driver
More results

Podobny opis - LB1876

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LB1876 SANYO-LB1876_09 Datasheet
168Kb / 12P
   For Polygon Mirror Motors 3-phase Brushless Motor Driver
LB11870 SANYO-LB11870_07 Datasheet
194Kb / 14P
   For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
logo
ON Semiconductor
LB11873-TRM-E ONSEMI-LB11873-TRM-E Datasheet
159Kb / 14P
   For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
May, 2013
logo
Sanyo Semicon Device
LB11870 SANYO-LB11870 Datasheet
204Kb / 14P
   Three-Phase Brushless Motor Driver for Polygonal Mirror Motors
LB11872H SANYO-LB11872H Datasheet
125Kb / 13P
   Three-Phase Brushless Motor Driver for Polygonal Mirror Motors
LB11872H SANYO-LB11872H_08 Datasheet
131Kb / 11P
   For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
LV8112V_1002 SANYO-LV8112V_1002 Datasheet
305Kb / 13P
   For Polygon Mirror Motor 3-phase Brushless Motor Driver
LV8112V SANYO-LV8112V_12 Datasheet
204Kb / 13P
   For Polygon Mirror Motor 3-phase Brushless Motor Driver
LV8111V_0910 SANYO-LV8111V_0910 Datasheet
295Kb / 13P
   For Polygon Mirror Motor 3-phase Brushless Motor Driver
LV8111V SANYO-LV8111V_12 Datasheet
193Kb / 13P
   For Polygon Mirror Motor 3-phase Brushless Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com