Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LB1877M Arkusz danych(PDF) 3 Page - Sanyo Semicon Device

Numer części LB1877M
Szczegółowy opis  Brushless Motor Driver with Speed Control for Portable Cassette Recorders
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1877M Arkusz danych(HTML) 3 Page - Sanyo Semicon Device

  LB1877M Datasheet HTML 1Page - Sanyo Semicon Device LB1877M Datasheet HTML 2Page - Sanyo Semicon Device LB1877M Datasheet HTML 3Page - Sanyo Semicon Device LB1877M Datasheet HTML 4Page - Sanyo Semicon Device LB1877M Datasheet HTML 5Page - Sanyo Semicon Device LB1877M Datasheet HTML 6Page - Sanyo Semicon Device LB1877M Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
LB1877M
No. 6199-3/7
Pin Function
Pin number Pin name
Function
20
UOUT
U-phase output
1
VOUT
V-phase output
2
WOUT
W-phase output
6
UB
U-phase base of 3-phase differential
5
VB
V-phase base of 3-phase differential
4
WB
W-phase base of 3-phase differential
18
VCC
Power supply
7
OSC
Startup oscillator pin
8
COM
Output waveform detection comparator voltage
3
P – GND
Output transistor and predriver ground
9
GND
Ground pin
11
S/S
Start/stop pin
19
DR
Forward/reverse pin
12
VREF
Reference voltage 0.9V
14
VSP
Output waveform peak detection pin
13
IN+
Error amp non-inverted pin
15
OUT
Error amp output pin
10
RI
Current feedback resistor connection pin
16
FC
Frequency response adjustment pin
17
LB
Motor start lockup prevention. Connect to GND via capacitor
Pin Assignment
20
19
18
17
16
15
14
13
12
11
RI
COM
OSC
GND
UB
VSP
VREF
IN+
S/S
OUT
FC
LB
VCC
DR
UOUT
LB1877M
VB
WB
WOUT
VOUT
PGND
1
2
3
4
5
6
7
8
9
10
Top view


Podobny numer części - LB1877M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LB1877 SANYO-LB1877 Datasheet
71Kb / 7P
   Brushless Motor Driver with Speed Control for Portable Cassette Recorders
LB1877V SANYO-LB1877V Datasheet
71Kb / 7P
   Brushless Motor Driver with Speed Control for Portable Cassette Recorders
More results

Podobny opis - LB1877M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LB1877V SANYO-LB1877V Datasheet
71Kb / 7P
   Brushless Motor Driver with Speed Control for Portable Cassette Recorders
LA1827M SANYO-LA1827M Datasheet
347Kb / 12P
   Single-Chip Tuner IC for Portable Radio/Cassette Recorders
LA1828 SANYO-LA1828 Datasheet
153Kb / 13P
   Single-Chip Tuner IC for Portable Radio /Cassette Recorders with Manual Tuning
logo
Silicon Touch Technolog...
ST1115C SITI-ST1115C Datasheet
230Kb / 13P
   PWM Speed Control Double Coil Brushless DC Motor Driver
logo
Sanyo Semicon Device
LB1951V SANYO-LB1951V Datasheet
211Kb / 9P
   3-Phase Brushless Motor Driver for Portable VCR Capstan Use
LB1991V SANYO-LB1991V Datasheet
179Kb / 7P
   Three-Phase Brushless Motor Driver for Portable VCR Capstan Motors
LA4613 SANYO-LA4613 Datasheet
68Kb / 7P
   Audio Power Amplifier for Radio Cassette Recorders
LV8104V SANYO-LV8104V Datasheet
415Kb / 19P
   For Variable Speed Control Three-Phase Brushless Motor Predriver
LA4601 SANYO-LA4601 Datasheet
67Kb / 7P
   Audio Power Amplifier for Radio Cassette Recorders
LB1822 SANYO-LB1822 Datasheet
112Kb / 5P
   3-phase Brushless Motor Predriver with Digital Speed Control
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com