Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

GS1KWZ Arkusz danych(PDF) 1 Page - Pan Jit International Inc.

Numer części GS1KWZ
Szczegółowy opis  SURFACE MOUNT GENERAL PURPOSE RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PANJIT [Pan Jit International Inc.]
Strona internetowa  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

GS1KWZ Arkusz danych(HTML) 1 Page - Pan Jit International Inc.

  GS1KWZ Datasheet HTML 1Page - Pan Jit International Inc. GS1KWZ Datasheet HTML 2Page - Pan Jit International Inc. GS1KWZ Datasheet HTML 3Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PAGE . 1
REV.0.0-MAR.26.2010
GS1AWZ~GS1MWZ
FEATURES
• For surface mounted applications
• Low profile package
• Built-in strain relief
• Easy pick and place
• Plastic package has Underwriters Laboratory Flammability
Classification 94V-O
• Low Forward Drop
• High temperature soldering : 260°C /10 seconds at terminals
• Glass Passivated Junction
• In compliance with EU RoHS 2002/95/EC directives
MECHANICAL DATA
• Case: SMA(W) molded plastic
• Terminals: Solder plated, solderable per MIL-STD-750,Method 2026
• Polarity: Indicated by cathode band
• Standard packaging: 12 mm tape (EIA-481)
• Weight: 0.002 ounce, 0.064 gram
SURFACE MOUNT GENERAL PURPOSE RECTIFIER
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
NOTES:1. Measured at 1 MHz and applied Vr = 4.0 volts.
2. 8.0 mm2 ( .013mm thick ) land areas.
VOLTAGE
50 to 1000 Volts
1.0 Amperes
CURRENT
.188(4.80)
PA RA M E TE R
S YM B O L GS 1 AWZ GS 1B WZ GS 1D WZ GS 1 GWZ GS 1 J WZ GS 1 K WZ GS 1 MWZ UNITS
M a xi m um Re cur r e nt P eak Re ve r s e Vo ltage
V
RRM
50
100
2 0 0
400
600
800
1000
V
M a xi mum RM S Vo lta g e
V
RM S
35
70
1 4 0
280
420
560
700
V
M a xi m um D C B lock i ng Vo ltage
V
DC
50
100
2 0 0
400
600
800
1000
V
M a xi m um A ver age F o r ward
C ur r e nt at T
L = 50
OCI
F( AV )
1.0
A
P eak Fo rwar d S ur ge C ur r e nt : 8.3m s si ng le ha lf
si ne - wave s uperi m pos ed on r a ted load
( J EDEC m e tho d )
I
FS M
30
A
M a xi m um F o r war d Vo ltage at 1. 0A D C
V
F
1.1
V
M a xi m um D C Re ve r s e C urr ent at T
J =2 5
OC
Ra t ed D C B lock i ng Vo ltage T
J = 100
OC
I
R
0.5
10
μA
Typi cal Junc ti on capac i t anc e ( Note 1)
C
J
12
pF
Typi cal Junc ti on Re si s tanc e ( Note 2)
R
θJL
30
OC / W
O per ati ng and S tor age Te m per ature Ra ng e
T
J ,T STG
- 55 to + 150
OC


Podobny numer części - GS1KWZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pan Jit International I...
GS1KW PANJIT-GS1KW Datasheet
113Kb / 3P
   SURFACE MOUNT GENERAL PURPOSE RECTIFIER
logo
Nantong Hornby Electron...
GS1KW HORNBY-GS1KW Datasheet
384Kb / 3P
   SURFACE MOUNT PLASTIC PASSIVATED JUNCTION RECTIFIER
logo
Pan Jit International I...
GS1KWG PANJIT-GS1KWG Datasheet
117Kb / 5P
   SURFACE MOUNT GENERAL PURPOSE RECTIFIER
More results

Podobny opis - GS1KWZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Central Semiconductor C...
CXR1-04 CENTRAL-CXR1-04 Datasheet
99Kb / 2P
   SURFACE MOUNT GENERAL PURPOSE RECTIFIER
logo
Yangzhou yangjie electr...
GS3ABQ YANGJIE-GS3ABQ Datasheet
764Kb / 4P
   Surface Mount General Purpose Rectifier
GS5AQ YANGJIE-GS5AQ Datasheet
215Kb / 4P
   Surface Mount General Purpose Rectifier
GS1A YANGJIE-GS1A Datasheet
360Kb / 4P
   Surface Mount General Purpose Rectifier
logo
Pan Jit International I...
GS1AW PANJIT-GS1AW Datasheet
113Kb / 3P
   SURFACE MOUNT GENERAL PURPOSE RECTIFIER
logo
Yangzhou yangjie electr...
G1AQ YANGJIE-G1AQ Datasheet
219Kb / 5P
   Surface Mount General Purpose Rectifier
logo
Pan Jit International I...
GS1AWG PANJIT-GS1AWG Datasheet
117Kb / 5P
   SURFACE MOUNT GENERAL PURPOSE RECTIFIER
logo
Yangzhou yangjie electr...
GS2AAQ YANGJIE-GS2AAQ Datasheet
239Kb / 4P
   Surface Mount General Purpose Rectifier
GS8AQ YANGJIE-GS8AQ Datasheet
224Kb / 4P
   Surface Mount General Purpose Rectifier
logo
Pan Jit International I...
GS1GAFC PANJIT-GS1GAFC Datasheet
343Kb / 4P
   Surface Mount General Purpose Rectifier
July 4,2020 GS1GAFC_SERIES-REV.00
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com