Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LB1896 Arkusz danych(PDF) 5 Page - Sanyo Semicon Device

Numer części LB1896
Szczegółowy opis  3-phase Brushless Motor Driver for CD-ROM Spindle Drive Use
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1896 Arkusz danych(HTML) 5 Page - Sanyo Semicon Device

  LB1896 Datasheet HTML 1Page - Sanyo Semicon Device LB1896 Datasheet HTML 2Page - Sanyo Semicon Device LB1896 Datasheet HTML 3Page - Sanyo Semicon Device LB1896 Datasheet HTML 4Page - Sanyo Semicon Device LB1896 Datasheet HTML 5Page - Sanyo Semicon Device LB1896 Datasheet HTML 6Page - Sanyo Semicon Device LB1896 Datasheet HTML 7Page - Sanyo Semicon Device LB1896 Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Continued from preceding page.
Pin No.
Pin Name
Pin Voltage
Equivalent Circuit Diagram
Pin Function
9
8
CTRL
φ
CTRL1
0toVCC2
v Operation mode switching pins.
v Refer to the Mode Switching Truth Table
for selection of control, acceleration, or
deceleration.
7
NS+
0 to
VCC2−1V
v Input pin at noncontrol mode.
v The input-output gain is 14 dB.
(GC2: LOW)
v Motor stops when VNS =0V.
6
S/S
0toVCC2
v When the S/S pin is HIGH, START;
when LOW, STOP.
v The threshold is VCC2/2.
5FC
v Connect a capacitor between this pin and
GND to reduce the input/output gain
frequency response and to stop the
oscillator.
1
34
33
32
31
30
WIN2
WIN1
VIN2
VIN1
UIN2
UIN1
1.3 to 2.2 V
W-phase Hall device input pins.
Logic ‘‘H’’ represent WIN1 > WIN2
V-phase Hall device input pins.
Logic ‘‘H’’ represent VIN1 > VIN2
U-phase Hall device input pins.
Logic ‘‘H’’ represent UIN1 > UIN2
Continued on next page.
LB1896
No.5225-5/8


Podobny numer części - LB1896

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LB1890M SANYO-LB1890M Datasheet
159Kb / 8P
   FDD Spindle Motor Driver
LB1893 SANYO-LB1893 Datasheet
159Kb / 8P
   3-Phase Brushless Motor Driver for CD-ROM Spindle Motors
LB1894M SANYO-LB1894M Datasheet
142Kb / 7P
   3-Phase Brushless Motor Driver for CD-ROM Spindle Motors?
LB1895 SANYO-LB1895 Datasheet
192Kb / 12P
   3-Phase Brushless Motor Driver for CD-ROM Spindle Motors
LB1895D SANYO-LB1895D Datasheet
192Kb / 12P
   3-Phase Brushless Motor Driver for CD-ROM Spindle Motors
More results

Podobny opis - LB1896

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LB1998 SANYO-LB1998 Datasheet
91Kb / 9P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
LB11997H SANYO-LB11997H Datasheet
74Kb / 8P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
LB1997 SANYO-LB1997 Datasheet
100Kb / 9P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
LB1995 SANYO-LB1995 Datasheet
92Kb / 9P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
LB11995 SANYO-LB11995 Datasheet
97Kb / 10P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
LB11995H SANYO-LB11995H Datasheet
90Kb / 10P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
LB1996 SANYO-LB1996 Datasheet
90Kb / 9P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
LB1894M SANYO-LB1894M Datasheet
142Kb / 7P
   3-Phase Brushless Motor Driver for CD-ROM Spindle Motors?
LB1893 SANYO-LB1893 Datasheet
159Kb / 8P
   3-Phase Brushless Motor Driver for CD-ROM Spindle Motors
LB1895 SANYO-LB1895 Datasheet
192Kb / 12P
   3-Phase Brushless Motor Driver for CD-ROM Spindle Motors
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com