Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MMBD914WS Arkusz danych(PDF) 1 Page - Pan Jit International Inc.

Numer części MMBD914WS
Szczegółowy opis  SURFACE MOUNTSWITCHING DIODES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PANJIT [Pan Jit International Inc.]
Strona internetowa  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

MMBD914WS Arkusz danych(HTML) 1 Page - Pan Jit International Inc.

  MMBD914WS Datasheet HTML 1Page - Pan Jit International Inc. MMBD914WS Datasheet HTML 2Page - Pan Jit International Inc. MMBD914WS Datasheet HTML 3Page - Pan Jit International Inc. MMBD914WS Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DATA SHEET
FEATURES
Very fast reverse recovery (Trr < 2.0 ns typical)
Low capacitance (2pF @ 0V typical)
Surface mount package ideally suited for automatic insertion
In compliance with EU RoHS 2002/95/EC directives
MECHANICAL DATA
Case: SOD-323 plastic
Terminals: Solderable per MIL-STD-750, Method 2026
Approx weight: 4.1mg
Marking:
T1
ABSOLUTE RATINGS
PARAMETER
SYMBOL
VALUE
UNIT
Maximum Reverse Voltage
VR
100
V
Peak Reverse Voltage
VRRM
100
V
Continuous Forward Current
IF
0.2
A
Non-repetitive Peak Forward Surge Current at t=1.0 us
IFSM
4.0
A
THERMAL CHARACTERISTICS
PARAMETER
SYMBOL
VALUE
UNIT
Power Dissipation
(1)
PTOT
200
mW
Thermal Resistance , Junction to Ambient
(1)
RθJ A
625
℃/W
Junction Temperature
TJ
-55 to 150
Storage Temperature
TSTG
-55 to 150
Note 1. FR-4 Board = 70 x 60 x 1mm.
SURFACE MOUNT SWITCHING DIODES
VOLTAGE
POWER
100Volts
200mW
.078(1.95)
.038(.95)
.107(2.7)
.068(1.75)
.027(.70)
.090(2.3)
.012(.30)MIN.
SOD-323
Unit: inch (mm)
PAGE . 1
REV.0.1-FEB.11.2009
MMBD914WS


Podobny numer części - MMBD914WS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pan Jit International I...
MMBD914WS-AU PANJIT-MMBD914WS-AU Datasheet
498Kb / 6P
   SURFACE MOUNTSWITCHING DIODES
MMBD914WSAU_ PANJIT-MMBD914WSAU_ Datasheet
498Kb / 6P
   SURFACE MOUNTSWITCHING DIODES
More results

Podobny opis - MMBD914WS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pan Jit International I...
MMBD914WS-AU PANJIT-MMBD914WS-AU Datasheet
498Kb / 6P
   SURFACE MOUNTSWITCHING DIODES
logo
Cystech Electonics Corp...
MF400XSL CYSTEKEC-MF400XSL Datasheet
135Kb / 3P
   SURFACE MOUNT DIODES
logo
Nanjing International G...
1SMA4728A DGNJDZ-1SMA4728A Datasheet
81Kb / 2P
   SURFACE MOUNTZENER DIODES
logo
Voltage Multipliers Inc...
SXF50FF3 VMI-SXF50FF3 Datasheet
75Kb / 1P
   High Voltage Diodes - Surface Mount High Voltage Diodes - Surface Mount
logo
Hi-Sincerity Mocroelect...
HMM4148 HSMC-HMM4148 Datasheet
36Kb / 3P
   SURFACE MOUNT SITCHING DIODES
logo
Comchip Technology
CZRW5221 COMCHIP-CZRW5221 Datasheet
77Kb / 4P
   Surface Mount Zener Diodes
CZRL47 COMCHIP-CZRL47 Datasheet
62Kb / 3P
   Surface Mount Zener Diodes
CZRB5926 COMCHIP-CZRB5926 Datasheet
73Kb / 3P
   Surface Mount Zener Diodes
logo
Formosa MS
MM3Z FORMOSA-MM3Z Datasheet
543Kb / 5P
   Surface Mount Zener Diodes
logo
Pan Jit International I...
BAS40WS PANJIT-BAS40WS Datasheet
48Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com