Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LB1922 Arkusz danych(PDF) 3 Page - Sanyo Semicon Device

Numer części LB1922
Szczegółowy opis  Three-Phase Brushless Motor Driver for Office Automation Applications
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1922 Arkusz danych(HTML) 3 Page - Sanyo Semicon Device

  LB1922 Datasheet HTML 1Page - Sanyo Semicon Device LB1922 Datasheet HTML 2Page - Sanyo Semicon Device LB1922 Datasheet HTML 3Page - Sanyo Semicon Device LB1922 Datasheet HTML 4Page - Sanyo Semicon Device LB1922 Datasheet HTML 5Page - Sanyo Semicon Device LB1922 Datasheet HTML 6Page - Sanyo Semicon Device LB1922 Datasheet HTML 7Page - Sanyo Semicon Device LB1922 Datasheet HTML 8Page - Sanyo Semicon Device LB1922 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
No. 5679-3/10
LB1922
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
[Lock Detection]
Output low-level voltage
VOL(LD)
ILD = 10 mA
0.15
0.5
V
Lock range
6.25
%
[Integrator]
Input bias current
IB(INT)
–0.4
+0.4
µA
Output high-level voltage
VOH(INT)
3.7
4.3
V
Output low-level voltage
VOL(INT)
0.8
1.2
V
Open-loop gain
60
dB
Gain-bandwidth product
1.6
MHz
Reference voltage
–5%
VX/2
+5%
V
[Crystal Oscillator]
Operating frequency range
fOSC
1
10
MHz
[Start/Stop Pin]
Input high-level voltage
VIH(S/S)
4.0
V
Input low-level voltage
VIL(S/S)
1.5
V
Pull-down resistance
RD(S/S)
30
50
70
k
[Forward/Reverse Pin]
Input high-level voltage
VIH(F/R)
4.0
V
Input low-level voltage
VIL(F/R)
1.5
V
Hysteresis
∆VIN
0.5
V
Pull-down resistance
RD(F/R)
30
50
70
k
Continued from preceding page.
Truth Table
Pin Assignment
Note: A high input is defined as IN+ > IN.
Source
→ sink
F / R = L
F / R = H
IN1
IN2
IN3
IN1
IN2
IN3
1
OUT2
→ OUT1
H
L
H
L
H
L
2
OUT3
→ OUT1
H
L
L
L
H
H
3
OUT3
→ OUT2
H
H
L
L
L
H
4
OUT1
→ OUT2
L
H
L
H
L
H
5
OUT1
→ OUT3
L
H
H
H
L
L
6
OUT2
→ OUT3
L
L
H
H
H
L


Podobny numer części - LB1922

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LB1920 SANYO-LB1920 Datasheet
289Kb / 10P
   Three-Phase Brushless Motor Driver for Office Automation Applications
LB1921 SANYO-LB1921 Datasheet
138Kb / 10P
   Three-Phase Brushless Motor Driver for OA Applications
LB1923M SANYO-LB1923M Datasheet
110Kb / 17P
   Power Brushless Motor Pre-Driver IC for OA Equipment
LB1924 SANYO-LB1924 Datasheet
133Kb / 11P
   Power Brushless Motor Driver IC for Office Automation Equipment
LB1927 SANYO-LB1927 Datasheet
275Kb / 11P
   For Office Automation Equipment 3-phase Brushless Motor Driver
More results

Podobny opis - LB1922

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LB1920 SANYO-LB1920 Datasheet
289Kb / 10P
   Three-Phase Brushless Motor Driver for Office Automation Applications
LB1928 SANYO-LB1928 Datasheet
112Kb / 11P
   Three-Phase Brushless Motor Driver for Office Automation Equipment
LB11920 SANYO-LB11920 Datasheet
103Kb / 10P
   Three-Phase Brushless Motor Driver for Office Equipment Applications
LB1927 SANYO-LB1927 Datasheet
275Kb / 11P
   For Office Automation Equipment 3-phase Brushless Motor Driver
LB1929 SANYO-LB1929_08 Datasheet
275Kb / 11P
   For Office Automation Equipment 3-phase Brushless Motor Driver
LB1928 SANYO-LB1928_08 Datasheet
275Kb / 11P
   For Office Automation Equipment 3-phase Brushless Motor Driver
LB1820 SANYO-LB1820 Datasheet
77Kb / 7P
   Office Automation-Use 3-Phase Brushless Motor Driver
LB1924 SANYO-LB1924 Datasheet
133Kb / 11P
   Power Brushless Motor Driver IC for Office Automation Equipment
LB1921 SANYO-LB1921 Datasheet
138Kb / 10P
   Three-Phase Brushless Motor Driver for OA Applications
logo
Rohm
BD63006MUV ROHM-BD63006MUV Datasheet
1Mb / 23P
   Three-Phase Brushless Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com