Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LB1929 Arkusz danych(PDF) 10 Page - Sanyo Semicon Device

Numer części LB1929
Szczegółowy opis  Three-Phase Brushless Motor Driver for OA Products
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1929 Arkusz danych(HTML) 10 Page - Sanyo Semicon Device

Back Button LB1929 Datasheet HTML 4Page - Sanyo Semicon Device LB1929 Datasheet HTML 5Page - Sanyo Semicon Device LB1929 Datasheet HTML 6Page - Sanyo Semicon Device LB1929 Datasheet HTML 7Page - Sanyo Semicon Device LB1929 Datasheet HTML 8Page - Sanyo Semicon Device LB1929 Datasheet HTML 9Page - Sanyo Semicon Device LB1929 Datasheet HTML 10Page - Sanyo Semicon Device LB1929 Datasheet HTML 11Page - Sanyo Semicon Device LB1929 Datasheet HTML 12Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
7. PWM frequency
PWM frequency is determined from the capacity C (F) of capacitor connected to the PWM pin.
fPWM
.
=. 1/(14400
× C)
It is recommended to keep the PWM frequency at 15 – 25 kHz. GND of a capacitor to be connected must be connected
to the GND1 pin with the shortest possible wiring.
8. Hall input signal
The Hall input requires the signal input with an amplitude exceeding the hysteresis width (42 mV max). Considering
the effect of noise, the input with the amplitude of 100 mV or more is recommended.
When the output waveform is disturbed due to noise effects at a time of changeover of the output phase, connect a
capacitor between Hall input pins (+ and –) at a point as near as possible to the pin.
9. F/R changeover
Motor rotation direction can be changed over with the F/R pin. When changing F/R while the motor is running, pay
attention to following points.
• For the through current at a time of changeover, the countermeasure is taken using a circuit. However, it is
necessary to prevent exceeding of the rated voltage (30 V) due to rise of VCC voltage at a time of changeover
(because the motor current returns instantaneously to the power supply). When this problem exists, increase the
capacity of a capacitor between VCC and GND.
• When the motor current exceeds the current limit value after changeover, the lower-side Tr is turned OFF. But, the
upper-side Tr enters the short-brake condition and the current determined from the motor counter electromotive
voltage and coil resistance flows. It is necessary to prevent this current from exceeding the rated current (3.5 A).
(F/R changeover at high rotation speed is dangerous.)
10. Motor lock protection circuit
A motor lock protection circuit is incorporated for protection of IC and motor when the motor is locked.
When the LD output is “H” (unlocked) for a certain period in the start condition, the lower-side Tr is turned OFF. This
time is set with the capacity of the capacitor connected to the CSD pin. The time can be set to about 3.3 seconds with
the capacity of 10 µF (variance about ±30%).
Set time(s)
.
=. 0.33
× C (µF)
When the capacitor used has a leak current, due consideration is necessary because it may cause error in the set time,
etc.
Cancelling requires either the stop condition or re-application of power supply (in the stop condition). When the lock
protection circuit is not to be used, connect the CSD pin to GND.
When the stop period during which lock protection is to be cancelled is short, the charge of capacitor cannot be
discharged completely and the lock protection activation time at restart becomes shorter than the set value. It is
necessary to provide the stop time with an allowance while referring to the following equation. (The same applies to
restart in the motor start transient condition.)
Stop time (ms)
≥ 15 × C (µF)
11. Power supply stabilization
This IC has a large output current and is driven by switching, resulting in ready oscillation of the power line. It is
therefore necessary to connect a capacitor with a sufficient capacity (several ten µF or more) between the VCC pin and
GND for stabilization. GND of a capacitor to be connected must be connected to the GND2 pin (GND of the power
block) at a point as near as possible to the pin. If a capacitor (electrolytic) cannot be provided near the pin because of
existence of a heat sink, etc., provide a ceramic capacitor of about 0.1 µF near the pin.
When a diode is inserted in the power line to prevent breakdown due to reverse connection of power supply, the power
line is particularly readily oscillated. The larger capacity need be selected.
12. VREG stabilization
The VREG pin (5 V regulator output) that is a power supply for control circuit must be provided with a stabilizing
capacitor (about 0.1 µF). GND of a capacitor to be connected must be connected to the GND1 pin with the shortest
possible wiring.
13. Constant of integrating amplifier parts
Arrange the integrating amplifier external parts as near as possible to IC to protect them from noise effects. Arrange
them by keeping the largest possible distance from the motor.
No. 7099-10/12
LB1929


Podobny numer części - LB1929

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LB1929 SANYO-LB1929 Datasheet
275Kb / 11P
   For Office Automation Equipment 3-phase Brushless Motor Driver
logo
ON Semiconductor
LB1929 ONSEMI-LB1929 Datasheet
272Kb / 11P
   3-phase Brushless Motor Driver
May, 2013
logo
Sanyo Semicon Device
LB1929 SANYO-LB1929_08 Datasheet
275Kb / 11P
   For Office Automation Equipment 3-phase Brushless Motor Driver
More results

Podobny opis - LB1929

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LB11922 SANYO-LB11922_08 Datasheet
185Kb / 15P
   For OA Products Three-Phase Brushless Motor Driver
LB11826 SANYO-LB11826_08 Datasheet
135Kb / 11P
   For OA Products Three-Phase Brushless Motor Driver
LB11822 SANYO-LB11822 Datasheet
151Kb / 11P
   Three-Phase Brushless Motor Driver for OA Products
LB11827 SANYO-LB11827 Datasheet
144Kb / 11P
   Three-Phase Brushless Motor Driver for OA Products
LB11920 SANYO-LB11920_08 Datasheet
159Kb / 10P
   For OA Products Three-Phase Brushless Motor Driver
LB1921 SANYO-LB1921 Datasheet
138Kb / 10P
   Three-Phase Brushless Motor Driver for OA Applications
logo
Rohm
BD63006MUV ROHM-BD63006MUV Datasheet
1Mb / 23P
   Three-Phase Brushless Motor Driver
logo
Sanyo Semicon Device
LB11923V SANYO-LB11923V_06 Datasheet
169Kb / 20P
   Three-Phase Brushless Motor Driver
LB1695 SANYO-LB1695 Datasheet
99Kb / 7P
   Three-Phase Brushless Motor Driver
logo
Hitachi Semiconductor
HA13563 HITACHI-HA13563 Datasheet
82Kb / 18P
   Three-Phase Brushless Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com