Zakładka z wyszukiwarką danych komponentów |
|
LB1960M Arkusz danych(PDF) 2 Page - Sanyo Semicon Device |
|
LB1960M Arkusz danych(HTML) 2 Page - Sanyo Semicon Device |
2 / 4 page LB1960M No. 6191-2/4 Allowable Operating Ranges at Ta = 25 °C Parameter Symbol Conditions Ratings Unit Recommended supply voltage VCC 1 3.6 to 17 V Common mode input voltage range VCOM 0.2 to HB V Electrical Characteristics at Ta = 25 °C, VCC = 12V Parameter Symbol Conditions Ratings Unit min typ max Circuit current ICC In drive mode (CT = L) 2.3 4 mA In lockup protection mode (CT = H) 3 5 mA CT capacitor charge current ICT1VCT = 0.2V 0.8 1.2 2.0 µA Capacitor discharge current ICT2VCT = 8V 0.16 0.24 0.4 µA Capacitor charge/discharge current ratio RCT RCT = ICT1/ICT2 4.0 5.0 7.0 – CT charge voltage VCT1 6.8 7.2 7.6 V CT discharge voltage VCT2 1.4 1.6 1.8 V Output limiter withstand voltage VOLM Io = 1 mA 22.5 23.5 24.5 V Output saturation voltage VOsat Io = 500 mA 1.0 1.3 V Hall input sensitivity VHN Including offset and hysteresis 6 12 mV HB output H voltage VHBH RH = 350Ω 1.1 1.3 1.5 V Thermal protection trigger temperature T TSD Assured design target* 150 180 210 ˚C * Assured design target: Target value, not measured individually Truth Table IN– IN+ CT OUT1 OUT2 Mode H L L L H Rotating LH HL – – H off off Lock-up protection activated 200 0 400 600 800 1000 –30 0 30 60 90 120 Pd max – Ta Ambient temperature, Ta – °C 312mW Specified substrate (glass epoxy, 114.3 ×76.1×1.5mm3) |
Podobny numer części - LB1960M |
|
Podobny opis - LB1960M |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |