Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD623BR Arkusz danych(PDF) 8 Page - Analog Devices

Numer części AD623BR
Szczegółowy opis  Single-Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD623BR Arkusz danych(HTML) 8 Page - Analog Devices

Back Button AD623BR Datasheet HTML 4Page - Analog Devices AD623BR Datasheet HTML 5Page - Analog Devices AD623BR Datasheet HTML 6Page - Analog Devices AD623BR Datasheet HTML 7Page - Analog Devices AD623BR Datasheet HTML 8Page - Analog Devices AD623BR Datasheet HTML 9Page - Analog Devices AD623BR Datasheet HTML 10Page - Analog Devices AD623BR Datasheet HTML 11Page - Analog Devices AD623BR Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
AD623
Rev. D | Page 8 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
At 25°C, VS = ±5 V, and RL = 10 kΩ, unless otherwise noted.
–100 –80 –60 –40 –20
0
20
40
60
80 100 120 140
INPUT OFFSET VOLTAGE (µV)
280
0
240
200
160
80
40
120
260
220
180
140
60
20
100
300
Figure 3. Typical Distribution of Input Offset Voltage; Package Option N-8, R-8
–800 –600 –400 –200
0
200
400
600
800
OUTPUT OFFSET VOLTAGE (µV)
0
480
420
360
300
240
180
120
60
Figure 4. Typical Distribution of Output Offset Voltage; Package Option N-8, R-8
–80
–60
–40
–20
0
20
40
60
80
100
INPUT OFFSET VOLTAGE (µV)
0
22
20
18
16
14
12
10
8
6
4
2
Figure 5. Typical Distribution of Input Offset Voltage, VS = 5 V,
Single Supply, VREF = −0.125 V; Package Option N-8, R-8
–600 –500 –400 –300 –200 –100
0
100 200 300 400 500
OUTPUT OFFSET VOLTAGE (µV)
0
22
20
18
16
14
12
10
8
6
4
2
Figure 6. Typical Distribution of Output Offset Voltage, VS = 5 V,
Single Supply, VREF = −0.125 V; Package Option N-8, R-8
–0.245 –0.240 –0.235 –0.230 –0.225 –0.220 –0.215 –0.210
INPUT OFFSET CURRENT (nA)
0
210
180
150
120
90
60
30
Figure 7. Typical Distribution for Input Offset Current; Package Option N-8, R-8
–0.025 –0.020 –0.015 –0.010 –0.005
0
0.005
0.010
INPUT OFFSET CURRENT (nA)
0
20
18
16
14
12
10
8
6
4
2
Figure 8. Typical Distribution for Input Offset Current, VS = 5 V,
Single Supply, VREF = −0.125 V; Package Option N-8, R-8


Podobny numer części - AD623BR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD623BR AD-AD623BR Datasheet
965Kb / 16P
   Single Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier
REV. C
AD623BR-REEL AD-AD623BR-REEL Datasheet
965Kb / 16P
   Single Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier
REV. C
AD623BR-REEL7 AD-AD623BR-REEL7 Datasheet
965Kb / 16P
   Single Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier
REV. C
More results

Podobny opis - AD623BR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD623 AD-AD623_15 Datasheet
1Mb / 24P
   Single-Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier
REV. D
AD623 AD-AD623 Datasheet
965Kb / 16P
   Single Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier
REV. C
AD8223 AD-AD8223 Datasheet
420Kb / 20P
   Single Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier
Rev. PrA
AD623 AD-AD623_16 Datasheet
1Mb / 27P
   Single and Dual-Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier
logo
Burr-Brown (TI)
INA155 BURR-BROWN-INA155 Datasheet
140Kb / 11P
   Single-Supply, Rail-to-Rail Output, CMOS INSTRUMENTATION AMPLIFIER
INA156 BURR-BROWN-INA156 Datasheet
114Kb / 10P
   Single-Supply, Rail-to-Rail Output, CMOS INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA155 TI1-INA155 Datasheet
720Kb / 16P
[Old version datasheet]   Single-Supply, Rail-to-Rail Output, CMOS INSTRUMENTATION AMPLIFIER
INA155UG4 TI-INA155UG4 Datasheet
702Kb / 16P
[Old version datasheet]   Single-Supply, Rail-to-Rail Output, CMOS INSTRUMENTATION AMPLIFIER
INA156 TI1-INA156 Datasheet
685Kb / 15P
[Old version datasheet]   Single-Supply, Rail-to-Rail Output, CMOS INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD627 AD-AD627 Datasheet
545Kb / 16P
   Micropower, Single and Dual Supply Rail-to-Rail Instrumentation Amplifier
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com