Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD8222-EVALZ Arkusz danych(PDF) 11 Page - Analog Devices

Numer części AD8222-EVALZ
Szczegółowy opis  Precision, Dual-Channel Instrumentation Amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD8222-EVALZ Arkusz danych(HTML) 11 Page - Analog Devices

Back Button AD8222-EVALZ Datasheet HTML 7Page - Analog Devices AD8222-EVALZ Datasheet HTML 8Page - Analog Devices AD8222-EVALZ Datasheet HTML 9Page - Analog Devices AD8222-EVALZ Datasheet HTML 10Page - Analog Devices AD8222-EVALZ Datasheet HTML 11Page - Analog Devices AD8222-EVALZ Datasheet HTML 12Page - Analog Devices AD8222-EVALZ Datasheet HTML 13Page - Analog Devices AD8222-EVALZ Datasheet HTML 14Page - Analog Devices AD8222-EVALZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
AD8222
Rev. A | Page 11 of 24
30
0
10
20
1
10
100
1k
10k
LOAD RESISTANCE (Ω)
Figure 21. Output Voltage Swing vs. Load Resistance
+VS–0
–1
–2
–3
+3
+2
+1
–VS+0
012
11
10
9
8
7
6
5
4
3
2
1
OUTPUT CURRENT (mA)
SINKING
SOURCING
Figure 22. Output Voltage Swing vs. Output Current, G = 1
–10
–8
–6
–4
–2
0
2
4
6
8
10
VOUT (V)
2kΩ LOAD
600Ω LOAD
10kΩ LOAD
4
3
2
1
0
–1
–2
–3
–4
Figure 23. Gain Nonlinearity, G = 1
–10
–8
–6
–4
–2
02468
10
VOUT (V)
2kΩ LOAD
600Ω LOAD
10kΩ LOAD
40
30
20
10
0
–10
–20
–30
–40
Figure 24. Gain Nonlinearity, G = 100
110
1
10
100
1k
100
1k
10k
100k
FREQUENCY (Hz)
GAIN = 1
GAIN = 10
GAIN = 100
GAIN = 1000
GAIN = 1000
BW LIMIT
Figure 25. Voltage Noise Spectral Density vs. Frequency (G = 1 to 1000)
2µV/DIV
1s/DIV
Figure 26. 0.1 Hz to 10 Hz RTI Voltage Noise (G = 1)


Podobny numer części - AD8222-EVALZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8222-EVALZ AD-AD8222-EVALZ Datasheet
582Kb / 25P
   Precision, Dual-Channel Instrumentation Amplifier
More results

Podobny opis - AD8222-EVALZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8222 AD-AD8222 Datasheet
595Kb / 24P
   Precision, Dual-Channel Instrumentation Amplifier
REV. 0
AD8222 AD-AD8222_16 Datasheet
582Kb / 25P
   Precision, Dual-Channel Instrumentation Amplifier
AD8222 AD-AD8222_15 Datasheet
417Kb / 24P
   Precision, Dual-Channel Instrumentation Amplifier
REV. A
AD624 AD-AD624 Datasheet
691Kb / 15P
   Precision Instrumentation Amplifier
REV. C
logo
Burr-Brown (TI)
INA114AG BURR-BROWN-INA114AG Datasheet
430Kb / 13P
   Precision INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD624 AD-AD624_16 Datasheet
468Kb / 17P
   Precision Instrumentation Amplifier
logo
Texas Instruments
INA114 TI1-INA114 Datasheet
758Kb / 17P
[Old version datasheet]   Precision INSTRUMENTATION AMPLIFIER
logo
Burr-Brown (TI)
INA115 BURR-BROWN-INA115 Datasheet
211Kb / 11P
   Precision INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD620MIL AD-AD620MIL_15 Datasheet
1Mb / 4P
   PRECISION INSTRUMENTATION AMPLIFIER
REV. A
AD524SE AD-AD524SE Datasheet
614Kb / 28P
   Precision Instrumentation Amplifier
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com