Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD8224BCPZ-WP Arkusz danych(PDF) 7 Page - Analog Devices

Numer części AD8224BCPZ-WP
Szczegółowy opis  Precision, Dual-Channel, JFET Input, Rail-to-Rail Instrumentation Amplifier
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD8224BCPZ-WP Arkusz danych(HTML) 7 Page - Analog Devices

Back Button AD8224BCPZ-WP Datasheet HTML 3Page - Analog Devices AD8224BCPZ-WP Datasheet HTML 4Page - Analog Devices AD8224BCPZ-WP Datasheet HTML 5Page - Analog Devices AD8224BCPZ-WP Datasheet HTML 6Page - Analog Devices AD8224BCPZ-WP Datasheet HTML 7Page - Analog Devices AD8224BCPZ-WP Datasheet HTML 8Page - Analog Devices AD8224BCPZ-WP Datasheet HTML 9Page - Analog Devices AD8224BCPZ-WP Datasheet HTML 10Page - Analog Devices AD8224BCPZ-WP Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
AD8224
Rev. B | Page 7 of 28
A Grade
B Grade
Parameter
Test Conditions
Min
Typ
Max
Min
Typ
Max
Unit
GAIN
G = 1 + (49.4 kΩ/RG)
Gain Range
1
1000
1
1000
V/V
Gain Error
G = 1
VOUT = 0.3 V to 2.9 V
0.06
0.04
%
G = 10
VOUT = 0.3 V to 3.8 V
0.3
0.2
%
G = 100
VOUT = 0.3 V to 3.8 V
0.3
0.2
%
G = 1000
VOUT = 0.3 V to 3.8 V
0.3
0.2
%
Nonlinearity
VOUT = 0.3 V to 2.9 V for G = 1
VOUT = 0.3 V to 3.8 V for G > 1
G = 1
RL = 10 kΩ
35
50
35
50
ppm
G = 10
RL = 10 kΩ
35
50
35
50
ppm
G = 100
RL = 10 kΩ
50
75
50
75
ppm
G = 1000
RL = 10 kΩ
90
115
90
115
ppm
G = 1
RL = 2 kΩ
35
50
35
50
ppm
G = 10
RL = 2 kΩ
35
50
35
50
ppm
G = 100
RL = 2 kΩ
50
75
50
75
ppm
G = 1000
RL = 2 kΩ
175
200
175
200
ppm
Gain vs. Temperature
G = 1
3
10
2
5
ppm/°C
G > 10
−50
−50
ppm/°C
INPUT
Impedance (Pin to Ground)4
104||6
104||6
GΩ||pF
Input Voltage Range5
−0.1
+VS − 2
−0.1
+VS − 2
V
Over Temperature
T = −40°C to +85°C
−0.1
+VS − 2.1
−0.1
+VS − 2.1
V
OUTPUT
Output Swing
RL = 2 kΩ
0.25
4.75
0.25
4.75
V
Over Temperature
T = −40°C to +85°C
0.3
4.70
0.3
4.70
V
Output Swing
RL = 10 kΩ
0.15
4.85
0.15
4.85
V
Over Temperature
T = −40°C to +85°C
0.2
4.80
0.2
4.80
V
Short-Circuit Current
15
15
mA
POWER SUPPLY (PER AMPLIFIER)
Operating Range
4.5
36
4.5
36
V
Quiescent Current
750
800
750
800
μA
Over Temperature
T = −40°C to +85°C
850
900
850
900
μA
TEMPERATURE RANGE
For Specified Performance
−40
+85
−40
+85
°C
Operational6
−40
+125
−40
+125
°C
1 When the output sinks more than 4 mA, use a 47 pF capacitor in parallel with the load to prevent ringing. Otherwise, use a larger load, such as 10 kΩ.
2 Refers to the differential configuration shown in
.
Figure 63
3 Refer to
and
for the relationship between input current and temperature.
Figure 14
Figure 15
4 Differential and common-mode impedance can be calculated from the pin impedance: ZDIFF = 2(ZPIN); ZCM = ZPIN/2.
5 The AD8224 can operate up to a diode drop below the negative supply, but the bias current increases sharply. The input voltage range reflects the maximum
allowable voltage where the input bias current is within the specification.
6 The AD8224 is characterized from −40°C to +125°C. See the
section for expected operation in that temperature range.
Typical Performance Characteristics


Podobny numer części - AD8224BCPZ-WP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8224BCPZ-WP AD-AD8224BCPZ-WP Datasheet
1Mb / 27P
   Precision, Dual-Channel, JFET Input Rail-to-Rail Instrumentation Amplifier
Rev. PrB
AD8224BCPZ-WP AD-AD8224BCPZ-WP Datasheet
763Kb / 29P
   Precision, Dual-Channel, JFET Input, Rail-to-Rail Instrumentation Amplifier
More results

Podobny opis - AD8224BCPZ-WP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8224 AD-AD8224_07 Datasheet
864Kb / 28P
   Precision, Dual-Channel, JFET Input Rail-to-Rail Instrumentation Amplifier
REV. 0
AD8224 AD-AD8224_16 Datasheet
763Kb / 29P
   Precision, Dual-Channel, JFET Input, Rail-to-Rail Instrumentation Amplifier
AD8224 AD-AD8224_15 Datasheet
720Kb / 28P
   Precision, Dual-Channel, JFET Input, Rail-to-Rail Instrumentation Amplifier
REV. C
AD8224 AD-AD8224 Datasheet
1Mb / 27P
   Precision, Dual-Channel, JFET Input Rail-to-Rail Instrumentation Amplifier
Rev. PrB
logo
Texas Instruments
INA326 TI-INA326 Datasheet
459Kb / 21P
[Old version datasheet]   Precision, Rail-to-Rail I/O INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD8220 AD-AD8220 Datasheet
1Mb / 28P
   JFET Input Instrumentation Amplifier with Rail-to-Rail Output in MSOP Package
REV. 0
AD8220ARMZ AD-AD8220ARMZ Datasheet
530Kb / 28P
   JFET Input Instrumentation Amplifier with Rail-to-Rail Output in MSOP Package
REV. B
AD8220 AD-AD8220_16 Datasheet
610Kb / 29P
   JFET Input Instrumentation Amplifier with Rail-to-Rail Output in MSOP Package
logo
Texas Instruments
INA326 TI1-INA326_14 Datasheet
1Mb / 26P
[Old version datasheet]   Precision, Rail-to-Rail I/O INSTRUMENTATION AMPLIFIER
INA326 TI-INA326_07 Datasheet
612Kb / 23P
[Old version datasheet]   Precision, Rail-to-Rail I/O INSTRUMENTATION AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com