Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD8226BRMZ Arkusz danych(PDF) 7 Page - Analog Devices

Numer części AD8226BRMZ
Szczegółowy opis  Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD8226BRMZ Arkusz danych(HTML) 7 Page - Analog Devices

Back Button AD8226BRMZ Datasheet HTML 3Page - Analog Devices AD8226BRMZ Datasheet HTML 4Page - Analog Devices AD8226BRMZ Datasheet HTML 5Page - Analog Devices AD8226BRMZ Datasheet HTML 6Page - Analog Devices AD8226BRMZ Datasheet HTML 7Page - Analog Devices AD8226BRMZ Datasheet HTML 8Page - Analog Devices AD8226BRMZ Datasheet HTML 9Page - Analog Devices AD8226BRMZ Datasheet HTML 10Page - Analog Devices AD8226BRMZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
AD8226
Rev. A | Page 7 of 28
ABSOLUTE MAXIMUM RATINGS
Table 4.
Parameter
Rating
Supply Voltage
±18 V
Output Short-Circuit Current
Indefinite
Maximum Voltage at −IN or +IN
−VS + 40 V
Minimum Voltage at −IN or +IN
+VS − 40 V
REF Voltage
±VS
Storage Temperature Range
−65°C to +150°C
Specified Temperature Range
−40°C to +125°C
Maximum Junction Temperature
140°C
ESD
Human Body Model
1.5 kV
Charge Device Model
1.5 kV
Machine Model
100 V
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
θJA is specified for a device in free air.
Table 5. Thermal Resistance
Package
θJA
Unit
8-Lead MSOP, 4-Layer JEDEC Board
135
°C/W
8-Lead SOIC, 4-Layer JEDEC Board
121
°C/W
ESD CAUTION


Podobny numer części - AD8226BRMZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8226BRMZ AD-AD8226BRMZ Datasheet
547Kb / 16P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
Rev. PrA
AD8226BRMZ AD-AD8226BRMZ Datasheet
707Kb / 29P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
AD8226BRMZ-R7 AD-AD8226BRMZ-R7 Datasheet
547Kb / 16P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
Rev. PrA
AD8226BRMZ-R7 AD-AD8226BRMZ-R7 Datasheet
707Kb / 29P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
AD8226BRMZ-RL AD-AD8226BRMZ-RL Datasheet
547Kb / 16P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
Rev. PrA
More results

Podobny opis - AD8226BRMZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8226 AD-AD8226_16 Datasheet
707Kb / 29P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
AD8426 AD-AD8426_16 Datasheet
625Kb / 29P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
AD8426 AD-AD8426 Datasheet
284Kb / 20P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
Rev. PrD
AD8227 AD-AD8227_16 Datasheet
539Kb / 25P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
AD8226 AD-AD8226 Datasheet
547Kb / 16P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
Rev. PrA
logo
Texas Instruments
INA827 TI1-INA827_13 Datasheet
1Mb / 30P
[Old version datasheet]   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
logo
Analog Devices
AD8227 AD-AD8227 Datasheet
657Kb / 24P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
REV. 0
AD8420 AD-AD8420 Datasheet
256Kb / 10P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
Rev. PrD
AD8420 AD-AD8420_16 Datasheet
553Kb / 27P
   Wide Supply Range, Micropower, Rail-to-Rail Instrumentation Amplifier
logo
Texas Instruments
INA827 TI1-INA827 Datasheet
875Kb / 29P
[Old version datasheet]   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier with a Minimum Gain of 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com