Zakładka z wyszukiwarką danych komponentów |
|
ADSP-BF561SKBCZ-5V Arkusz danych(PDF) 11 Page - Analog Devices |
|
ADSP-BF561SKBCZ-5V Arkusz danych(HTML) 11 Page - Analog Devices |
11 / 64 page ADSP-BF561 Frame Capture Mode Frame capture mode allows the video source(s) to act as a slave (e.g., for frame capture). The ADSP-BF561 processors control when to read from the video source(s). PPI_FS1 is an HSYNC output and PPI_FS2 is a VSYNC output. Output Mode Output mode is used for transmitting video or other data with up to three output frame syncs. Typically, a single frame sync is appropriate for data converter applications, whereas two or three frame syncs could be used for sending video with hard ware signaling. ITU-R 656 Mode Descriptions The ITU-R 656 modes of the PPI are intended to suit a wide variety of video capture, processing, and transmission applica tions. Three distinct submodes are supported: • Active video only mode • Vertical blanking only mode • Entire field mode Active Video Only Mode Active video only mode is used when only the active video por tion of a field is of interest and not any of the blanking intervals. The PPI does not read in any data between the end of active video (EAV) and start of active video (SAV) preamble symbols, or any data present during the vertical blanking intervals. In this mode, the control byte sequences are not stored to memory; they are filtered by the PPI. After synchronizing to the start of Field 1, the PPI ignores incoming samples until it sees an SAV code. The user specifies the number of active video lines per frame (in the PPI_COUNT register). Vertical Blanking Interval Mode In this mode, the PPI only transfers vertical blanking interval (VBI) data. Entire Field Mode In this mode, the entire incoming bit stream is read in through the PPI. This includes active video, control preamble sequences, and ancillary data that may be embedded in horizontal and ver tical blanking intervals. Data transfer starts immediately after synchronization to Field 1. DYNAMIC POWER MANAGEMENT The ADSP-BF561 provides four power management modes and one power management state, each with a different perfor mance/power profile. In addition, dynamic power management provides the control functions to dynamically alter the proces sor core supply voltage, further reducing power dissipation. Control of clocking to each of the ADSP-BF561 peripherals also reduces power consumption. See Table 3 for a summary of the power settings for each mode. Table 3. Power Settings Mode/State PLL PLL Bypassed Core Clock (CCLK) System Clock (SCLK) Core Power Full-On Active Sleep Deep Sleep Hibernate Enabled Enabled/ Disabled Enabled Disabled Disabled No Yes – – – Enabled Enabled Disabled Disabled Disabled Enabled Enabled Enabled Disabled Disabled On On On On Off Full-On Operating Mode—Maximum Performance In the full-on mode, the PLL is enabled and is not bypassed, providing capability for maximum operational frequency. This is the default execution state in which maximum performance can be achieved. The processor cores and all enabled peripherals run at full speed. Active Operating Mode—Moderate Power Savings In the active mode, the PLL is enabled but bypassed. Because the PLL is bypassed, the processor’s core clock (CCLK) and system clock (SCLK) run at the input clock (CLKIN) frequency. In this mode, the CLKIN to CCLK multiplier ratio can be changed, although the changes are not realized until the full-on mode is entered. DMA access is available to appropriately configured L1 and L2 memories. In the active mode, it is possible to disable the PLL through the PLL control register (PLL_CTL). If disabled, the PLL must be re-enabled before transitioning to the full-on or sleep modes. Sleep Operating Mode—High Dynamic Power Savings The sleep mode reduces power dissipation by disabling the clock to the processor core (CCLK). The PLL and system clock (SCLK), however, continue to operate in this mode. Typically an external event will wake up the processor. When in the sleep mode, assertion of wakeup will cause the processor to sense the value of the BYPASS bit in the PLL control register (PLL_CTL). When in the sleep mode, system DMA access is only available to external memory, not to L1 or on-chip L2 memory. Deep Sleep Operating Mode—Maximum Dynamic Power Savings The deep sleep mode maximizes power savings by disabling the clocks to the processor cores (CCLK) and to all synchronous peripherals (SCLK). Asynchronous peripherals will not be able to access internal resources or external memory. This powered- down mode can only be exited by assertion of the reset pin (RESET). If BYPASS is disabled, the processor will transition to the full-on mode. If BYPASS is enabled, the processor will tran sition to the active mode. Hibernate State—Maximum Static Power Savings The hibernate state maximizes static power savings by disabling the voltage and clocks to the processor core (CCLK) and to all the synchronous peripherals (SCLK). The internal voltage Rev. E | Page 11 of 64 | September 2009 |
Podobny numer części - ADSP-BF561SKBCZ-5V |
|
Podobny opis - ADSP-BF561SKBCZ-5V |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |