Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FZT957 Arkusz danych(PDF) 1 Page - Diodes Incorporated

Numer części FZT957
Szczegółowy opis  SOT223 PNP SILICON PLANAR HIGH CURRENT
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DIODES [Diodes Incorporated]
Strona internetowa  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FZT957 Arkusz danych(HTML) 1 Page - Diodes Incorporated

  FZT957 Datasheet HTML 1Page - Diodes Incorporated FZT957 Datasheet HTML 2Page - Diodes Incorporated FZT957 Datasheet HTML 3Page - Diodes Incorporated FZT957 Datasheet HTML 4Page - Diodes Incorporated FZT957 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SOT223 PNP SILICON PLANAR HIGH CURRENT
(HIGH PERFORMANCE) TRANSISTORS
ISSUE 3 - JANUARY 1996
FEATURES
* 1 Amp continuous current
* Up to 2 Amps peak current
* Very low saturation voltage
* Excellent gain characteristics specified up to 1 Amp
COMPLEMENTARY TYPES - FZT957 - FZT857
FZT958 - N/A
PARTMARKING DETAILS -
DEVICE TYPE IN FULL
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
FZT957
FZT958
UNIT
Collector-Base Voltage
VCBO
-300
-400
V
Collector-Emitter Voltage
VCEO
-300
-400
V
Emitter-Base Voltage
VEBO
-6
V
Peak Pulse Current
ICM
-2
-1.5
A
Continuous Collector Current
IC
-1
-0.5
A
Power Dissipation at Tamb=25°C
Ptot
3W
Operating and Storage Temperature
Range
Tj:Tstg
-55 to +150
°C
*The power which can be dissipated assuming the device is mounted in a typical manner on a
P.C.B. with copper equal to 4 square inch minimum
FZT957
FZT958
C
C
E
B
3 - 289


Podobny numer części - FZT957

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Zetex Semiconductors
FZT957 ZETEX-FZT957 Datasheet
101Kb / 5P
   PNP SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE) TRANSISTORS
logo
List of Unclassifed Man...
FZT957 ETC-FZT957 Datasheet
114Kb / 5P
   SOT223 PNP SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE) TRANSISTORS
logo
Diodes Incorporated
FZT957QTC DIODES-FZT957QTC Datasheet
827Kb / 7P
   PNP MEDIUM POWER TRANSISTOR
logo
List of Unclassifed Man...
FZT957TA ETC-FZT957TA Datasheet
114Kb / 5P
   SOT223 PNP SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE) TRANSISTORS
logo
Diodes Incorporated
FZT957TA DIODES-FZT957TA Datasheet
827Kb / 7P
   PNP MEDIUM POWER TRANSISTOR
More results

Podobny opis - FZT957

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Diodes Incorporated
FZT955 DIODES-FZT955 Datasheet
235Kb / 5P
   SOT223 PNP SILICON PLANAR HIGH CURRENT
FZT951 DIODES-FZT951 Datasheet
110Kb / 5P
   SOT223 PNP SILICON PLANAR HIGH CURRENT
FZT948 DIODES-FZT948 Datasheet
227Kb / 5P
   SOT223 PNP SILICON PLANAR HIGH CURRENT
FZT968 DIODES-FZT968 Datasheet
109Kb / 2P
   SOT223 PNP SILICON PLANAR HIGH CURRENT
FZT949TA DIODES-FZT949TA Datasheet
227Kb / 5P
   SOT223 PNP SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE) TRANSISTORS
logo
List of Unclassifed Man...
FZT957TA ETC-FZT957TA Datasheet
114Kb / 5P
   SOT223 PNP SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE) TRANSISTORS
logo
Diodes Incorporated
FZT955TA DIODES-FZT955TA Datasheet
235Kb / 5P
   SOT223 PNP SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE) TRANSISTORS
logo
Zetex Semiconductors
FZT951 ZETEX-FZT951 Datasheet
124Kb / 5P
   SOT223 PNP SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE) TRANSISTORS
logo
Diodes Incorporated
FZT951TA DIODES-FZT951TA Datasheet
110Kb / 5P
   SOT223 PNP SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE) TRANSISTORS
logo
Zetex Semiconductors
FZT955 ZETEX-FZT955_05 Datasheet
228Kb / 5P
   SOT223 PNP SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE) TRANSISTORS
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com