Zakładka z wyszukiwarką danych komponentów |
|
SA11A Arkusz danych(PDF) 1 Page - Pan Jit International Inc. |
|
SA11A Arkusz danych(HTML) 1 Page - Pan Jit International Inc. |
1 / 4 page PAGE . 1 STAD-SEP.02.2008 SA5.0~SA220CA RATING Peak Pulse Power Dissipation at TA=25°C, TP=1ms(Note 1, Fig.1) Peak Pulse Current of on 10/1000µs waveform (Note 1,Fig.3) Typical Thermal Resistance Junction to Air Lead Lengths .375",(9.5mm) (Note 2) Peak Forward Surge Current, 8.3ms Single Half Sine-Wave Superimposed on Rated Load(JECED Method) (Note 3) Operating and Storage Temperature Range °C NOTES: 1.Non-repetitive current pulse, per Fig. 3 and derated above TA=25°Cper Fig. 2. 2.Mounted on Copper Leaf area of 1.57in2(40mm2). 3.8.3ms single half sine-wave, duty cycle= 4 pulses per minutes maximum. FEATURES • Plastic package has Underwriters Laboratory Flammability Classification 94V-O • Glass passivated chip junction in DO-15 package • 500W surge capability at 1ms • Excellent clamping capability • Low zener impedance • Fast response time: typically less than 1.0 ps from 0 volts to BV min • Typical IR less than 1µA above 10V • High temperature soldering guaranteed: 260°C/10 seconds/.375" ,(9.5mm) lead length/5lbs., (2.3kg) tension • In compliance with EU RoHS 2002/95/EC directives SYMBOL VALUE UNITS P PPM 500 Watts R θJA 50 °C / W Amps I FSM 70 T J , TSTG -65 to +175 I PPM SEE TABLE 1 Amps DEVICES FOR BIPOLAR APPLICAIONS For Bidirectional use C or CA Suffix for types Electrical characteristics apply in both directions. MAXIMUM RATINGS AND CHARACTERISTICS Rating at 25°Cambient temperature unless otherwise specified. Resistive or inductive load, 60Hz. For Capacitive load derate current by 20%. .034(.86) .140(3.6) .028(.71) .104(2.6) DO-15 Unit: inch(mm) MECHANICAL DATA • Case: JEDEC DO-15 molded plastic • Terminals: Axial leads, solderable per MIL-STD-750, Method 2026 • Polarity: Color band denoted cathode except Bipolar • Mounting Position: Any • Weight: 0.014 ounce, 0.397 gram GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR POWER 500 Watts STAND-OFF VOLTAGE 5.0 to 220 Volts |
Podobny numer części - SA11A |
|
Podobny opis - SA11A |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |