Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SB1620CT Arkusz danych(PDF) 2 Page - Pan Jit International Inc.

Numer części SB1620CT
Szczegółowy opis  ISOLATION SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PANJIT [Pan Jit International Inc.]
Strona internetowa  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SB1620CT Arkusz danych(HTML) 2 Page - Pan Jit International Inc.

  SB1620CT_09 Datasheet HTML 1Page - Pan Jit International Inc. SB1620CT_09 Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PAGE . 2
STAD-APR.27.2009
2
SB1620CT~SB1660CT
RATING AND CHARACTERISTIC CURVES
RATING AND CHARACTERISTIC CURVES
Fig.1- FORWARD CURRENT DERATING CURVE
Fig.2- TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
Fig.4- MAXIMUM NON - REPETITIVE SURGE
CURRENT
CASE TEMPERATURE
C
O
0
50
100
150
20.0
16.0
12.0
8.0
4.0
0
INSTANTANEOUS FORWARD VOLTAGE ,VOLTS
.3
.4
.5
.6
.7
.8
0.9
1.0
40
10
8
6
4
2
1.0
.8
.6
.4
.2
.1
T= 25 C
Pulse Width = 300 s
1% Duty Cycle
J
O
m
20V~45V
50~60V
240
210
180
150
120
90
60
30
0
12
5
10
20
50
100
8.3ms Single
Half Since-Wave
JEDEC Method
Fig.3- TYPICAL REVERSE CHARACTERISTICS
PERCENT OF INSTANTANEOUS REVERSE VOLTAGE,(%)
020406080
100
10
1.0
0.1
0.01
.001
T= 100 C
O
T= 75 C
O
T= 25 C
J
J
J
O
V
=20-40V
V
=50-60V
RRM
RRM
NO. OF CYCLE AT 60Hz
=20-30V
=40-60V


Podobny numer części - SB1620CT_09

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pan Jit International I...
SB1620CT PANJIT-SB1620CT_05 Datasheet
86Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Won-Top Electronics
SB1620CT WTE-SB1620CT_06 Datasheet
48Kb / 4P
   16A DUAL SCHOTTKY BARRIER RECTIFIER
More results

Podobny opis - SB1620CT_09

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Transys Electronics
SB1620F TRSYS-SB1620F Datasheet
148Kb / 2P
   ISOLATION SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
SB620FCT PANJIT-SB620FCT_04 Datasheet
47Kb / 2P
   ISOLATION SCHOTTKY BARRIER RECTIFIERS
SB2520FCT PANJIT-SB2520FCT_04 Datasheet
45Kb / 2P
   ISOLATION SCHOTTKY BARRIER RECTIFIERS
SB620F PANJIT-SB620F_09 Datasheet
96Kb / 2P
   ISOLATION SCHOTTKY BARRIER RECTIFIERS
SB1020FCT PANJIT-SB1020FCT_16 Datasheet
288Kb / 4P
   ISOLATION SCHOTTKY BARRIER RECTIFIERS
SB1620CT PANJIT-SB1620CT_12 Datasheet
291Kb / 4P
   ISOLATION SCHOTTKY BARRIER RECTIFIERS
SB620F PANJIT-SB620F_04 Datasheet
46Kb / 2P
   ISOLATION SCHOTTKY BARRIER RECTIFIERS
SB820FCT PANJIT-SB820FCT_05 Datasheet
428Kb / 2P
   ISOLATION SCHOTTKY BARRIER RECTIFIERS
MBR1640FCT PANJIT-MBR1640FCT Datasheet
93Kb / 2P
   ISOLATION SCHOTTKY BARRIER RECTIFIERS
SB1020FCT PANJIT-SB1020FCT_09 Datasheet
91Kb / 2P
   ISOLATION SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com