Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SD103AWS Arkusz danych(PDF) 1 Page - Pan Jit International Inc.

Numer części SD103AWS
Szczegółowy opis  SURFACE MOUNT SCHOTTKY BARRIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PANJIT [Pan Jit International Inc.]
Strona internetowa  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SD103AWS Arkusz danych(HTML) 1 Page - Pan Jit International Inc.

  SD103AWS_07 Datasheet HTML 1Page - Pan Jit International Inc. SD103AWS_07 Datasheet HTML 2Page - Pan Jit International Inc. SD103AWS_07 Datasheet HTML 3Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PAGE . 1
STAD-APR.09.2007
SD103AWS~SD103CWS
.078(1.95)
.038(.95)
.107(2.7)
.068(1.75)
.027(.70)
.090(2.3)
.012(.30)MIN.
SOD-323
Unit: inch (mm)
r
e
t
e
m
a
r
a
Pl
o
b
m
y
SS
W
A
3
0
1
D
SS
W
B
3
0
1
D
SS
W
C
3
0
1
D
Ss
t
i
n
U
e
d
o
C
g
n
i
k
r
a
M-
6
S7
S8
S-
e
g
a
t
l
o
V
e
s
r
e
v
e
R
k
a
e
P
t
n
e
r
r
u
c
e
R
m
u
m
i
x
a
MV
M
R
R
0
40
30
2V
e
g
a
t
l
o
V
S
M
R
m
u
m
i
x
a
MV
S
M
R
8
21
24
1V
e
g
a
t
l
o
V
g
n
i
k
c
o
l
B
C
D
m
u
m
i
x
a
MV
C
D
0
40
30
2V
5
7
=
a
T
t
a
t
n
e
r
r
u
C
d
r
a
w
r
o
F
e
g
a
r
e
v
A
m
u
m
i
x
a
M
O CI
)
V
A
(
F
5
3
.
0A
S
u
0
1
t
a
t
n
e
r
r
u
C
e
g
r
u
S
d
r
a
w
r
o
F
k
a
e
PI
M
S
F
0
.
2A
e
g
a
t
l
o
V
d
r
a
w
r
o
F
s
u
o
e
n
a
t
n
a
t
s
n
I
m
u
m
i
x
a
MV
F
A
2
0
.
0
@
7
3
.
0
A
2
.
0
@
0
6
.
0
V
t
n
e
r
r
u
C
e
s
r
e
v
e
R
m
u
m
i
x
a
MI
R
V
0
3
@
0
.
5V
0
2
@
0
.
5V
0
1
@
0
.
5A
u
V
t
a
e
c
n
a
t
i
c
a
p
a
C
n
o
i
t
c
n
u
J
l
a
c
i
p
y
T
R
V
0
=C
J
0
5F
p
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
m
u
m
i
x
a
MRθ
A
J
0
0
3
O
W
/
C
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
d
n
a
n
o
i
t
c
n
u
J
g
n
i
t
a
r
e
p
OT
J
5
2
1
+
o
t
5
5
-
O C
SURFACE MOUNT SCHOTTKY BARRIER
VOLTAGE
20 to 40 Volts
0.35 Ampers
FEATURES
• Low turn-on voltage
• Fast switching
• PN Junction Guard Ring for Transient and ESD Protection.
• In compliance with EU RoHS 2002/95/EC directives
MECHANICAL DATA
• Case: SOD-323, Plastic
• Terminals: Solderable per MIL-STD-750, Method 2026
• Approx. Weight: 0.01 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25OC ambient temperature unless otherwise specified. For capacitive load, derate current by 20%.
CURRENT
1
2
Cathode
Anode


Podobny numer części - SD103AWS_07

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pan Jit International I...
SD103AWS PANJIT-SD103AWS_04 Datasheet
152Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER
logo
Won-Top Electronics
SD103AWS WTE-SD103AWS_06 Datasheet
46Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Diodes Incorporated
SD103AWS DIODES-SD103AWS_08 Datasheet
112Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
S30101 Rev. 16 - 2
More results

Podobny opis - SD103AWS_07

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pan Jit International I...
BAT42WS PANJIT-BAT42WS Datasheet
113Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER
SD103AWS PANJIT-SD103AWS Datasheet
56Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER
logo
Taiwan Semiconductor Co...
TSS42U TSC-TSS42U_14 Datasheet
186Kb / 4P
   Surface Mount Schottky Barrier
logo
Pan Jit International I...
BAT54TG PANJIT-BAT54TG_09 Datasheet
111Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT42W PANJIT-BAT42W_16 Datasheet
211Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT54 PANJIT-BAT54_16 Datasheet
147Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT54FN2 PANJIT-BAT54FN2_16 Datasheet
191Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT54FN2-AU PANJIT-BAT54FN2-AU Datasheet
194Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT54STB-AU PANJIT-BAT54STB-AU_16 Datasheet
246Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT54TB PANJIT-BAT54TB_16 Datasheet
279Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT54TM PANJIT-BAT54TM_16 Datasheet
146Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com