Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC13233C Arkusz danych(PDF) 10 Page - Freescale Semiconductor, Inc

Numer części MC13233C
Szczegółowy opis  Low Cost SoC Remote Control Platform for the 2.4 GHz IEEE짰
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FREESCALE [Freescale Semiconductor, Inc]
Strona internetowa  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC13233C Arkusz danych(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MC13233C Datasheet HTML 6Page - Freescale Semiconductor, Inc MC13233C Datasheet HTML 7Page - Freescale Semiconductor, Inc MC13233C Datasheet HTML 8Page - Freescale Semiconductor, Inc MC13233C Datasheet HTML 9Page - Freescale Semiconductor, Inc MC13233C Datasheet HTML 10Page - Freescale Semiconductor, Inc MC13233C Datasheet HTML 11Page - Freescale Semiconductor, Inc MC13233C Datasheet HTML 12Page - Freescale Semiconductor, Inc MC13233C Datasheet HTML 13Page - Freescale Semiconductor, Inc MC13233C Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
MC1323x Advance Information, Rev. 1.2
10
Freescale Semiconductor
— Direct — Operand in memory at 0x0000–0x00FF
— Extended — Operand anywhere in 64-KB address space
— Indexed relative to H:X — Five submodes including auto increment
— Indexed relative to SP — Improves C efficiency dramatically
Memory-to-memory data move instructions with four address mode combinations
Overflow, half-carry, negative, zero, and carry condition codes support conditional branching on
the results of signed, unsigned, and binary-coded decimal (BCD) operations
Efficient bit manipulation instructions
Fast 8-bit by 8-bit multiply and 16-bit by 8-bit divide instructions
STOP and WAIT instructions to invoke low-power operating modes
5
System Clocks
The primary system reference frequency is a 32 MHz crystal oscillator. The crystal requirements for the
oscillator and oscillator performance must support a +/-40 ppm frequency accuracy to meet the IEEE
802.15.4 Standard requirements. All system clocks are generated from this source. Features of the clock
system include:
The 32 MHz reference oscillator has onboard programmable capacitive loading that allows
software tuning of frequency accuracy
CPU clock as high as 32 MHz
Bus clock (and peripheral clock) equals 1/2 CPU clock
Clocks to individual peripherals can be independently disabled for best power management.
CPU clock can be lowered to 500 kHz for lower power (250 kHz bus clock)
An optional 32.768 kHz crystal oscillator is available for accurate low power timing and the Real Time
Clock (RTC). Also, an onboard, low accuracy 1 kHz oscillator is available for sleep timing wake-up.
6Memory
The MC1323x memory resources consist of RAM, FLASH program memory for nonvolatile data storage,
and control/status registers for I/O, peripherals, management, and the transceiver. Features include:
80 KB FLASH (81920dec) bytes organized as 80 segments of 1024 byte/segment)
5 KB RAM
Security circuitry to prevent unauthorized access to RAM and FLASH contents


Podobny numer części - MC13233C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Freescale Semiconductor...
MC13233C FREESCALE-MC13233C Datasheet
514Kb / 38P
   Low Cost SoC Remote Control Platform for the 2.4 GHz IEEE짰 802.15.4 Standard
MC13233CR2 FREESCALE-MC13233CR2 Datasheet
514Kb / 38P
   Low Cost SoC Remote Control Platform for the 2.4 GHz IEEE짰 802.15.4 Standard
More results

Podobny opis - MC13233C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Freescale Semiconductor...
MC1323X FREESCALE-MC1323X_1 Datasheet
514Kb / 38P
   Low Cost SoC Remote Control Platform for the 2.4 GHz IEEE짰 802.15.4 Standard
MC13211 FREESCALE-MC13211_08 Datasheet
871Kb / 70P
   ZigBee?? Compliant Platform -2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
MC13211 FREESCALE-MC13211 Datasheet
867Kb / 70P
   ZigBee?? Compliant Platform - 2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
MC1321X FREESCALE-MC1321X_09 Datasheet
862Kb / 70P
   ZigBee?? Compliant Platform - 2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
MC1321X FREESCALE-MC1321X Datasheet
870Kb / 70P
   ZigBee?? Compliant Platform - 2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
logo
NXP Semiconductors
MC1321X NXP-MC1321X Datasheet
1Mb / 70P
   ZigBee?? Compliant Platform -2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
Rev. 1.8 08/2009
logo
Freescale Semiconductor...
MC13202_0812 FREESCALE-MC13202_0812 Datasheet
366Kb / 30P
   2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard
MC1322X FREESCALE-MC1322X Datasheet
413Kb / 54P
   Advanced ZigBee?? Compliant Platform-in-Package (PiP) for the 2.4 GHz IEEE짰 802.15.4 Standard
MC13192 FREESCALE-MC13192_07 Datasheet
329Kb / 24P
   2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard
MC13201 FREESCALE-MC13201_07 Datasheet
349Kb / 28P
   2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com