Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

UF100 Arkusz danych(PDF) 1 Page - Pan Jit International Inc.

Numer części UF100
Szczegółowy opis  ULTRAFAST RECOVERY RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PANJIT [Pan Jit International Inc.]
Strona internetowa  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

UF100 Arkusz danych(HTML) 1 Page - Pan Jit International Inc.

  UF100_09 Datasheet HTML 1Page - Pan Jit International Inc. UF100_09 Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PAGE . 1
STAD-FEB.12.2009
UF100~UF1010
FEATURES
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-O utilizing
Flame Retardant Epoxy Molding Compound
• Exceeds environmental standards of MIL-S-19500/228.
• Ultra Fast switching for high efficiency.
• In compliance with EU RoHS 2002/95/EC directives
ULTRAFAST RECOVERY RECTIFIER
NOTES:
1. Measured at 1 MHz and applied reverse voltage of 4.0 VDC.
2. Thermal Resistance from Junction to Ambient and from Junction to lead length 0.375”(9.5mm) P.C.B. mounted.
3. Reverse Recovery Time IF=.5A ,IR=1A , Irr=.25A
DO-41
Unit: inch(mm)
.034(.86)
.107(2.7)
.028(.71)
.080(2.0)
50 to 1000 Volts
1.0 Amperes
CURRENT
VOLTAGE
MAXIMUM RATINGSAND ELECTRICALCHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified. Resistive or inductive load, 60Hz.
R
E
T
E
M
A
R
A
PL
O
B
M
Y
S
0
0
1
F
U1
0
1
F
U2
0
1
F
U4
0
1
F
U6
0
1
F
U8
0
1
F
U0
1
0
1
F
U
S
T
I
N
U
e
g
a
t
l
o
V
e
s
r
e
v
e
R
k
a
e
P
t
n
e
r
r
u
c
e
R
m
u
m
i
x
a
M
V
M
R
R
0
50
0
10
0
20
0
40
0
60
0
80
0
0
1V
e
g
a
t
l
o
V
S
M
R
m
u
m
i
x
a
M
V
S
M
R
5
30
70
4
10
8
20
2
40
6
50
0
7V
e
g
a
t
l
o
V
g
n
i
k
c
o
l
B
C
D
m
u
m
i
x
a
M
V
C
D
0
50
0
10
0
20
0
40
0
60
0
80
0
0
1V
)
m
m
5
.
9
(
"
5
7
3
.
t
n
e
r
r
u
C
d
r
a
w
r
o
F
e
g
a
r
e
v
A
m
u
m
i
x
a
M
T
t
a
h
t
g
n
e
l
d
a
e
l
A
5
5
=
O C
I
(
F)
V
A
0
.
1A
e
v
a
w
-
e
n
i
s
f
l
a
h
e
l
g
n
i
s
s
m
3
.
8
:
t
n
e
r
r
u
C
e
g
r
u
S
d
r
a
w
r
o
F
k
a
e
P
)
d
o
h
t
e
m
C
E
D
E
J
(
d
a
o
l
d
e
t
a
r
n
o
d
e
s
o
p
m
i
r
e
p
u
s
I
M
S
F
0
3A
A
0
.
1
t
a
e
g
a
t
l
o
V
d
r
a
w
r
o
F
m
u
m
i
x
a
M
V
F
0
.
13
.
17
.
1V
T
t
a
t
n
e
r
r
u
C
e
s
r
e
v
e
R
C
D
m
u
m
i
x
a
M
J
5
2
=
O C
T
e
g
a
t
l
o
V
g
n
i
k
c
o
l
B
C
D
d
e
t
a
R
J
0
0
1
=
O C
I
R
0
.
0
1
0
0
5
µA
)
1
e
t
o
N
(
e
c
n
a
t
i
c
a
p
a
c
n
o
i
t
c
n
u
J
l
a
c
i
p
y
T
C
J
7
1F
p
)
2
e
t
o
N
(
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
l
a
c
i
p
y
T
Rθ
A
J
0
6
O
W
/
C
)
3
e
t
o
N
(
e
m
i
T
y
r
e
v
o
c
e
R
e
s
r
e
v
e
R
m
u
m
i
x
a
M
t
r
r
0
55
7s
n
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
d
n
a
n
o
i
t
c
n
u
J
g
n
i
t
a
r
e
p
O
T
J T
,
G
T
S
0
5
1
+
o
t
5
5
-
O C
MECHANICALDATA
• Case: Molded plastic, DO-41
• Terminals: Axial leads, solderable per MIL-STD-750,Method 2026
• Polarity: Band denotes cathode
• Mounting Position: Any
• Weight: 0.0118 ounce, 0.336 gram


Podobny numer części - UF100_09

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microsemi Corporation
UF10060 MICROSEMI-UF10060 Datasheet
136Kb / 2P
   100 amp ultra fast rectifiers
logo
Pan Jit International I...
UF100 PANJIT-UF100_04 Datasheet
93Kb / 2P
   ULTRAFAST RECOVERY RECTIFIER
More results

Podobny opis - UF100_09

ProducentNumer częściArkusz danychSzczegółowy opis
logo
New Jersey Semi-Conduct...
MUR3060 NJSEMI-MUR3060 Datasheet
71Kb / 2P
   Ultrafast Recovery Rectifier
logo
Sensitron
SS6620 SENSITRON-SS6620 Datasheet
57Kb / 3P
   Ultrafast Recovery Rectifier
logo
New Jersey Semi-Conduct...
MUR1650CT NJSEMI-MUR1650CT Datasheet
73Kb / 2P
   Ultrafast Recovery Rectifier
logo
Solid States Devices, I...
RC0138B SSDI-RC0138B_15 Datasheet
74Kb / 2P
   ULTRAFAST RECOVERY RECTIFIER
logo
Inchange Semiconductor ...
DPG10I300PA ISC-DPG10I300PA Datasheet
293Kb / 2P
   Ultrafast Recovery Rectifier
MUR1540 ISC-MUR1540 Datasheet
85Kb / 2P
   Ultrafast Recovery Rectifier
STTH60L06C ISC-STTH60L06C Datasheet
277Kb / 2P
   Ultrafast Recovery Rectifier
STTH8L06FP ISC-STTH8L06FP Datasheet
280Kb / 2P
   Ultrafast Recovery Rectifier
logo
Rectron Semiconductor
MUR1680C RECTRON-MUR1680C Datasheet
124Kb / 5P
   ULTRAFAST RECOVERY RECTIFIER
logo
Inchange Semiconductor ...
RFVS8TJ6S ISC-RFVS8TJ6S Datasheet
279Kb / 2P
   Ultrafast Recovery Rectifier
MUR8100D ISC-MUR8100D Datasheet
302Kb / 2P
   Ultrafast Recovery Rectifier
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com