Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC13233CR2 Arkusz danych(PDF) 3 Page - Freescale Semiconductor, Inc

Numer części MC13233CR2
Szczegółowy opis  Low Cost SoC Remote Control Platform for the 2.4 GHz IEEE짰
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FREESCALE [Freescale Semiconductor, Inc]
Strona internetowa  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC13233CR2 Arkusz danych(HTML) 3 Page - Freescale Semiconductor, Inc

  MC13233CR2 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC13233CR2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC13233CR2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC13233CR2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC13233CR2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC13233CR2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC13233CR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC13233CR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC13233CR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
MC1323x Advance Information, Rev. 1.2
Freescale Semiconductor
3
2.2
Features Summary
Fully compliant IEEE 802.15.4 Standard 2006 transceiver supports 250 kbps O-QPSK data in 5.0
MHz channels and full spread-spectrum encode and decode
— 2.4GHz
— Operates on one of 16 selectable channels per IEEE 802.15.4
— Programmable output power with 0 dBm nominal output power, programmable from -30 dBm
to +3 dBm typical
— Receive sensitivity of -94 dBm (typical) at 1% PER, 20-byte packet, much better than the IEEE
802.15.4 Standard of -85 dBm
— Partial Power Down (PPD) “listen” mode available to reduce current while in receive mode and
waiting for an incoming frame
Small RF footprint
— Integrated transmit/receive switch
— Differential input/output port (typically used with a balun)
— Low external component count
Hardware acceleration for IEEE® 802.15.4 applications
— DMA interface
— AES-128 Security module
— 16-Bit random number generator
— 802.15.4 Auto-sequence support
— 802.15.4 Receiver Frame filtering
32 MHz crystal reference oscillator; onboard load trim capability supplements external load
capacitors
Onboard 1 kHz oscillator for wake-up timing or an optional 32.768 kHz crystal for accurate low
power timing.
Transceiver Event Timer module has 4 timer comparators available to help manage the
auto-sequencer and to supplement MCU TPM resources
HCS08 8-bit, 32 MHz CPU
82 KB (81920dec) FLASH memory
— 81920dec Bytes organized as 80 segments by 1024 bytes
— Programmable over the full power supply range of 1.8 - 3.6 V
— Automated program and erase algorithms
— Flexible protection scheme to prevent accidental program or erase
— Security feature to prevent unauthorized access to the FLASH
5 KB RAM
Powerful In-circuit debug and FLASH programming available via on-chip module (BDM)
— Two comparator and 9 trigger modes
— Eight deep FIFO for storing change-of-flow addresses and event-only data


Podobny numer części - MC13233CR2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Freescale Semiconductor...
MC13233CR2 FREESCALE-MC13233CR2 Datasheet
514Kb / 38P
   Low Cost SoC Remote Control Platform for the 2.4 GHz IEEE짰 802.15.4 Standard
More results

Podobny opis - MC13233CR2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Freescale Semiconductor...
MC1323X FREESCALE-MC1323X_1 Datasheet
514Kb / 38P
   Low Cost SoC Remote Control Platform for the 2.4 GHz IEEE짰 802.15.4 Standard
MC13211 FREESCALE-MC13211_08 Datasheet
871Kb / 70P
   ZigBee?? Compliant Platform -2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
MC13211 FREESCALE-MC13211 Datasheet
867Kb / 70P
   ZigBee?? Compliant Platform - 2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
MC1321X FREESCALE-MC1321X_09 Datasheet
862Kb / 70P
   ZigBee?? Compliant Platform - 2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
MC1321X FREESCALE-MC1321X Datasheet
870Kb / 70P
   ZigBee?? Compliant Platform - 2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
logo
NXP Semiconductors
MC1321X NXP-MC1321X Datasheet
1Mb / 70P
   ZigBee?? Compliant Platform -2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
Rev. 1.8 08/2009
logo
Freescale Semiconductor...
MC13202_0812 FREESCALE-MC13202_0812 Datasheet
366Kb / 30P
   2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard
MC1322X FREESCALE-MC1322X Datasheet
413Kb / 54P
   Advanced ZigBee?? Compliant Platform-in-Package (PiP) for the 2.4 GHz IEEE짰 802.15.4 Standard
MC13192 FREESCALE-MC13192_07 Datasheet
329Kb / 24P
   2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard
MC13201 FREESCALE-MC13201_07 Datasheet
349Kb / 28P
   2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com